Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

896-46-009-90 Datasheet(PDF) 1 Page - Mill-Max Mfg. Corp.

Part # 896-46-009-90
Description  USB Socket Type A USB 3.0 Single Row Through Hole
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MILL-MAX [Mill-Max Mfg. Corp.]
Direct Link  http://www.mill-max.com
Logo MILL-MAX - Mill-Max Mfg. Corp.

896-46-009-90 Datasheet(HTML) 1 Page - Mill-Max Mfg. Corp.

  896-46-009-90 Datasheet HTML 1Page - Mill-Max Mfg. Corp. 896-46-009-90 Datasheet HTML 2Page - Mill-Max Mfg. Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
 Product Number: 896-46-009-90-300000
Description:
USB Socket
Type A
USB 3.0
Single Row
Through Hole
Plating Code:
46
Shell Plating:
Tin Plated
Inner Contact Plating:
Gold Flash over Pd-Ni
Packaging:
Packaged in Trays
#
Of
Pins
Qty.
per
Tray
Mill-Max
Part
Number
RoHS
Compliant
9
100
896-46-009-90-300000
 INSULATOR INFORMATION:
PBT* Polyester, (Valox 420-SEO, black), Self-extinguishing, rated UL94V-0
High Temperature
Properties of PBT Polyester:
Brand: Valox
Grade: 420-SEO
Color: Black
Rated voltage: 100 VRMS/150 VDC
Insulation resistance: 10,000 Megaohms min.
Dielectric strength: 1000 VRMS min. (700 VRMS min. for series 117 Shrink DIP)
Material Heat Deflection Temp (per ASTM D 648): 420°F(216°C) @ 66 psi
Resistant to detergents, mineral acids, solvents, greases and oils (short time)
Certificate of Compliance:
This is to Certify that the product described above is manufactured to Mill-Max quality standards in accordance with all
applicable specifications and drawing. Mill-Max certifies this product to be free from defects of materials and workmanship.
This Certificate of Compliance covers the following requirements:
Dimensional (all features verified to be within tolerances described on the applicable drawing).
Raw Material (materials and properties verified to be as described on the applicable drawing).
Plating (platings as required, thickness verified, and performance including solderability per mil-standard).
Mill-Max Mfg. Corp. Datasheet — Last Modified 2/22/2013
Page 1 of 2


Similar Part No. - 896-46-009-90

ManufacturerPart #DatasheetDescription
logo
Mill-Max Mfg. Corp.
896-43-005-00-100001 MILL-MAX-896-43-005-00-100001 Datasheet
147Kb / 1P
   MISCELLANEOUS CONNECTORS Mini Universal Serial Bus Surface Mount Sockets
More results

Similar Description - 896-46-009-90

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
GSB311131HR AMPHENOL-GSB311131HR Datasheet
98Kb / 1P
   USB 3.0 Type A. Right Angle, Receptacle, Through Hole, Standard Type
logo
Global Connector Techno...
USB1086 GCT-USB1086 Datasheet
300Kb / 2P
   USB 3.0 Receptacle, Type A,Through Hole, Vertical, Top Mount
06th January 2020
USB1135 GCT-USB1135 Datasheet
307Kb / 2P
   USB 3.0 Receptacle, Type A,Through Hole, Horizontal, Top Mount
6th August 2020
logo
Mill-Max Mfg. Corp.
897-10-010-00 MILL-MAX-897-10-010-00 Datasheet
112Kb / 2P
   USB Socket Type B; Single; Vertical Surface Mount Micro USB 3.0 Single Row Surface Mount
logo
Pulse A Technitrol Comp...
E8199-001-01 PULSE-E8199-001-01 Datasheet
270Kb / 2P
   USB 3.0 A TYPE RECEPTACLE
E8199-060-01 PULSE-E8199-060-01 Datasheet
180Kb / 2P
   USB 3.0 A TYPE PLUG
logo
Wurth Elektronik GmbH &...
692122030100 WURTH-692122030100 Datasheet
708Kb / 2P
   USB 3.0 HORIZONTAL TYPE A
692121030100 WURTH-692121030100 Datasheet
750Kb / 2P
   USB 3.0 HORIZONTAL TYPE A
692141030100 WURTH-692141030100 Datasheet
670Kb / 2P
   USB 3.0 STACKED TYPE A
logo
Qualtek Electronics Cor...
3023013-02M QUALTEK-3023013-02M Datasheet
633Kb / 1P
   USB 3.0 A/M - USB 3.0 A/M
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com