Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL78223 Datasheet(PDF) 9 Page - Intersil Corporation

Part # ISL78223
Description  ZVS Full-Bridge PWM Controller with Adjustable Synchronous Rectifier Control
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL78223 Datasheet(HTML) 9 Page - Intersil Corporation

Back Button ISL78223 Datasheet HTML 5Page - Intersil Corporation ISL78223 Datasheet HTML 6Page - Intersil Corporation ISL78223 Datasheet HTML 7Page - Intersil Corporation ISL78223 Datasheet HTML 8Page - Intersil Corporation ISL78223 Datasheet HTML 9Page - Intersil Corporation ISL78223 Datasheet HTML 10Page - Intersil Corporation ISL78223 Datasheet HTML 11Page - Intersil Corporation ISL78223 Datasheet HTML 12Page - Intersil Corporation ISL78223 Datasheet HTML 13Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
ISL78223
9
FN7936.1
January 2, 2013
SOFT-START
Charging Current (Sourcing)
SS = 3V
55
70
81
µA
SS Clamp Voltage
4.4
4.500
4.65
V
SS Discharge Current
SS = 2V
10
30
-
mA
Reset Threshold Voltage
TA = +25°C
0.23
0.27
0.33
V
OUTPUT
High Level Output Voltage (VOH)
IOUT = 10mA, VDD - VOH
-
0.5
1.0
V
Low Level Output Voltage (VOL)
IOUT = -10mA, VOL - GND
-
0.3
1.0
V
Rise Time
COUT = 220pF, VDD = 15V (Note 7)
-
110
200
ns
Fall Time
COUT = 220pF, VDD = 15V (Note 7)
-
90
150
ns
UVLO Output Voltage Clamp
VDD = 7V, ILOAD = 1mA (Note 9)
-
-
1.25
V
Output Delay/Advance Range
OUTLLN/OUTLRN Relative to OUTLL/OUTLR
VADJ = 2.50V (Note 7)
-
2
-
ns
VADJ < 2.425V (Note 7)
-40
-
-300
ns
VADJ > 2.575V (Note 7)
40
-
300
ns
Delay/Advance Control Voltage Range
OUTLLN/OUTLRN Relative to OUTLL/OUTLR
OUTLxN Delayed (Note 7)
2.575
-
5.000
V
OUTLxN Advanced (Note 7)
0
-
2.425
V
VADJ Delay Time
TA = +25°C (OUTLx Delayed) (Note 10)
VADJ = 0
-
300
-
ns
VADJ = 0.5V
-
105
-
ns
VADJ = 1.0V
-
70
-
ns
VADJ = 1.5V
-
55
-
ns
VADJ = 2.0V
-
50
-
ns
TA = +25°C (OUTLxN Delayed)
VADJ = VREF
-
300
-
ns
VADJ = VREF - 0.5V
-
100
-
ns
VADJ = VREF - 1.0V
-
68
-
ns
VADJ = VREF - 1.5V
-
55
-
ns
VADJ = VREF - 2.0V
-
48
-
ns
THERMAL PROTECTION
Thermal Shutdown
(Note 7)
-
140
-
°C
Thermal Shutdown Clear
(Note 7)
-
125
-
°C
Hysteresis, Internal Protection
(Note 7)
-
15
-
°C
NOTES:
7. Limits established by characterization and are not production tested.
8. This is the maximum duty cycle achievable using the specified values of RTD and CT. Larger or smaller maximum duty cycles may be obtained using
other values for these components. See Equations 1 through 3.
9. Adjust VDD below the UVLO stop threshold prior to setting at 7V.
10. When OUTLx is delayed relative to OUTLxN (VADJ < 2.425V), the delay duration as set by VADJ should not exceed 90% of the CT discharge time
(deadtime) as determined by CT and RTD.
11. Parameters with MIN and/or MAX limits are 100% tested at +25°C, unless otherwise specified. Temperature limits established by characterization
and are not production tested.
Electrical Specifications Recommended operating conditions unless otherwise noted. Refer to “Functional Block Diagram” on page 2
and “Typical Application” schematics beginning on page 3. 9V < VDD < 20V, RTD = 10.0kΩ, CT = 470pF, TA = -40°C to +105°C, Typical values are at
TA = +25°C. Boldface limits apply over the operating temperature range, -40°C to +105°C. (Continued)
PARAMETER
TEST CONDITIONS
MIN
(Note 11)
TYP
MAX
(Note 11)
UNITS


Similar Part No. - ISL78223

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL78223 RENESAS-ISL78223 Datasheet
1Mb / 20P
   ZVS Full-Bridge PWM Controller with Adjustable Synchronous Rectifier Control
ISL78223AAZ RENESAS-ISL78223AAZ Datasheet
1Mb / 20P
   ZVS Full-Bridge PWM Controller with Adjustable Synchronous Rectifier Control
More results

Similar Description - ISL78223

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6754 INTERSIL-ISL6754 Datasheet
539Kb / 19P
   ZVS Full-Bridge PWM Controller with Adjustable Synchronous Rectifier Control
logo
Renesas Technology Corp
ISL78223 RENESAS-ISL78223 Datasheet
1Mb / 20P
   ZVS Full-Bridge PWM Controller with Adjustable Synchronous Rectifier Control
ISL6754 RENESAS-ISL6754 Datasheet
1Mb / 20P
   ZVS Full-Bridge PWM Controller with Adjustable Synchronous Rectifier Control
logo
Intersil Corporation
ISL6754AAZA INTERSIL-ISL6754AAZA Datasheet
536Kb / 19P
   ZVS Full-Bridge PWM Controller with Adjustable Synchronous Rectifier Control
September 29, 2008
ISL6752AAZA-T INTERSIL-ISL6752AAZA-T Datasheet
466Kb / 16P
   ZVS Full-Bridge Current-Mode PWM with Adjustable Synchronous Rectifier Control
ISL6752 INTERSIL-ISL6752_06 Datasheet
447Kb / 16P
   ZVS Full-Bridge Current-Mode PWM with Adjustable Synchronous Rectifier Control
ISL6752 INTERSIL-ISL6752 Datasheet
466Kb / 16P
   ZVS Full-Bridge Current-Mode PWM with Adjustable Synchronous Rectifier Control
logo
Renesas Technology Corp
ISL6752 RENESAS-ISL6752 Datasheet
964Kb / 18P
   ZVS Full-Bridge Current-Mode PWM with Adjustable Synchronous Rectifier Control
logo
Intersil Corporation
ISL6752AAZA INTERSIL-ISL6752AAZA Datasheet
463Kb / 16P
   ZVS Full-Bridge Current-Mode PWM with Adjustable Synchronous Rectifier Control
October 31, 2008
ISL6551IBZ INTERSIL-ISL6551IBZ Datasheet
652Kb / 27P
   ZVS Full Bridge PWM Controller
April 30, 2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com