Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADM8695 Datasheet(PDF) 7 Page - Analog Devices

Part # ADM8695
Description  Microprocessor Supervisory Circuits
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM8695 Datasheet(HTML) 7 Page - Analog Devices

Back Button ADM8695 Datasheet HTML 3Page - Analog Devices ADM8695 Datasheet HTML 4Page - Analog Devices ADM8695 Datasheet HTML 5Page - Analog Devices ADM8695 Datasheet HTML 6Page - Analog Devices ADM8695 Datasheet HTML 7Page - Analog Devices ADM8695 Datasheet HTML 8Page - Analog Devices ADM8695 Datasheet HTML 9Page - Analog Devices ADM8695 Datasheet HTML 10Page - Analog Devices ADM8695 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
ADM8690–ADM8695
REV. 0
–7–
Table I. ADM8691, ADM8693, ADM8695 Reset Pulse Width and Watchdog Timeout Selections
Watchdog Timeout Period
Reset Active Period
Immediately
OSC SEL
OSC IN
Normal
After Reset
ADM8691/ADM8693
ADM8695
Low
External Clock Input
1024 CLKS
4096 CLKS
512 CLKS
2048 CLKS
Low
External Capacitor
400 ms
× C/47 pF
1.6 s
× C/47 pF
200 ms
× C/47 pF
520 ms
× C/47 pF
Floating or High
Low
100 ms
1.6 s
50 ms
200 ms
Floating or High
Floating or High
1.6 s
1.6 s
50 ms
200 ms
NOTE
With the OSC SEL pin low, OSC IN can be driven by an external clock signal, or an external capacitor can be connected between OSC IN and GND. The nominal
internal oscillator frequency is 10.24 kHz. The nominal oscillator frequency with external capacitor is: F OSC (Hz) = 184,000/C (pF)
On the ADM8690/ADM8692 the watchdog timeout period is
fixed at 1.6 seconds and the reset pulse width is fixed at 50 ms.
On the ADM8694 the watchdog timeout period is also 1.6 sec-
onds but the reset pulse width is fixed at 200 ms. The ADM8691/
ADM8693/ADM8695 allow these times to be adjusted as
shown in Table I. Figure 4 shows the various oscillator configu-
rations that can be used to adjust the reset pulse width and
watchdog timeout period.
The internal oscillator is enabled when OSC SEL is high or
floating. In this mode, OSC IN selects between the 1.6 second
and 100 ms watchdog timeout periods. With OSC IN connected
high or floating, the 1.6 second timeout period is selected; while
with it connected low, the 100 ms timeout period is selected. In
either case, immediately after a reset the timeout period is 1.6
seconds. This gives the microprocessor time to reinitialize the
system. If OSC IN is low, then the 100 ms watchdog period be-
comes effective after the first transition of WDI. The software
should be written such that the I/O port driving WDI is left in
its power-up reset state until the initialization routines are com-
pleted and the microprocessor is able to toggle WDI at the mini-
mum watchdog timeout period of 70 ms.
Watchdog Output (WDO)
The Watchdog Output
WDO (ADM8691/ADM8693/
ADM8695) provides a status output which goes low if the
watchdog timer “times out” and remains low until set high by
the next transition on the Watchdog Input.
WDO is also set
high when VCC goes below the reset threshold.
8
7
CLOCK
0 TO 500kHz
OSC SEL
OSC IN
ADM8691
ADM8693
ADM8695
Figure 4a. External Clock Source
8
7
OSC SEL
OSC IN
ADM8691
ADM8693
ADM8695
COSC
Figure 4b. External Capacitor
8
7
NC
NC
OSC SEL
OSC IN
ADM8691
ADM8693
ADM8695
Figure 4c. Internal Oscillator (1.6 Second Watchdog)
8
7
OSC SEL
OSC IN
ADM8691
ADM8693
ADM8695
NC
Figure 4d. Internal Oscillator (100 ms Watchdog)


Similar Part No. - ADM8695

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM8695 AD-ADM8695 Datasheet
183Kb / 16P
   Microprocessor Supervisory Circuits
REV. 0
ADM8695 AD-ADM8695 Datasheet
392Kb / 24P
   Microprocessor Supervisory Circuits
Rev. C
ADM8695AN AD-ADM8695AN Datasheet
183Kb / 16P
   Microprocessor Supervisory Circuits
REV. 0
ADM8695ARW AD-ADM8695ARW Datasheet
183Kb / 16P
   Microprocessor Supervisory Circuits
REV. 0
ADM8695ARW AD-ADM8695ARW Datasheet
392Kb / 24P
   Microprocessor Supervisory Circuits
Rev. C
More results

Similar Description - ADM8695

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC690 LINER-LTC690 Datasheet
141Kb / 16P
   Microprocessor Supervisory Circuits
logo
Maxim Integrated Produc...
MAX690 MAXIM-MAX690 Datasheet
626Kb / 16P
   Microprocessor Supervisory Circuits
Rev 2; 4/95
MAX690A MAXIM-MAX690A Datasheet
98Kb / 12P
   Microprocessor Supervisory Circuits
Rev 3; 9/93
logo
Analog Devices
ADM690A AD-ADM690A Datasheet
327Kb / 8P
   Microprocessor Supervisory Circuits
REV. 0
ADM8690ADM8695 AD-ADM8690ADM8695 Datasheet
183Kb / 16P
   Microprocessor Supervisory Circuits
REV. 0
ADM8698 AD-ADM8698 Datasheet
95Kb / 4P
   Microprocessor Supervisory Circuits
REV. 0
ADM805LM AD-ADM805LM_15 Datasheet
334Kb / 8P
   Microprocessor Supervisory Circuits
REV. 0
ADM692A AD-ADM692A_15 Datasheet
334Kb / 8P
   Microprocessor Supervisory Circuits
REV. 0
ADM693 AD-ADM693_15 Datasheet
291Kb / 16P
   Microprocessor Supervisory Circuits
REV. A
ADM706P AD-ADM706P_15 Datasheet
333Kb / 16P
   Microprocessor Supervisory Circuits
REV. D
logo
Linear Technology
LTC691 LINER-LTC691_15 Datasheet
270Kb / 20P
   Microprocessor Supervisory Circuits
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com