Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AOZ1034 Datasheet(PDF) 17 Page - Alpha & Omega Semiconductors

Part # AOZ1034
Description  EZBuck??4A Synchronous Buck Regulator
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors

AOZ1034 Datasheet(HTML) 17 Page - Alpha & Omega Semiconductors

Back Button AOZ1034 Datasheet HTML 10Page - Alpha & Omega Semiconductors AOZ1034 Datasheet HTML 11Page - Alpha & Omega Semiconductors AOZ1034 Datasheet HTML 12Page - Alpha & Omega Semiconductors AOZ1034 Datasheet HTML 13Page - Alpha & Omega Semiconductors AOZ1034 Datasheet HTML 14Page - Alpha & Omega Semiconductors AOZ1034 Datasheet HTML 15Page - Alpha & Omega Semiconductors AOZ1034 Datasheet HTML 16Page - Alpha & Omega Semiconductors AOZ1034 Datasheet HTML 17Page - Alpha & Omega Semiconductors AOZ1034 Datasheet HTML 18Page - Alpha & Omega Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 17 / 18 page
background image
AOZ1034
Rev. 1.1 September 2010
www.aosmd.com
Page 17 of 18
Tape and Reel Dimensions, Exposed Pad SO-8
Carrier Tape
Reel
Tape Size
12mm
Reel Size
ø330
M
ø330.00
±0.50
Package
SO-8
(12mm)
A0
6.40
±0.10
B0
5.20
±0.10
K0
2.10
±0.10
D0
1.60
±0.10
D1
1.50
±0.10
E
12.00
±0.10
E1
1.75
±0.10
E2
5.50
±0.10
P0
8.00
±0.10
P1
4.00
±0.10
P2
2.00
±0.10
T
0.25
±0.10
N
ø97.00
±0.10
K0
UNIT: mm
B0
G
M
W1
S
K
H
N
W
V
R
Trailer Tape
300mm min. or
75 empty pockets
Components Tape
Orientation in Pocket
Leader Tape
500mm min. or
125 empty pockets
A0
P1
P2
Feeding Direction
P0
E2
E1
E
D0
T
D1
W
13.00
±0.30
W1
17.40
±1.00
H
ø13.00
+0.50/-0.20
K
10.60
S
2.00
±0.50
G
R
V
Leader/Trailer and Orientation
UNIT: mm


Similar Part No. - AOZ1034

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOZ1031 AOSMD-AOZ1031 Datasheet
925Kb / 15P
   EZBuck??3A Synchronous Buck Regulator
AOZ1031AI AOSMD-AOZ1031AI Datasheet
925Kb / 15P
   EZBuck??3A Synchronous Buck Regulator
AOZ1033AI AOSMD-AOZ1033AI Datasheet
908Kb / 15P
   EZBuck??3A Synchronous Buck Regulator
AOZ1036 AOSMD-AOZ1036 Datasheet
677Kb / 17P
   EZBuck??5A Synchronous Buck Regulator
AOZ1036DI AOSMD-AOZ1036DI Datasheet
676Kb / 17P
   EZBuck??5A Synchronous Buck Regulator
More results

Similar Description - AOZ1034

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOZ1024D AOSMD-AOZ1024D Datasheet
743Kb / 16P
   EZBuck??4A Synchronous Buck Regulator
AOZ1254 AOSMD-AOZ1254 Datasheet
560Kb / 13P
   4A EZBuck??Synchronous Buck Regulator
AOZ1052PI AOSMD-AOZ1052PI Datasheet
696Kb / 14P
   EZBuck??4A Synchronous Buck Regulator
AOZ1110 AOSMD-AOZ1110 Datasheet
702Kb / 16P
   4A Synchronous EZBuck Regulator
AOZ1284PI AOSMD-AOZ1284PI Datasheet
494Kb / 14P
   EZBuck??4A Simple Buck Regulator
AOZ1036DI AOSMD-AOZ1036DI Datasheet
676Kb / 17P
   EZBuck??5A Synchronous Buck Regulator
AOZ3054DI AOSMD-AOZ3054DI Datasheet
1Mb / 14P
   EZBuck 6A Synchronous Buck Regulator
AOZ1253 AOSMD-AOZ1253 Datasheet
562Kb / 13P
   3A EZBuck??Synchronous Buck Regulator
AOZ1073 AOSMD-AOZ1073 Datasheet
462Kb / 15P
   EZBuck 3A Synchronous Buck Regulator
AOZ1022DI AOSMD-AOZ1022DI Datasheet
842Kb / 17P
   EZBuck??3A Synchronous Buck Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com