Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

AOZ1034 Datasheet(PDF) 13 Page - Alpha & Omega Semiconductors

Part No. AOZ1034
Description  EZBuck™ 4A Synchronous Buck Regulator
Download  18 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  AOSMD [Alpha & Omega Semiconductors]
Homepage  http://www.aosmd.com
Logo 

AOZ1034 Datasheet(HTML) 13 Page - Alpha & Omega Semiconductors

Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
Rev. 1.1 September 2010
www.aosmd.com
Page 13 of 18
AOZ1034
Package Dimensions, 5x4 DFN-8
D
Index Area
(D/2 x E/2)
L
R
1
E2
E3
L1
D2
D3
aaa C
ccc C
ddd C
bbb
D/2
E/2
A3
b
A1
UNIT: mm
A
A
e
B
E
C
CA B
Seating
Plane
Pin #1 IDA
Notes:
1. Dimensions and tolerancing conform to ASME Y14.5M-1994.
2. All dimensions are in millimeters.
3. The location of the terminal #1 identifier and terminal numbering convention conforms to JEDEC publication 95 SP-002.
4. Dimension b applies to metallized terminal and is measured between 0.15mm and 0.30mm from the terminal tip. If the terminal has the
optional radius on the other end of the terminal, the dimension b should not be measured in that radius area.
5. Coplanarity applies to the terminals and all other bottom surface metallization.
6. Drawing shown are for illustration only.
Symbols
A
A1
A3
b
D
D2
D3
E
E2
E3
e
L
L1
R
aaa
bbb
ccc
ddd
Dimensions in millimeters
RECOMMENDED LAND PATTERN
SIDE VIEW
TOP VIEW
BOTTOM VIEW
Min.
0.80
0.00
0.35
1.975
1.625
2.500
2.050
0.600
0.400
Nom.
0.90
0.02
0.20 REF
0.40
5.00 BSC
2.125
1.775
4.00 BSC
2.650
2.200
0.95 BSC
0.700
0.500
0.30 REF
0.15
0.10
0.10
0.08
Max.
1.00
0.05
0.45
2.225
1.875
2.750
2.300
0.800
0.600
Symbols
A
A1
A3
b
D
D2
D3
E
E2
E3
e
L
L1
R
aaa
bbb
ccc
ddd
Dimensions in inches
Min.
0.031
0.000
0.014
0.078
0.064
0.098
0.081
0.024
0.016
Nom.
0.035
0.001
0.008 REF
0.016
0.197 BSC
0.084
0.070
0.157 BSC
0.104
0.087
0.037 BSC
0.028
0.020
0.012 REF
0.006
0.004
0.004
0.003
Max.
0.039
0.002
0.018
0.088
0.074
0.108
0.091
0.031
0.024


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn