Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PORTGPA Datasheet(PDF) 82 Page - Microchip Technology

Part # PORTGPA
Description  Digitally Enhanced Power Analog Controller with Integrated Synchronous Driver
Download  222 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PORTGPA Datasheet(HTML) 82 Page - Microchip Technology

Back Button PORTGPA Datasheet HTML 78Page - Microchip Technology PORTGPA Datasheet HTML 79Page - Microchip Technology PORTGPA Datasheet HTML 80Page - Microchip Technology PORTGPA Datasheet HTML 81Page - Microchip Technology PORTGPA Datasheet HTML 82Page - Microchip Technology PORTGPA Datasheet HTML 83Page - Microchip Technology PORTGPA Datasheet HTML 84Page - Microchip Technology PORTGPA Datasheet HTML 85Page - Microchip Technology PORTGPA Datasheet HTML 86Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 222 page
background image
MCP19111
DS22331A-page 82
 2013 Microchip Technology Inc.
13.3.1
OSCILLATOR DELAY UPON
POWER-UP, WAKE-UP AND
BASE FREQUENCY CHANGE
In applications where the OSCTUNE register is used to
shift the frequency of the internal oscillator, the
application should not expect the frequency of the
internal oscillator to stabilize immediately. In this case,
the frequency may shift gradually toward the new
value. The time for this frequency shift is less than eight
cycles of the base frequency.
On power up, the device is held in reset by the
power-up time, if the power-up timer is enabled.
Following a wake-up from Sleep mode or POR, an
internal delay of ~10 µs is invoked to allow the
memory bias to stabilize before program execution
can begin.
TABLE 13-1:
SUMMARY OF REGISTERS ASSOCIATED WITH CLOCK SOURCES
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Register
on Page
OSCTUNE
TUN4
TUN3
TUN2
TUN1
TUN0
81
Legend: — = unimplemented locations read as ‘0’. Shaded cells are not used by clock sources.
TABLE 13-2:
SUMMARY OF CALIBRATION WORD ASSOCIATED WITH CLOCK SOURCES
Name
Bits
Bit -/7
Bit -/6
Bit 13/5
Bit 12/4
Bit 11/3
Bit 10/2
Bit 9/1
Bit 8/0
Register
on Page
CALWD1
13:8
DOV3
DOV2
DOV1
DOV0
57
7:0
FCAL6
FCAL5
FCAL4
FCAL3
FCAL2
FCAL1
FCAL0
Legend: — = unimplemented locations read as ‘0’. Shaded cells are not used by clock sources.


Similar Part No. - PORTGPA

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
POR VISHAY-POR Datasheet
164Kb / 8P
   Analog Rectilinear Displacement Sensor
01-Jan-2022
logo
Level One
POR-0100 LVL1-POR-0100 Datasheet
168Kb / 2P
   Extends Cat.5 cable installations to beyond 100 meters
POR-0101 LVL1-POR-0101 Datasheet
495Kb / 3P
   High Power Midspan PoE compliant to simplify deployment and installation
POR-0102 LVL1-POR-0102 Datasheet
1Mb / 2P
   2-Port PoE Repeater
POR-0103 LVL1-POR-0103 Datasheet
473Kb / 3P
   High Power Midspan PoE compliant to simplify deployment and installation
More results

Similar Description - PORTGPA

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP19110 MICROCHIP-MCP19110 Datasheet
3Mb / 226P
   Digitally Enhanced Power Analog Controller with Integrated Synchronous Driver
11/29/12
MCP19110 MICROCHIP-MCP19110_16 Datasheet
3Mb / 226P
   Digitally-Enhanced Power Analog Controller
06/23/16
MCP19124 MICROCHIP-MCP19124 Datasheet
1Mb / 236P
   Digitally-Enhanced Power Analog Synchronous Low-Side Dual-Loop PWM Controller
06/23/16
MCP19116 MICROCHIP-MCP19116 Datasheet
3Mb / 246P
   Digitally Enhanced Power Analog Synchronous Low-Side PWM Controller with Improved 8k Word Core
07/14/15
MCP19116 MICROCHIP-MCP19116_V01 Datasheet
2Mb / 246P
   Digitally Enhanced Power Analog Synchronous Low-Side PWM Controller with Improved 8k Word Core
Revision D June 2020
logo
Renesas Technology Corp
ISL78268 RENESAS-ISL78268 Datasheet
1Mb / 34P
   55V Synchronous Buck Controller with Integrated 3A Driver
logo
Intersil Corporation
ISL78268 INTERSIL-ISL78268 Datasheet
1Mb / 33P
   55V Synchronous Buck Controller with Integrated 3A Driver
December 12, 2014
HIP5020 INTERSIL-HIP5020 Datasheet
128Kb / 15P
   Integrated-Power Buck Converter Controller with Synchronous Rectification
logo
Semtech Corporation
SC32300B SEMTECH-SC32300B Datasheet
533Kb / 18P
   Synchronous Power MOSFET Driver With Integrated 3.3V LDO
logo
Richtek Technology Corp...
RT8175A RICHTEK-RT8175A Datasheet
717Kb / 47P
   Single-Phase Controller with Integrated Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com