Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PORTGPA Datasheet(PDF) 67 Page - Microchip Technology

Part # PORTGPA
Description  Digitally Enhanced Power Analog Controller with Integrated Synchronous Driver
Download  222 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PORTGPA Datasheet(HTML) 67 Page - Microchip Technology

Back Button PORTGPA Datasheet HTML 63Page - Microchip Technology PORTGPA Datasheet HTML 64Page - Microchip Technology PORTGPA Datasheet HTML 65Page - Microchip Technology PORTGPA Datasheet HTML 66Page - Microchip Technology PORTGPA Datasheet HTML 67Page - Microchip Technology PORTGPA Datasheet HTML 68Page - Microchip Technology PORTGPA Datasheet HTML 69Page - Microchip Technology PORTGPA Datasheet HTML 70Page - Microchip Technology PORTGPA Datasheet HTML 71Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 222 page
background image
 2013 Microchip Technology Inc.
DS22331A-page 67
MCP19111
11.0
MEMORY ORGANIZATION
There are two types of memory in the MCP19111:
• Program Memory
• Data Memory
- Special Function Registers (SFRs)
- General Purpose RAM
11.1
Program Memory Organization
The MCP19111 has a 13-bit program counter capable
of addressing an 8K x 14 program memory space. Only
the
first
4K x 14
(0000h-0FFFh)
is
physically
implemented.
Addressing
a
location
above
this
boundary will cause a wrap-around within the first
4K x 14 space. The Reset vector is at 0000h and the
interrupt vector is at 0004h (see Figure 11-1). The width
of the program memory bus (instruction word) is
14-bits. Since all instructions are a single word, the
MCP19111 has space for 4K of instructions.
FIGURE 11-1:
PROGRAM MEMORY MAP
AND STACK FOR
MCP19111
Unimplemented
PC<12:0>
13
0000h
0004h
0005h
0FFFh
1FFFh
Stack Level 1
Stack Level 8
Reset Vector
Interrupt Vector
On-Chip Program
Memory
CALL, RETURN
RETFIE, RETLW
1000h
User IDs(1)
Device ID (hardcoded)(1)
Config Word(1)
2000h
2005h
2006h
2007h
200Ah
207Fh
20FFh
2003h
2004h
ICD Instruction(1)
Manufacturing Codes(1)
Note 1: Not code protected.
Shadows 000-FFFh
2008h
Reserved for
Manufacturing & Test(1)
2080h
Calibration Words(1)
200Bh
208Fh
2090h
Shadows 2000-20FFh
2100h
3FFFh
Reserved


Similar Part No. - PORTGPA

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
POR VISHAY-POR Datasheet
164Kb / 8P
   Analog Rectilinear Displacement Sensor
01-Jan-2022
logo
Level One
POR-0100 LVL1-POR-0100 Datasheet
168Kb / 2P
   Extends Cat.5 cable installations to beyond 100 meters
POR-0101 LVL1-POR-0101 Datasheet
495Kb / 3P
   High Power Midspan PoE compliant to simplify deployment and installation
POR-0102 LVL1-POR-0102 Datasheet
1Mb / 2P
   2-Port PoE Repeater
POR-0103 LVL1-POR-0103 Datasheet
473Kb / 3P
   High Power Midspan PoE compliant to simplify deployment and installation
More results

Similar Description - PORTGPA

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP19110 MICROCHIP-MCP19110 Datasheet
3Mb / 226P
   Digitally Enhanced Power Analog Controller with Integrated Synchronous Driver
11/29/12
MCP19110 MICROCHIP-MCP19110_16 Datasheet
3Mb / 226P
   Digitally-Enhanced Power Analog Controller
06/23/16
MCP19124 MICROCHIP-MCP19124 Datasheet
1Mb / 236P
   Digitally-Enhanced Power Analog Synchronous Low-Side Dual-Loop PWM Controller
06/23/16
MCP19116 MICROCHIP-MCP19116 Datasheet
3Mb / 246P
   Digitally Enhanced Power Analog Synchronous Low-Side PWM Controller with Improved 8k Word Core
07/14/15
MCP19116 MICROCHIP-MCP19116_V01 Datasheet
2Mb / 246P
   Digitally Enhanced Power Analog Synchronous Low-Side PWM Controller with Improved 8k Word Core
Revision D June 2020
logo
Renesas Technology Corp
ISL78268 RENESAS-ISL78268 Datasheet
1Mb / 34P
   55V Synchronous Buck Controller with Integrated 3A Driver
logo
Intersil Corporation
ISL78268 INTERSIL-ISL78268 Datasheet
1Mb / 33P
   55V Synchronous Buck Controller with Integrated 3A Driver
December 12, 2014
HIP5020 INTERSIL-HIP5020 Datasheet
128Kb / 15P
   Integrated-Power Buck Converter Controller with Synchronous Rectification
logo
Semtech Corporation
SC32300B SEMTECH-SC32300B Datasheet
533Kb / 18P
   Synchronous Power MOSFET Driver With Integrated 3.3V LDO
logo
Richtek Technology Corp...
RT8175A RICHTEK-RT8175A Datasheet
717Kb / 47P
   Single-Phase Controller with Integrated Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com