Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PORTGPA Datasheet(PDF) 39 Page - Microchip Technology

Part # PORTGPA
Description  Digitally Enhanced Power Analog Controller with Integrated Synchronous Driver
Download  222 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PORTGPA Datasheet(HTML) 39 Page - Microchip Technology

Back Button PORTGPA Datasheet HTML 35Page - Microchip Technology PORTGPA Datasheet HTML 36Page - Microchip Technology PORTGPA Datasheet HTML 37Page - Microchip Technology PORTGPA Datasheet HTML 38Page - Microchip Technology PORTGPA Datasheet HTML 39Page - Microchip Technology PORTGPA Datasheet HTML 40Page - Microchip Technology PORTGPA Datasheet HTML 41Page - Microchip Technology PORTGPA Datasheet HTML 42Page - Microchip Technology PORTGPA Datasheet HTML 43Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 222 page
background image
 2013 Microchip Technology Inc.
DS22331A-page 39
MCP19111
6.4
Current Sense DC Gain
DC gain can be added to the sensed inductor current to
allow it to be read by the ADC. The amount of DC gain
added is controlled by the CSDGCON register.
Adding DC gain to the current sense signal used by the
control loop may also be needed in some multi-phase
systems to account for device and component
differences. The CSDGEN bit determines if the gained
current sense signal is added back to the AC current
signal (see Register 6-4). If the CSDGEN bit is cleared,
DC gain can still be added, but the gained signal is not
added back to the AC current signal.
REGISTER 6-4:
CSDGCON: CURRENT SENSE DC GAIN CONTROL REGISTER
R/W-0
U-0
U-0
U-0
R/W-x
R/W-x
R/W-x
R/W-x
CSDGEN
Reserved
CSDG2
CSDG1
CSDG0
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7
CSDGEN: Current Sense DC Gain Enable bit
1
= DC gain current sense signal used in control loop.
0
= DC gain current sense signal only read by ADC.
bit 6-4
Unimplemented: Read as ‘0’
bit 3
Reserved
bit 2-0
CSDG<2:0>: Current Sense DC Gain Setting bits
000
= 19.5 dB
001
= 21.8 dB
010
= 24.1 dB
011
= 26.3 dB
100
= 28.6 dB
101
= 30.9 dB
110
= 33.2 dB
111
= 35.7 dB


Similar Part No. - PORTGPA

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
POR VISHAY-POR Datasheet
164Kb / 8P
   Analog Rectilinear Displacement Sensor
01-Jan-2022
logo
Level One
POR-0100 LVL1-POR-0100 Datasheet
168Kb / 2P
   Extends Cat.5 cable installations to beyond 100 meters
POR-0101 LVL1-POR-0101 Datasheet
495Kb / 3P
   High Power Midspan PoE compliant to simplify deployment and installation
POR-0102 LVL1-POR-0102 Datasheet
1Mb / 2P
   2-Port PoE Repeater
POR-0103 LVL1-POR-0103 Datasheet
473Kb / 3P
   High Power Midspan PoE compliant to simplify deployment and installation
More results

Similar Description - PORTGPA

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP19110 MICROCHIP-MCP19110 Datasheet
3Mb / 226P
   Digitally Enhanced Power Analog Controller with Integrated Synchronous Driver
11/29/12
MCP19110 MICROCHIP-MCP19110_16 Datasheet
3Mb / 226P
   Digitally-Enhanced Power Analog Controller
06/23/16
MCP19124 MICROCHIP-MCP19124 Datasheet
1Mb / 236P
   Digitally-Enhanced Power Analog Synchronous Low-Side Dual-Loop PWM Controller
06/23/16
MCP19116 MICROCHIP-MCP19116 Datasheet
3Mb / 246P
   Digitally Enhanced Power Analog Synchronous Low-Side PWM Controller with Improved 8k Word Core
07/14/15
MCP19116 MICROCHIP-MCP19116_V01 Datasheet
2Mb / 246P
   Digitally Enhanced Power Analog Synchronous Low-Side PWM Controller with Improved 8k Word Core
Revision D June 2020
logo
Renesas Technology Corp
ISL78268 RENESAS-ISL78268 Datasheet
1Mb / 34P
   55V Synchronous Buck Controller with Integrated 3A Driver
logo
Intersil Corporation
ISL78268 INTERSIL-ISL78268 Datasheet
1Mb / 33P
   55V Synchronous Buck Controller with Integrated 3A Driver
December 12, 2014
HIP5020 INTERSIL-HIP5020 Datasheet
128Kb / 15P
   Integrated-Power Buck Converter Controller with Synchronous Rectification
logo
Semtech Corporation
SC32300B SEMTECH-SC32300B Datasheet
533Kb / 18P
   Synchronous Power MOSFET Driver With Integrated 3.3V LDO
logo
Richtek Technology Corp...
RT8175A RICHTEK-RT8175A Datasheet
717Kb / 47P
   Single-Phase Controller with Integrated Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com