Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AOT440 Datasheet(PDF) 5 Page - Alpha & Omega Semiconductors

Part # AOT440
Description  40V N-Channel MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors

AOT440 Datasheet(HTML) 5 Page - Alpha & Omega Semiconductors

  AOT440 Datasheet HTML 1Page - Alpha & Omega Semiconductors AOT440 Datasheet HTML 2Page - Alpha & Omega Semiconductors AOT440 Datasheet HTML 3Page - Alpha & Omega Semiconductors AOT440 Datasheet HTML 4Page - Alpha & Omega Semiconductors AOT440 Datasheet HTML 5Page - Alpha & Omega Semiconductors AOT440 Datasheet HTML 6Page - Alpha & Omega Semiconductors AOT440 Datasheet HTML 7Page - Alpha & Omega Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
AOT440
TYPICAL ELECTRICAL AND THERMAL CHARACTERISTICS
17
5
2
10
0
18
40
0.001
0.01
0.1
1
10
0.01
0.1
1
10
100
1000
Pulse Width (s)
Figure 16: Normalized Maximum Transient Thermal Impedance (Note H)
Single Pulse
D=Ton/T
TJ,PK=TA+PDM.ZθJA.RθJA
Ton
T
PD
In descending order
D=0.5, 0.3, 0.1, 0.05, 0.02, 0.01, single pulse
1
10
100
1000
1
10
100
1000
Time in avalanche, tA (µs)
Figure 12: Single Pulse Avalanche capability
(Note C)
0
30
60
90
120
150
180
0
25
50
75
100
125
150
175
TCASE (°C)
Figure 13: Power De-rating (Note F)
0
20
40
60
80
100
120
0
25
50
75
100
125
150
175
TCASE (°C)
Figure 14: Current De-rating (Note F)
TA=25°C
1
10
100
1000
0.001
0.01
0.1
1
10
100
1000
Pulse Width (s)
Figure 15: Single Pulse Power Rating Junction-to-
Ambient (Note H)
TA=25°C
TA=150°C
TA=100°C
TA=125°C
RθJA=60°C/W
Rev0: June 2009
www.aosmd.com
Page 5 of 7


Similar Part No. - AOT440

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
AOT440 VBSEMI-AOT440 Datasheet
1Mb / 7P
   N-Channel 4 -V (D-S) MOSFET
logo
Inchange Semiconductor ...
AOT440 ISC-AOT440 Datasheet
288Kb / 2P
   isc N-Channel MOSFET Transistor
logo
SHENZHEN DOINGTER SEMIC...
AOT440 DOINGTER-AOT440 Datasheet
1Mb / 5P
   N-Channel MOSFET uses advanced trench technology
More results

Similar Description - AOT440

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AO4484 AOSMD-AO4484_10 Datasheet
185Kb / 4P
   40V N-Channel MOSFET
AOL1242 AOSMD-AOL1242 Datasheet
266Kb / 6P
   40V N-Channel MOSFET
AON2240 AOSMD-AON2240 Datasheet
296Kb / 6P
   40V N-Channel MOSFET
AON6442 AOSMD-AON6442 Datasheet
244Kb / 6P
   40V N-Channel MOSFET
logo
GOOD-ARK Electronics
SSFD4004 GOOD-ARK-SSFD4004 Datasheet
1Mb / 7P
   40V N-Channel MOSFET
logo
TECH PUBLIC Electronics...
TPM4060ND56-1 TECHPUBLIC-TPM4060ND56-1 Datasheet
1Mb / 5P
   40V N-Channel MOSFET
logo
Alpha & Omega Semicondu...
AO4480 AOSMD-AO4480_10 Datasheet
173Kb / 4P
   40V N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com