Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADM208AR Datasheet(PDF) 10 Page - Analog Devices

Part # ADM208AR
Description  0.1 uF, 5 V Powered CMOS RS-232 Drivers/Receivers
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM208AR Datasheet(HTML) 10 Page - Analog Devices

Back Button ADM208AR Datasheet HTML 4Page - Analog Devices ADM208AR Datasheet HTML 5Page - Analog Devices ADM208AR Datasheet HTML 6Page - Analog Devices ADM208AR Datasheet HTML 7Page - Analog Devices ADM208AR Datasheet HTML 8Page - Analog Devices ADM208AR Datasheet HTML 9Page - Analog Devices ADM208AR Datasheet HTML 10Page - Analog Devices ADM208AR Datasheet HTML 11Page - Analog Devices ADM208AR Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
ADM205–ADM211/ADM213
REV. 0
–10–
Transmitter (Driver) Section
The drivers convert TTL/CMOS input levels into EIA-232-E
output levels. With VCC = +5 V and driving a typical EIA-232-E
load, the output voltage swing is
±9 V. Even under worst case
conditions the drivers are guaranteed to meet the
±5 V EIA-232-E
minimum requirement.
The input threshold levels are both TTL and CMOS compat-
ible with the switching threshold set at VCC/4. With a nominal
VCC = 5 V the switching threshold is 1.25 V typical. Unused in-
puts may be left unconnected, as an internal 400 k
Ω pull-up re-
sistor pulls them high forcing the outputs into a low state.
As required by the EIA-232-E standard, the slew rate is limited
to less than 30 V/
µs without the need for an external slew limit-
ing capacitor and the output impedance in the power-off state is
greater than 300
Ω.
Receiver Section
The receivers are inverting level shifters which accept EIA-232-E
input levels (
±5 V to ±15 V) and translate them into 5 V TTL/
CMOS levels. The inputs have internal 5 k
Ω pull-down resistors
to ground and are also protected against overvoltages of up to
±30 V. The guaranteed switching thresholds are 0.8 V mini-
mum and 2.4 V maximum which are well within the
±3 V
EIA-232-E requirement. The low level threshold is deliberately
positive as it ensures that an unconnected input will be inter-
preted as a low level.
The receivers have Schmitt trigger inputs with a hysteresis level
of 0.5 V. This ensures error-free reception for both noisy inputs
and for inputs with slow transition times.
Shutdown (SD)
The ADM205, ADM206, ADM211 and ADM213 feature a
control input which may be used to disable the part and reduce
the power consumption to less than 5
µW. This is very useful in
battery operated systems. During shutdown the charge pump is
turned off, the transmitters are disabled and all receivers except
R4 and R5 on the ADM213 are put into a high-impedance dis-
abled state. Receivers R4 and R5 on the ADM213 remain en-
abled during shutdown. This feature allows monitoring external
activity such as ring indicator monitoring while the device is in a
low power shutdown mode. The shutdown control input is ac-
tive high on all parts except the ADM213 where it is active low.
Refer to Tables II and III.
Enable Input
The ADM205, ADM209, ADM211, and ADM213 feature an
enable input used to enable or disable the receiver outputs. The
enable input is active low on the ADM205, ADM209, ADM211
and active-high on the ADM213. Refer to Tables II and III.
When disabled, all receiver outputs are placed in a high imped-
ance state. This function allows the outputs to be connected di-
rectly to a microprocessor data bus. It can also be used to allow
receivers from different devices to share a common data line.
The timing diagram for the enable function is shown in Figure
25.
T
EN
T
DIS
3V
0V
R
OUT
3.5V
0.8V
V
OH – 0.1V
V
VOL + 0.1V
EN
*
* POLARITY OF EN IS REVERSED FOR ADM213
Figure 25. Enable Timing
APPLICATION HINTS
Driving Long Cables
In accordance with the EIA-232-E standard, long cables are
permissible provided that the total load capacitance does not ex-
ceed 2500 pF. For longer cables which do exceed this, then it is
possible to trade off baud rate vs. cable length. Large load ca-
pacitances cause a reduction in slew rate, and hence the maximum
transmission baud rate is decreased. The ADM205–ADM211 and
ADM213 are designed so that the slew rate reduction with in-
creasing load capacitance is minimized.
For the receivers, it is important that a high level of noise immu-
nity be inbuilt so that slow rise and fall times do not cause mul-
tiple output transitions as the signal passes slowly through the
transition region. The ADM205–ADM211 and ADM213 have
0.5 V of hysteresis to guard against this. This ensures that, even
in noisy environments, error-free reception can be achieved.
High Baud Rate Operation
The ADM205–ADM211 and ADM213 feature high slew rates
permitting data transmission at rates well in excess of the
EIA-232-E specification. The drivers maintain
±5 V signal
levels at data rates up to 120-kB/s under worst-case loading
conditions.


Similar Part No. - ADM208AR

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM208AR AD-ADM208AR Datasheet
218Kb / 16P
   0.1 muF, 5 V Powered CMOS RS-232 Drivers/Receivers
REV. C
ADM208AR AD-ADM208AR Datasheet
254Kb / 16P
   0.1 關F, 5 V Powered CMOS RS-232 Drivers/Receivers
REV. D
ADM208AR AD-ADM208AR Datasheet
254Kb / 16P
   0.1 μF, 5 V Powered CMOS RS-232 Drivers/Receivers
Rev. D
ADM208AR-REEL AD-ADM208AR-REEL Datasheet
218Kb / 16P
   0.1 muF, 5 V Powered CMOS RS-232 Drivers/Receivers
REV. C
ADM208AR-REEL AD-ADM208AR-REEL Datasheet
254Kb / 16P
   0.1 關F, 5 V Powered CMOS RS-232 Drivers/Receivers
REV. D
More results

Similar Description - ADM208AR

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM207EARSZ AD-ADM207EARSZ Datasheet
218Kb / 16P
   0.1 muF, 5 V Powered CMOS RS-232 Drivers/Receivers
REV. C
ADM206 AD-ADM206 Datasheet
254Kb / 16P
   0.1 μF, 5 V Powered CMOS RS-232 Drivers/Receivers
Rev. D
ADM232LJRZ AD-ADM232LJRZ Datasheet
304Kb / 20P
   5 V-Powered CMOS RS-232 Drivers/Receivers
REV. C
ADM223 AD-ADM223_15 Datasheet
340Kb / 16P
   5 V Powered CMOS RS-232 Drivers/Receivers
REV. B
AD230 AD-AD230 Datasheet
363Kb / 11P
   5 V Powered CMOS RS-232 Drivers/Receivers
REV. A
AD230 AD-AD230_15 Datasheet
4Mb / 15P
   5 V POWERED CMOS RS 232 DRIVERS RECEIVERS
ADM223 AD-ADM223 Datasheet
364Kb / 16P
   5 V Powered CMOS RS-232 Drivers/Receivers
REV. 0
ADM233LJNZ AD-ADM233LJNZ Datasheet
281Kb / 20P
   5 V-Powered CMOS RS-232 Drivers/Receivers
REV. C
ADM233LJNZ AD-ADM233LJNZ Datasheet
304Kb / 20P
   5 V-Powered CMOS RS-232 Drivers/Receivers
REV. C
ADM206 AD-ADM206_11 Datasheet
254Kb / 16P
   0.1 關F, 5 V Powered CMOS RS-232 Drivers/Receivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com