Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADM3311 Datasheet(PDF) 9 Page - Analog Devices

Part # ADM3311
Description  15 kV ESD Protected, 2.7 V to 3.6 V Serial Port Transceiver with Green Idle?
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM3311 Datasheet(HTML) 9 Page - Analog Devices

Back Button ADM3311 Datasheet HTML 4Page - Analog Devices ADM3311 Datasheet HTML 5Page - Analog Devices ADM3311 Datasheet HTML 6Page - Analog Devices ADM3311 Datasheet HTML 7Page - Analog Devices ADM3311 Datasheet HTML 8Page - Analog Devices ADM3311 Datasheet HTML 9Page - Analog Devices ADM3311 Datasheet HTML 10Page - Analog Devices ADM3311 Datasheet HTML 11Page - Analog Devices ADM3311 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
ADM3311E
–9–
REV. A
D1
D2
Tx
TRANSMITTER
OUTPUT
Figure 21b. Transmitter Output Protection Scheme
ESD TESTING (IEC1000-4-2)
IEC1000-4-2 (previously 801-2) specifies compliance testing
using two coupling methods, contact discharge and air-gap
discharge. Contact discharge calls for a direct connection to the
unit being tested. Air-gap discharge uses a higher test voltage
but does not make direct contact with the unit under test. With
air discharge, the discharge gun is moved toward the unit under
test, developing an arc across the air gap, hence the term air
discharge. This method is influenced by humidity, temperature,
barometric pressure, distance and rate of closure of the discharge
gun. The contact-discharge method, while less realistic, is more
repeatable and is gaining acceptance in preference to the air-gap
method.
Although very little energy is contained within an ESD pulse,
the extremely fast rise time coupled with high voltages can cause
failures in unprotected semiconductors. Catastrophic destruc-
tion can occur immediately as a result of arcing or heating. Even
if catastrophic failure does not occur immediately, the device
may suffer from parametric degradation, which may result in
degraded performance. The cumulative effects of continuous
exposure can eventually lead to complete failure.
I-O lines are particularly vulnerable to ESD damage. Simply
touching or plugging in an I-O cable can result in a static dis-
charge that can damage or completely destroy the interface
product connected to the I-O port. Traditional ESD test meth-
ods such as the MIL-STD-883B method 3015.7 do not fully
test a product’s susceptibility to this type of discharge. This test
was intended to test a product’s susceptibility to ESD damage
during handling. Each pin is tested with respect to all other
pins. There are some important differences between the tradi-
tional test and the IEC test:
(a) The IEC test is much more stringent in terms of discharge
energy. The peak current injected is over four times greater.
(b) The current rise time is significantly faster in the IEC test.
(c) The IEC test is carried out while power is applied to the device.
It is possible that the ESD discharge could induce latch-up in the
device under test. This test is therefore more representative of a
real-world I-O discharge where the equipment is operating nor-
mally with power applied. For maximum peace of mind however,
both tests should be performed, thus ensuring maximum protec-
tion both during handling and later, during field service.
R1
R2
C1
DEVICE
UNDER TEST
HIGH
VOLTAGE
GENERATOR
ESD TEST METHOD
R2
C1
H. BODY MIL-STD883B
1.5k
100pF
IEC1000-4-2
330
150pF
Figure 22. ESD Test Standards
100
90
36.8
10.0
TIME t
tDL
tRL
Figure 23. Human Body Model ESD Current Waveform
100
90
10
TIME t
30ns
60ns
0.1 TO 1ns
Figure 24. IEC1000-4-2 ESD Current Waveform
The ADM3311E is tested using both of the above-mentioned
test methods. All pins are tested with respect to all other pins as
per the MIL-STD-883B specification. In addition, all I-O pins
are tested as per the IEC test specification. The products were
tested under the following conditions:
(a) Power-On—Normal Operation
(b) Power-Off
Four levels of compliance are defined by IEC1000-4-2. The
ADM3311E meets the most stringent compliance level for con-
tact discharge. This means that the products are able to with-
stand contact discharges in excess of 8 kV.
Table II. IEC1000-4-2 Compliance Levels
Contact Discharge
Air Discharge
Level
(kV)
(kV)
12
2
24
4
36
8
48
15
Table III. ADM3311E ESD Test Results
ESD Test Method
I-O Pins (kV)
Other Pins (kV)
MIL-STD-883B
±15
±3
IEC1000-4-2
Contact
±8


Similar Part No. - ADM3311

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM3311 AD-ADM3311 Datasheet
312Kb / 16P
   15 kV ESD Protected, 2.7 V to 3.6 V Serial Port Transceivers with Green Idle?
REV. G
ADM3311E AD-ADM3311E Datasheet
312Kb / 16P
   15 kV ESD Protected, 2.7 V to 3.6 V Serial Port Transceivers with Green Idle?
REV. G
ADM3311E AD-ADM3311E Datasheet
486Kb / 20P
   15 kV ESD Protected, 2.7 V to 3.6 V Serial Port Transceivers with Green Idle
Rev. J
ADM3311EACP AD-ADM3311EACP Datasheet
312Kb / 16P
   15 kV ESD Protected, 2.7 V to 3.6 V Serial Port Transceivers with Green Idle?
REV. G
ADM3311EACPZ AD-ADM3311EACPZ Datasheet
425Kb / 24P
   15 kV ESD Protected, 2.7 V to 3.6 V Serial Port Transceivers with Green Idle?
Rev. I
More results

Similar Description - ADM3311

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM3312EARUZ AD-ADM3312EARUZ Datasheet
425Kb / 24P
   15 kV ESD Protected, 2.7 V to 3.6 V Serial Port Transceivers with Green Idle?
Rev. I
ADM3307E AD-ADM3307E Datasheet
312Kb / 16P
   15 kV ESD Protected, 2.7 V to 3.6 V Serial Port Transceivers with Green Idle?
REV. G
ADM3307E AD-ADM3307E_V01 Datasheet
486Kb / 20P
   15 kV ESD Protected, 2.7 V to 3.6 V Serial Port Transceivers with Green Idle
Rev. J
ADM3307E AD-ADM3307E_15 Datasheet
425Kb / 24P
   15 kV ESD Protected, 2.7 V to 3.6 V Serial
Rev. I
ADM3310E AD-ADM3310E_15 Datasheet
425Kb / 24P
   15 kV ESD Protected, 2.7 V to 3.6 V Serial
Rev. I
ADM3311E AD-ADM3311E_15 Datasheet
425Kb / 24P
   15 kV ESD Protected, 2.7 V to 3.6 V Serial
Rev. I
ADM3312E AD-ADM3312E_15 Datasheet
425Kb / 24P
   15 kV ESD Protected, 2.7 V to 3.6 V Serial
Rev. I
ADM3315E AD-ADM3315E_15 Datasheet
425Kb / 24P
   15 kV ESD Protected, 2.7 V to 3.6 V Serial
Rev. I
ADM3075EWYRZ AD-ADM3075EWYRZ Datasheet
528Kb / 20P
   3.3 V, 15,-15 kV ESD-Protected
Rev. E
logo
STMicroelectronics
ST202EB STMICROELECTRONICS-ST202EB Datasheet
724Kb / 18P
   /- 15 kV ESD protected 5 V RS-232 transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com