Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADM234L Datasheet(PDF) 3 Page - Analog Devices

Part # ADM234L
Description  5 V Powered CMOS RS-232 Drivers/Receivers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM234L Datasheet(HTML) 3 Page - Analog Devices

  ADM234L Datasheet HTML 1Page - Analog Devices ADM234L Datasheet HTML 2Page - Analog Devices ADM234L Datasheet HTML 3Page - Analog Devices ADM234L Datasheet HTML 4Page - Analog Devices ADM234L Datasheet HTML 5Page - Analog Devices ADM234L Datasheet HTML 6Page - Analog Devices ADM234L Datasheet HTML 7Page - Analog Devices ADM234L Datasheet HTML 8Page - Analog Devices ADM234L Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
ADM223/ADM230L–ADM241L
–3–
REV. 0
ORDERING GUIDE
Temperature
Package
Temperature
Package
Temperature
Package
Model
Range
Option*
Model
Range
Option*
Model
Range
Option*
ADM223
ADM230L
ADM231L
ADM223AR
–40
°C to +85°C
R-28
ADM230LJN
0
°C to +70°C
N-20
ADM231LJN
0
°C to +70°C
N-14
ADM223ARS
–40
°C to +85°C
RS-28
ADM230LJR
0
°C to +70°C
R-20
ADM231LJR
0
°C to +70°C
R-16
ADM230LAN
–40
°C to +85°C
N-20
ADM231LAN
–40
°C to +85°C N-14
ADM230LAR
–40
°C to +85°C
R-20
ADM231LAR
–40
°C to +85°C R-16
ADM230LAQ
–40
°C to +85°C
Q-20
ADM231LAQ
–40
°C to +85°C Q-14
ADM232L
ADM233L
ADM234L
ADM232LJN
0
°C to +70°C
N-16
ADM233LJN
0
°C to +70°C
N-20
ADM234LJN
0
°C to +70°C
N-16
ADM232LJR
0
°C to +70°C
R-16
ADM233LAN
–40
°C to +85°C
N-20
ADM234LJR
0
°C to +70°C
R-16
ADM232LAN
–40
°C to +85°C
N-16
ADM234LAN
–40
°C to +85°C N-16
ADM232LAR
–40
°C to +85°C
R-16
ADM234LAR
–40
°C to +85°C R-16
ADM232LAQ
–40
°C to +85°C
Q-16
ADM234LAQ
–40
°C to +85°C Q-16
ADM235L
ADM236L
ADM237L
ADM235LJN
0
°C to +70°C
N-24A
ADM236LJN
0
°C to +70°C
N-24
ADM237LJN
0
°C to +70°C
N-24
ADM235LAN
–40
°C to +85°C
N-24A
ADM236LJR
0
°C to +70°C
R-24
ADM237LJR
0
°C to +70°C
R-24
ADM235LAQ
–40
°C to +85°C
D-24
ADM236LAN
–40
°C to +85°C
N-24
ADM237LAN
–40
°C to +85°C N-24
ADM236LAR
–40
°C to +85°C
R-24
ADM237LAR
–40
°C to +85°C R-24
ADM236LAQ
–40
°C to +85°C
Q-24
ADM237LAQ
–40
°C to +85°C Q-24
ADM238L
ADM239L
ADM241L
ADM238LJN
0
°C to +70°C
N-24
ADM239LJN
0
°C to +70°C
N-24
ADM241LJR
0
°C to +70°C
R-28
ADM238LJR
0
°C to +70°C
R-24
ADM239LJR
0
°C to +70°C
R-24
ADM241LAR
–40
°C to +85°C R-28
ADM238LAN
–40
°C to +85°C
N-24
ADM239LAN
–40
°C to +85°C
N-24
ADM241LJRS
0
°C to +70°C
RS-28
ADM238LAR
–40
°C to +85°C
R-24
ADM239LAR
–40
°C to +85°C
R-24
ADM241LARS –40
°C to +85°C RS-28
ADM238LAQ
–40
°C to +85°C
Q-24
ADM239LAQ
–40
°C to +85°C
Q-24
*D = Ceramic DIP; N = Plastic DIP; Q = Cerdip; R = Small Outline IC (SOIC); RS = Small Shrink Outline Package (SSOP).
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection. Although
the ADM223/ADM230L–ADM241L features proprietary ESD protection circuitry, permanent
damage may occur on devices subjected to high energy electrostatic discharges. Therefore, proper
ESD precautions are recommended to avoid performance degradation or loss of functionality.
WARNING!
ESD SENSITIVE DEVICE


Similar Part No. - ADM234L

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM234L AD-ADM234L Datasheet
304Kb / 20P
   5 V-Powered CMOS RS-232 Drivers/Receivers
REV. C
ADM234L AD-ADM234L Datasheet
304Kb / 20P
   5 V-Powered CMOS RS-232 Drivers/Receivers
REV. C
ADM234L AD-ADM234L Datasheet
281Kb / 20P
   5 V-Powered CMOS RS-232 Drivers/Receivers
REV. C
ADM234LAN AD-ADM234LAN Datasheet
304Kb / 20P
   5 V-Powered CMOS RS-232 Drivers/Receivers
REV. C
ADM234LAN AD-ADM234LAN Datasheet
281Kb / 20P
   5 V-Powered CMOS RS-232 Drivers/Receivers
REV. C
More results

Similar Description - ADM234L

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM232LJRZ AD-ADM232LJRZ Datasheet
304Kb / 20P
   5 V-Powered CMOS RS-232 Drivers/Receivers
REV. C
ADM223 AD-ADM223_15 Datasheet
340Kb / 16P
   5 V Powered CMOS RS-232 Drivers/Receivers
REV. B
AD230 AD-AD230 Datasheet
363Kb / 11P
   5 V Powered CMOS RS-232 Drivers/Receivers
REV. A
AD230 AD-AD230_15 Datasheet
4Mb / 15P
   5 V POWERED CMOS RS 232 DRIVERS RECEIVERS
ADM233LJNZ AD-ADM233LJNZ Datasheet
281Kb / 20P
   5 V-Powered CMOS RS-232 Drivers/Receivers
REV. C
ADM233LJNZ AD-ADM233LJNZ Datasheet
304Kb / 20P
   5 V-Powered CMOS RS-232 Drivers/Receivers
REV. C
ADM205 AD-ADM205 Datasheet
486Kb / 12P
   0.1 uF, 5 V Powered CMOS RS-232 Drivers/Receivers
REV. 0
ADM206 AD-ADM206 Datasheet
254Kb / 16P
   0.1 μF, 5 V Powered CMOS RS-232 Drivers/Receivers
Rev. D
ADM207EARSZ AD-ADM207EARSZ Datasheet
218Kb / 16P
   0.1 muF, 5 V Powered CMOS RS-232 Drivers/Receivers
REV. C
ADM206 AD-ADM206_11 Datasheet
254Kb / 16P
   0.1 關F, 5 V Powered CMOS RS-232 Drivers/Receivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com