Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AOTF11N70 Datasheet(PDF) 1 Page - Alpha & Omega Semiconductors

Part # AOTF11N70
Description  700V,11A N-Channel MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors

AOTF11N70 Datasheet(HTML) 1 Page - Alpha & Omega Semiconductors

  AOTF11N70 Datasheet HTML 1Page - Alpha & Omega Semiconductors AOTF11N70 Datasheet HTML 2Page - Alpha & Omega Semiconductors AOTF11N70 Datasheet HTML 3Page - Alpha & Omega Semiconductors AOTF11N70 Datasheet HTML 4Page - Alpha & Omega Semiconductors AOTF11N70 Datasheet HTML 5Page - Alpha & Omega Semiconductors AOTF11N70 Datasheet HTML 6Page - Alpha & Omega Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
AOT11N70/AOTF11N70
700V,11A N-Channel MOSFET
General Description
Product Summary
VDS
ID (at VGS=10V)
11A
RDS(ON) (at VGS=10V)
< 0.87
100% UIS Tested
100% Rg Tested
For Halogen Free add "L" suffix to part number:
AOT11N70L & AOTF11N70L
Symbol
VDS
VGS
IDM
IAR
EAR
EAS
Peak diode recovery dv/dt
dv/dt
TJ, TSTG
TL
Symbol
RθJA
RθCS
RθJC
* Drain current limited by maximum junction temperature.
A
W
W/
oC
°C
mJ
V/ns
°C
Maximum Case-to-sink
A
Maximum Junction-to-Case
mJ
°C/W
°C/W
Derate above 25
oC
Parameter
AOT11N70
AOTF11N70
Maximum lead temperature for soldering
purpose, 1/8" from case for 5 seconds
700
ID
5
50.0
271
7.2
11*
7.2*
The AOT11N70 & AOTF11N70 have been fabricated
using an advanced high voltage MOSFET process that is
designed to deliver high levels of performance and
robustness in popular AC-DC applications.
By providing low RDS(on), Ciss and Crss along with
guaranteed avalanche capability these parts can be
adopted quickly into new and existing offline power supply
designs.
V
Units
Parameter
Absolute Maximum Ratings TA=25°C unless otherwise noted
AOT11N70
AOTF11N70
800V@150℃
Drain-Source Voltage
V
±30
Gate-Source Voltage
TC=100°C
A
43
Pulsed Drain Current
C
Continuous Drain
Current
TC=25°C
11
Avalanche Current
C
120
Single plused avalanche energy
G
240
4
Repetitive avalanche energy
C
Junction and Storage Temperature Range
Maximum Junction-to-Ambient
A,D
Power Dissipation
B
PD
TC=25°C
Thermal Characteristics
300
-55 to 150
2.1
0.4
0.46
--
Units
°C/W
65
0.5
65
2.5
Top View
TO-220F
TO-220
G
D
S
G
D
S
G
D
S
Rev 0: March 2010
www.aosmd.com
Page 1 of 6


Similar Part No. - AOTF11N70

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
AOTF11N70 ISC-AOTF11N70 Datasheet
296Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - AOTF11N70

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOWF11N70 AOSMD-AOWF11N70 Datasheet
305Kb / 5P
   700V,11A N-Channel MOSFET
logo
Bruckewell Technology L...
MSD2N70 BWTECH-MSD2N70 Datasheet
1,016Kb / 8P
   700V N-Channel MOSFET
MSF2N70 BWTECH-MSF2N70 Datasheet
1Mb / 8P
   700V N-Channel MOSFET
MSF6N70 BWTECH-MSF6N70 Datasheet
959Kb / 8P
   700V N-Channel MOSFET
logo
SemiHow Co.,Ltd.
HFP2N70S SEMIHOW-HFP2N70S Datasheet
949Kb / 8P
   700V N-Channel MOSFET
logo
Fairchild Semiconductor
FQAF15N70 FAIRCHILD-FQAF15N70 Datasheet
756Kb / 8P
   700V N-Channel MOSFET
logo
SemiHow Co.,Ltd.
HFD1N70 SEMIHOW-HFD1N70 Datasheet
730Kb / 8P
   700V N-Channel MOSFET
logo
Fairchild Semiconductor
FQP6N70 FAIRCHILD-FQP6N70 Datasheet
763Kb / 8P
   700V N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com