Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADM3491 Datasheet(PDF) 6 Page - Analog Devices

Part # ADM3491
Description  3.3 V, Full Duplex, 840 uA 20 Mbps, EIA RS-485 Transceiver
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM3491 Datasheet(HTML) 6 Page - Analog Devices

Back Button ADM3491 Datasheet HTML 2Page - Analog Devices ADM3491 Datasheet HTML 3Page - Analog Devices ADM3491 Datasheet HTML 4Page - Analog Devices ADM3491 Datasheet HTML 5Page - Analog Devices ADM3491 Datasheet HTML 6Page - Analog Devices ADM3491 Datasheet HTML 7Page - Analog Devices ADM3491 Datasheet HTML 8Page - Analog Devices ADM3491 Datasheet HTML 9Page - Analog Devices ADM3491 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
ADM3491
–6–
REV. 0
Test Circuits
VCC
R/2
R/2
VOC
VOD
Figure 1. Driver Voltage Measurement Test Circuit
0V OR 3V
DE IN
DE
S1
RL
CL
VOUT
VCC
S2
Figure 2. Driver Enable/Disable Test Circuit
DI
D
RLDIFF
CL1
CL2
VOUT
Figure 3. Driver Differential Output Delay Test Circuit
DI
RLDIFF
CL1
CL2
RO
RE
A
B
R
D
Figure 4. Driver/Receiver Propagation Delay Test Circuit
RL
375
375
VTST
VOD3
Figure 5. Driver Voltage Measurement Test Circuit 2
+1.5V
–1.5V
RE IN
RE
CL
S2
VOUT
VCC
S1
RL
Figure 6. Receiver Enable/Disable Test Circuit
DE
S1
IN
VCC
CL
VOUT
RL
VOM
Figure 7. Driver Propagation Delay Test Circuit
RE
0V
3V
VID
+1.5V
CL
VOUT
Figure 8. Receiver Propagation Delay Test Circuit


Similar Part No. - ADM3491

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM3491 AD-ADM3491 Datasheet
450Kb / 20P
   3.3 V Slew Rate Limited, Half- and Full-Duplex, RS-485/RS-422 Transceivers
REV. B
ADM3491 AD-ADM3491 Datasheet
327Kb / 20P
   3.3 V Slew Rate Limited, Half- and Full-Duplex, RS-485/RS-422 Transceivers
Rev. E
ADM3491AR AD-ADM3491AR Datasheet
450Kb / 20P
   3.3 V Slew Rate Limited, Half- and Full-Duplex, RS-485/RS-422 Transceivers
REV. B
ADM3491AR AD-ADM3491AR Datasheet
327Kb / 20P
   3.3 V Slew Rate Limited, Half- and Full-Duplex, RS-485/RS-422 Transceivers
Rev. E
ADM3491AR-REEL AD-ADM3491AR-REEL Datasheet
450Kb / 20P
   3.3 V Slew Rate Limited, Half- and Full-Duplex, RS-485/RS-422 Transceivers
REV. B
More results

Similar Description - ADM3491

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM3485E AD-ADM3485E Datasheet
119Kb / 11P
   ESD Protected, EMC Compliant, 3.3 V, 20 Mbps, EIA RS-485 Transceiver
REV. A
logo
Texas Instruments
SN65HVD70 TI1-SN65HVD70 Datasheet
1Mb / 41P
[Old version datasheet]   3.3-V Full-Duplex RS-485 Transceivers
logo
Analog Devices
ADM3485E AD-ADM3485E_V01 Datasheet
303Kb / 16P
   ±15 kV ESD-Protected, 3.3 V,12 Mbps, EIA RS-485/RS-422 Transceiver
Rev. D
ADM3485E AD-ADM3485E_10 Datasheet
303Kb / 16P
   짹15 kV ESD-Protected, 3.3 V,12 Mbps, EIA RS-485/RS-422 Transceiver
Rev. D
logo
Texas Instruments
SN65HVD30-EP TI1-SN65HVD30-EP Datasheet
853Kb / 25P
[Old version datasheet]   3.3-V FULL-DUPLEX RS-485 DRIVERS AND RECEIVERS
SN65HVD30 TI-SN65HVD30_08 Datasheet
834Kb / 28P
[Old version datasheet]   3.3 V FULL-DUPLEX RS-485 DRIVERS AND RECEIVERS
SN65HVD11-HT TI1-SN65HVD11-HT_15 Datasheet
610Kb / 34P
[Old version datasheet]   3.3-V RS-485 Transceiver
SN65HVD11-HT TI1-SN65HVD11-HT Datasheet
588Kb / 30P
[Old version datasheet]   3.3-V RS-485 TRANSCEIVER
logo
Renesas Technology Corp
ISO15 RENESAS-ISO15 Datasheet
727Kb / 20P
   ISOLATED 3.3-V FULL AND HALF-DUPLEX RS-485 TRANSCEIVERS
logo
Texas Instruments
SN65HVD30 TI1-SN65HVD30_15 Datasheet
1Mb / 42P
[Old version datasheet]   SN65HVD3x 3.3-V Full-Duplex RS-485 Drivers and Receivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com