Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MJH6282 Datasheet(PDF) 1 Page - Motorola, Inc

Part No. MJH6282
Description  DARLINGTON 20 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS 60, 80, 100 VOLTS 160 WATTS
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MOTOROLA [Motorola, Inc]
Homepage  http://www.freescale.com
Logo 

MJH6282 Datasheet(HTML) 1 Page - Motorola, Inc

   
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1
Motorola Bipolar Power Transistor Device Data
Darlington Complementary
Silicon Power Transistors
. . . designed for general–purpose amplifier and low–speed switching motor control
applications.
• Similar to the Popular NPN 2N6282, 2N6283, 2N6284 and the PNP 2N6285,
2N6286, 2N6287
• Rugged RBSOA Characteristics
• Monolithic Construction with Built–in Collector–Emitter Diode
MAXIMUM RATINGS
Rating
Symbol
MJH6282
MJH6285
MJH6283
MJH6286
MJH6284
MJH6287
Unit
Collector–Emitter Voltage
VCEO
60
80
100
Vdc
Collector–Base Voltage
VCB
60
80
100
Vdc
Emitter–Base Voltage
VEB
5.0
Vdc
Collector Current — Continuous
Peak
IC
20
40
Adc
Base Current
IB
0.5
Adc
Total Device Dissipation @
TC = 25_C
Derate above 25
_C
PD
160
1.28
Watts
W/
_C
Operating and Storage Junction
Temperature Range
TJ, Tstg
– 65 to + 150
_C
THERMAL CHARACTERISTICS
Characteristic
Symbol
Max
Unit
Thermal Resistance, Junction to Case
R
θJC
0.78
_C/W
160
0
TC, CASE TEMPERATURE (°C)
50
75
125
150
200
100
175
25
Figure 1. Power Derating
0
20
40
60
80
100
140
120
Preferred devices are Motorola recommended choices for future use and best overall value.
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
Order this document
by MJH6282/D
© Motorola, Inc. 1995
MJH6282
MJH6283
MJH6284
MJH6285
MJH6286
MJH6287
DARLINGTON
20 AMPERE
COMPLEMENTARY SILICON
POWER TRANSISTORS
60, 80, 100 VOLTS
160 WATTS
*Motorola Preferred Device
*
NPN
PNP
*
*
*
CASE 340D–01


Html Pages

1  2  3  4  5  6 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn