Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MJH6282 Datasheet(PDF) 4 Page - Motorola, Inc

Part No. MJH6282
Description  DARLINGTON 20 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS 60, 80, 100 VOLTS 160 WATTS
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MOTOROLA [Motorola, Inc]
Homepage  http://www.freescale.com
Logo 

MJH6282 Datasheet(HTML) 4 Page - Motorola, Inc

   
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
MJH6282 MJH6283 MJH6284 MJH6285 MJH6286 MJH6287
4
Motorola Bipolar Power Transistor Device Data
IB, BASE CURRENT (mA)
200
500
300
1000
2000
3000
NPN
PNP
1.0
0.8
2.0
5.0
2.2
1.8
2.6
2.4
3.0
10
2.0
30
2.8
1.0
1.6
50
100
IC = 15 A
Figure 9. DC Current Gain
0.2
20
3.0
1.0
0.5
5.0
10
0.3
2.0
7.0
20
TJ = 150°C
25
°C
– 55
°C
VCE = 3.0 V
IC, COLLECTOR CURRENT (AMPS)
Figure 10. Collector Saturation Region
Figure 11. “On” Voltages
1.2
1.4
300 500
1000
200
TJ = 25°C
IC = 10 A
IC = 5.0 A
0.1
IC, COLLECTOR CURRENT (AMPS)
2.0
1.5
3.0
2.5
1.0
0.5
0.2
0.5
5.0
0.3
1.0
0.7
3.0
30
TJ = 25°C
VBE(sat) @ IC/IB = 250
VBE @ VCE = 3.0 V
VCE(sat) @ IC/IB = 250
7.0
2.0
10
20
150
1000
700
500
2000
3000
5000
0.2
3.0
1.0
0.5
5.0
10
0.3
2.0
7.0
TJ = 150°C
25
°C
– 55
°C
VCE = 3.0 V
IC, COLLECTOR CURRENT (AMPS)
300
IB, BASE CURRENT (mA)
1.0
0.8
2.0
5.0
2.2
1.8
2.6
2.4
3.0
10
2.0
30
2.8
1.0
1.6
50
100
IC = 15 A
20
1.2
1.4
300 500
200
IC = 10 A
IC = 5.0 A
0.1
IC, COLLECTOR CURRENT (AMPS)
2.0
1.5
3.0
2.5
1.0
0.5
0.2
0.5
5.0
0.3
1.0
0.7
3.0
30
TJ = 25°C
VBE(sat) @ IC/IB = 250
VBE(on) @ VCE = 3.0 V
VCE(sat) @ IC/IB = 250
7.0
2.0
10
20
20
1000
0.7


Html Pages

1  2  3  4  5  6 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn