Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AOT5N100 Datasheet(PDF) 1 Page - Alpha & Omega Semiconductors

Part # AOT5N100
Description  1000V,4A N-Channel MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors

AOT5N100 Datasheet(HTML) 1 Page - Alpha & Omega Semiconductors

  AOT5N100 Datasheet HTML 1Page - Alpha & Omega Semiconductors AOT5N100 Datasheet HTML 2Page - Alpha & Omega Semiconductors AOT5N100 Datasheet HTML 3Page - Alpha & Omega Semiconductors AOT5N100 Datasheet HTML 4Page - Alpha & Omega Semiconductors AOT5N100 Datasheet HTML 5Page - Alpha & Omega Semiconductors AOT5N100 Datasheet HTML 6Page - Alpha & Omega Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
AOT5N100/AOTF5N100
1000V,4A N-Channel MOSFET
General Description
Product Summary
VDS
ID (at VGS=10V)
4A
RDS(ON) (at VGS=10V)
< 4.2
100% UIS Tested
100% Rg Tested
For Halogen Free add "L" suffix to part number:
AOT5N100L & AOTF5N100L
Symbol
VDS
The AOT5N100 & AOTF5N100 are fabricated using an
advanced high voltage MOSFET process that is designed
to deliver high levels of performance and robustness in
popular AC-DC applications.By providing low RDS(on), Ciss
and Crss along with guaranteed avalanche capability this
parts can be adopted quickly into new and existing offline
power supply designs.
V
Units
Parameter
Absolute Maximum Ratings TA=25°C unless otherwise noted
1100@150℃
Drain-Source Voltage
1000
AOT5N100
AOTF5N100
G
D
S
AOT5N100
G
D
S
G
D
S
Top View
TO-220F
TO-220
AOTF5N100
VGS
IDM
IAR
EAR
EAS
Peak diode recovery dv/dt
dv/dt
TJ, TSTG
TL
Symbol
RθJA
RθCS
RθJC
* Drain current limited by maximum junction temperature.
Avalanche Current
C
117
Single pulsed avalanche energy
G
235
Parameter
Maximum lead temperature for soldering
purpose, 1/8" from case for 5 seconds
Junction and Storage Temperature Range
Derate above 25
oC
Repetitive avalanche energy
C
TC=25°C
Thermal Characteristics
5
Power Dissipation
B
PD
V/ns
mJ
V
±30
Gate-Source Voltage
TC=100°C
A
15
Pulsed Drain Current
C
Continuous Drain
Current
TC=25°C
ID
4
2.5
4*
2.5*
42
0.3
2.8
°C/W
Units
A
°C
mJ
W
W/
oC
°C/W
300
-55 to 150
195
1.6
°C
AOT5N100
AOTF5N100
°C/W
0.64
65
3
Maximum Junction-to-Case
Maximum Case-to-sink
A
0.5
--
Maximum Junction-to-Ambient
A,D
65
Rev1: Aug 2012
www.aosmd.com
Page 1 of 6


Similar Part No. - AOT5N100

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
AOT5N100 ISC-AOT5N100 Datasheet
257Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - AOT5N100

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOK5N100 AOSMD-AOK5N100 Datasheet
294Kb / 5P
   1000V,4A N-Channel MOSFET
logo
Fairchild Semiconductor
FQD2N100TM FAIRCHILD-FQD2N100TM Datasheet
736Kb / 9P
   1000V N-Channel MOSFET
FQD2N100 FAIRCHILD-FQD2N100 Datasheet
622Kb / 9P
   1000V N-Channel MOSFET
logo
Kersemi Electronic Co.,...
KSMD2N100 KERSEMI-KSMD2N100 Datasheet
1Mb / 8P
   1000V N-Channel MOSFET
KSMU2N100 KERSEMI-KSMU2N100 Datasheet
1Mb / 8P
   1000V N-Channel MOSFET
logo
Fairchild Semiconductor
FQA8N100C FAIRCHILD-FQA8N100C Datasheet
693Kb / 8P
   1000V N-Channel MOSFET
FQH8N100C FAIRCHILD-FQH8N100C Datasheet
998Kb / 8P
   1000V N-Channel MOSFET
logo
Alpha & Omega Semicondu...
AOT4N60 AOSMD-AOT4N60_12 Datasheet
454Kb / 6P
   600V,4A N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com