Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AOT3N60 Datasheet(PDF) 1 Page - Alpha & Omega Semiconductors

Part # AOT3N60
Description  600V,2.5A N-Channel MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors

AOT3N60 Datasheet(HTML) 1 Page - Alpha & Omega Semiconductors

  AOT3N60_11 Datasheet HTML 1Page - Alpha & Omega Semiconductors AOT3N60_11 Datasheet HTML 2Page - Alpha & Omega Semiconductors AOT3N60_11 Datasheet HTML 3Page - Alpha & Omega Semiconductors AOT3N60_11 Datasheet HTML 4Page - Alpha & Omega Semiconductors AOT3N60_11 Datasheet HTML 5Page - Alpha & Omega Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
AOT3N60
600V,2.5A N-Channel MOSFET
General Description
Product Summary
VDS
ID (at VGS=10V)
2.5A
RDS(ON) (at VGS=10V)
<3.5
100% UIS Tested
100% Rg Tested
For Halogen Free add "L" suffix to part number:
AOT3N60L
Symbol
VDS
VGS
IDM
IAR
EAR
EAS
Peak diode recovery dv/dt
dv/dt
TJ, TSTG
TL
Symbol
RθJA
RθCS
RθJC
A
W
W/
oC
°C
mJ
V/ns
°C
Maximum Case-to-sink
A
Maximum Junction-to-Case
mJ
°C/W
°C/W
Derate above 25
oC
Parameter
Typical
Maximum
Maximum lead temperature for soldering
purpose, 1/8" from case for 5 seconds
The AOT3N60 have been fabricated using an advanced
high voltage MOSFET process that is designed to deliver
high levels of performance and robustness in popular AC-
DC applications.By providing low RDS(on), Ciss and Crss
along with guaranteed avalanche capability these parts
can be adopted quickly into new and existing offline power
supply designs.
V
Units
Parameter
Absolute Maximum Ratings TA=25°C unless otherwise noted
700V@150℃
Drain-Source Voltage
600
Maximum
V
±30
Gate-Source Voltage
TC=100°C
A
8
Pulsed Drain Current
C
Continuous Drain
Current
TC=25°C
ID
Avalanche Current
C
60
Single pulsed avalanche energy
G
120
2
Repetitive avalanche energy
C
Junction and Storage Temperature Range
Maximum Junction-to-Ambient
A,D
Power Dissipation
B
PD
TC=25°C
Thermal Characteristics
300
-55 to 150
0.7
1.2
0.5
Units
°C/W
54
-
65
1.5
2.5
1.9
83
5
Top View
TO-220
G
D
S
G
D
S
Rev5: May 2011
www.aosmd.com
Page 1 of 5


Similar Part No. - AOT3N60_11

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOT3N60 AOSMD-AOT3N60 Datasheet
164Kb / 5P
   2.5A, 600V N-Channel MOSFET
logo
VBsemi Electronics Co.,...
AOT3N60 VBSEMI-AOT3N60 Datasheet
1Mb / 9P
   N-Channel 650 V (D-S) MOSFET
logo
Inchange Semiconductor ...
AOT3N60 ISC-AOT3N60 Datasheet
305Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - AOT3N60_11

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOD3N60 AOSMD-AOD3N60 Datasheet
282Kb / 6P
   600V,2.5A N-Channel MOSFET
AOD2HC60 AOSMD-AOD2HC60 Datasheet
2Mb / 6P
   600V,2.5A N-Channel MOSFET
AOT3N60 AOSMD-AOT3N60 Datasheet
164Kb / 5P
   2.5A, 600V N-Channel MOSFET
AON7462 AOSMD-AON7462 Datasheet
303Kb / 6P
   300V,2.5A N-Channel MOSFET
logo
Fairchild Semiconductor
FDD3N50NZ FAIRCHILD-FDD3N50NZ Datasheet
550Kb / 8P
   N-Channel MOSFET 500V, 2.5A, 2.5?
logo
KIA Semiconductor Techn...
2304 KIA-2304 Datasheet
207Kb / 4P
   2.5A竊?30V N-CHANNEL MOSFET
logo
Fairchild Semiconductor
FQB3N60 FAIRCHILD-FQB3N60 Datasheet
581Kb / 9P
   600V N-Channel MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com