Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADM202E Datasheet(PDF) 9 Page - Analog Devices

Part # ADM202E
Description  EMI/EMC Compliant, -15 kV ESD Protected, RS-232 Line Drivers/Receivers
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM202E Datasheet(HTML) 9 Page - Analog Devices

Back Button ADM202E Datasheet HTML 4Page - Analog Devices ADM202E Datasheet HTML 5Page - Analog Devices ADM202E Datasheet HTML 6Page - Analog Devices ADM202E Datasheet HTML 7Page - Analog Devices ADM202E Datasheet HTML 8Page - Analog Devices ADM202E Datasheet HTML 9Page - Analog Devices ADM202E Datasheet HTML 10Page - Analog Devices ADM202E Datasheet HTML 11Page - Analog Devices ADM202E Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
ADM202E/ADM1181A
–9–
REV. 0
IEC1000-4-3 RADIATED IMMUNITY
IEC1000-4-3 (previously IEC801-3) describes the measurement
method and defines the levels of immunity to radiated electro-
magnetic fields. It was originally intended to simulate the elec-
tromagnetic fields generated by portable radio transceivers or
any other device which generates continuous wave radiated
electromagnetic energy. Its scope has since been broadened to
include spurious EM energy which can be radiated from fluores-
cent lights, thyristor drives, inductive loads, etc.
Testing for immunity involves irradiating the device with an EM
field. There are various methods of achieving this including use
of anechoic chamber, stripline cell, TEM cell, GTEM cell. A
stripline cell consists of two parallel plates with an electric field
developed between them. The device under test is placed within
the cell and exposed to the electric field. There are three severity
levels having field strengths ranging from 1 V to 10 V/m. Results
are classified in a similar fashion to those for IEC1000-4-2.
1. Normal Operation.
2. Temporary Degradation or loss of function that is self-
recoverable when the interfering signal is removed.
3. Temporary degradation or loss of function that requires
operator intervention or system reset when the interfering
signal is removed.
4. Degradation or loss of function that is not recoverable due to
damage.
The ADM202E/ADM1181A products easily meet Classification
1 at the most stringent (Level 3) requirement. In fact field
strengths up to 30 V/m showed no performance degradation,
and error-free data transmission continued even during irradia-
tion.
Table III. Test Severity Levels (IEC1000-4-3)
Level
Field Strength V/m
11
23
310
EMISSIONS/INTERFERENCE
EN55 022, CISPR22 defines the permitted limits of radiated
and conducted interference from Information Technology (IT)
equipment. The objective of the standard is to minimize the
level of emissions both conducted and radiated.
For ease of measurement and analysis, conducted emissions are
assumed to predominate below 30 MHz and radiated emissions
are assumed to predominate above 30 MHz.
CONDUCTED EMISSIONS
This is a measure of noise that gets conducted onto the mains
power supply. Switching transients from the charge pump that
are 20 V in magnitude and contain significant energy can lead to
conducted emissions. Other sources of conducted emissions can
be due to overlap in switch on-times in the charge pump voltage
converter. In the voltage doubler shown below, if S2 has not
fully turned off before S4 turns on, this results in a transient
current glitch between VCC and GND which results in con-
ducted emissions. It is, therefore, important that the switches in
the charge pump guarantee break-before-make switching under
all conditions so that instantaneous short circuit conditions do
not occur.
The ADM202E has been designed to minimize the switching
transients and ensure break-before-make switching thereby
minimizing conducted emissions. This has resulted in the level
of emissions being well below the limits required by the specifi-
cation. No additional filtering/decoupling other than the recom-
mended 0.1
µF capacitor is required.
Conducted emissions are measured by monitoring the mains
line. The equipment used consists of a LISN (Line Impedance
Stabilizing Network) that essentially presents a fixed impedance
at RF, and a spectrum analyzer. The spectrum analyzer scans
for emissions up to 30 MHz and a plot for the ADM202E is
shown in Figure 19.
S1
S2
C1
S4
S3
C3
V+ = 2V CC
VCC
INTERNAL
OSCILLATOR
GND
VCC
Figure 17. Charge Pump Voltage Doubler
ø1
ø2
SWITCHING GLITCHES
Figure 18. Switching Glitches
LOG FREQUENCY – MHz
80
70
0
0.3
30
0.6
1
60
50
10
40
30
20
36
10
LIMIT
Figure 19. ADM202E Conducted Emissions Plot


Similar Part No. - ADM202E

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM202E AD-ADM202E Datasheet
254Kb / 16P
   EMI/EMC-Compliant, ±15 kV, ESD-Protected RS-232 Line Drivers/Receivers
Rev. C
ADM202EAN AD-ADM202EAN Datasheet
254Kb / 16P
   EMI/EMC-Compliant, -15 kV, ESD-Protected RS-232 Line Drivers/Receivers
REV. C
ADM202EAN AD-ADM202EAN Datasheet
254Kb / 16P
   EMI/EMC-Compliant, ±15 kV, ESD-Protected RS-232 Line Drivers/Receivers
Rev. C
ADM202EANZ AD-ADM202EANZ Datasheet
254Kb / 16P
   EMI/EMC-Compliant, -15 kV, ESD-Protected RS-232 Line Drivers/Receivers
REV. C
ADM202EANZ AD-ADM202EANZ Datasheet
254Kb / 16P
   EMI/EMC-Compliant, ±15 kV, ESD-Protected RS-232 Line Drivers/Receivers
Rev. C
More results

Similar Description - ADM202E

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM202E AD-ADM202E_V01 Datasheet
254Kb / 16P
   EMI/EMC-Compliant, ±15 kV, ESD-Protected RS-232 Line Drivers/Receivers
Rev. C
ADM206E AD-ADM206E Datasheet
204Kb / 16P
   EMI/EMC Compliant, -15 kV ESD Protected, RS-232 Line Drivers/Receivers
REV. B
ADM2023E AD-ADM2023E Datasheet
254Kb / 16P
   EMI/EMC-Compliant, -15 kV, ESD-Protected RS-232 Line Drivers/Receivers
REV. C
ADM213EARZ-REEL AD-ADM213EARZ-REEL Datasheet
464Kb / 20P
   EMI/EMC-Compliant, 짹15 kV ESDProtected, RS-232 Line Drivers/Receivers
Rev. E
ADM206E AD-ADM206E_06 Datasheet
464Kb / 20P
   EMI/EMC-Compliant, 짹15 kV ESDProtected, RS-232 Line Drivers/Receivers
Rev. E
ADM213EARSZ-REEL AD-ADM213EARSZ-REEL Datasheet
464Kb / 20P
   EMI/EMC-Compliant, 짹15 kV ESDProtected, RS-232 Line Drivers/Receivers
Rev. E
ADM213EARSZ AD-ADM213EARSZ Datasheet
464Kb / 20P
   EMI/EMC-Compliant, 짹15 kV ESDProtected, RS-232 Line Drivers/Receivers
Rev. E
ADM2209E AD-ADM2209E Datasheet
142Kb / 12P
   EMI-/EMC-Compliant -15 kV ESD Protected, Dual RS-232 Port with Standby
REV. 0
ADM2209EARUZ AD-ADM2209EARUZ Datasheet
146Kb / 12P
   EMI-/EMC-Compliant 615 kV ESD Protected, Dual RS-232 Port with Standby
REV. 0
ADM1181A AD-ADM1181A_15 Datasheet
255Kb / 16P
   RS-232 Line Drivers/Receivers
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com