Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AON7902 Datasheet(PDF) 7 Page - Alpha & Omega Semiconductors

Part # AON7902
Description  30V Dual Asymmetric N-Channel MOSFET
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors

AON7902 Datasheet(HTML) 7 Page - Alpha & Omega Semiconductors

Back Button AON7902 Datasheet HTML 3Page - Alpha & Omega Semiconductors AON7902 Datasheet HTML 4Page - Alpha & Omega Semiconductors AON7902 Datasheet HTML 5Page - Alpha & Omega Semiconductors AON7902 Datasheet HTML 6Page - Alpha & Omega Semiconductors AON7902 Datasheet HTML 7Page - Alpha & Omega Semiconductors AON7902 Datasheet HTML 8Page - Alpha & Omega Semiconductors AON7902 Datasheet HTML 9Page - Alpha & Omega Semiconductors AON7902 Datasheet HTML 10Page - Alpha & Omega Semiconductors AON7902 Datasheet HTML 11Page - Alpha & Omega Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
AON7902
Q2-CHANNEL: TYPICAL ELECTRICAL AND THERMAL CHARACTERISTICS
17
5
2
10
0
18
40
0
20
40
60
80
100
0
1
2
3
4
VGS(Volts)
Figure 2: Transfer Characteristics (Note E)
2
4
6
8
10
0
5
10
15
20
ID (A)
Figure 3: On-Resistance vs. Drain Current and
Gate Voltage (Note E)
1.0E-03
1.0E-02
1.0E-01
1.0E+00
1.0E+01
1.0E+02
0.0
0.2
0.4
0.6
0.8
1.0
VSD (Volts)
Figure 6: Body-Diode Characteristics (Note E)
25°C
125°C
0.8
1
1.2
1.4
1.6
1.8
2
0
25
50
75
100
125
150
175
200
Temperature (°C)
Figure 4: On-Resistance vs. Junction Temperature
(Note E)
VGS=4.5V
ID=10A
VGS=10V
ID=13A
2
4
6
8
10
12
14
2
4
6
8
10
VGS (Volts)
Figure 5: On-Resistance vs. Gate-Source Voltage
(Note E)
25°C
125°C
VDS=5V
VGS=4.5V
VGS=10V
ID=13A
25°C
125°C
0
20
40
60
80
100
0
1
2
3
4
5
VDS (Volts)
Fig 1: On-Region Characteristics (Note E)
3V
10V
4.5V
2.5V
Rev 0: Jan 2011
www.aosmd.com
Page 7 of 11


Similar Part No. - AON7902

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AON7900 AOSMD-AON7900 Datasheet
354Kb / 10P
   30V Dual Asymmetric N-Channel MOSFET
More results

Similar Description - AON7902

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AON6920 AOSMD-AON6920 Datasheet
400Kb / 10P
   30V Dual Asymmetric N-Channel MOSFET
AON6906A AOSMD-AON6906A Datasheet
376Kb / 10P
   30V Dual Asymmetric N-Channel MOSFET
AON6910A AOSMD-AON6910A Datasheet
429Kb / 11P
   30V Dual Asymmetric N-Channel MOSFET
AON6908A AOSMD-AON6908A Datasheet
437Kb / 11P
   30V Dual Asymmetric N-Channel MOSFET
AOE6922 AOSMD-AOE6922 Datasheet
483Kb / 10P
   30V Dual Asymmetric N-Channel MOSFET
AON6912A AOSMD-AON6912A Datasheet
551Kb / 10P
   30V Dual Asymmetric N-Channel MOSFET
AON6926 AOSMD-AON6926 Datasheet
375Kb / 10P
   30V Dual Asymmetric N-Channel MOSFET
AONP36336 AOSMD-AONP36336 Datasheet
600Kb / 10P
   30V Dual Asymmetric N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com