Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AON7611 Datasheet(PDF) 8 Page - Alpha & Omega Semiconductors

Part # AON7611
Description  30V Complementary MOSFET
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors

AON7611 Datasheet(HTML) 8 Page - Alpha & Omega Semiconductors

Back Button AON7611 Datasheet HTML 3Page - Alpha & Omega Semiconductors AON7611 Datasheet HTML 4Page - Alpha & Omega Semiconductors AON7611 Datasheet HTML 5Page - Alpha & Omega Semiconductors AON7611 Datasheet HTML 6Page - Alpha & Omega Semiconductors AON7611 Datasheet HTML 7Page - Alpha & Omega Semiconductors AON7611 Datasheet HTML 8Page - Alpha & Omega Semiconductors AON7611 Datasheet HTML 9Page - Alpha & Omega Semiconductors AON7611 Datasheet HTML 10Page - Alpha & Omega Semiconductors AON7611 Datasheet HTML 11Page - Alpha & Omega Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
AON7611
P-channel TYPICAL ELECTRICAL AND THERMAL CHARACTERISTICS
17
5
2
10
0
18
0
5
10
15
20
25
30
1
2
3
4
5
6
-V
GS(Volts)
Figure 2: Transfer Characteristics (Note E)
0
20
40
60
80
100
0
2
4
6
8
10
-I
D (A)
Figure 3: On-Resistance vs. Drain Current and Gate
Voltage (Note E)
0.8
1
1.2
1.4
1.6
1.8
0
25
50
75
100
125
150
175
Temperature (°C)
Figure 4: On-Resistance vs. Junction Temperature
(Note E)
V
GS=-4.5V
I
D=-4A
V
GS=-10V
I
D=-5A
25°C
125°C
V
DS=-5V
V
GS=-4.5V
V
GS=-10V
0
5
10
15
20
25
30
0
1
2
3
4
5
-V
DS (Volts)
Fig 1: On-Region Characteristics (Note E)
V
GS=-3.5V
-4V
-5V
-8V
-10V
-4.5V
40
1.0E-05
1.0E-04
1.0E-03
1.0E-02
1.0E-01
1.0E+00
1.0E+01
1.0E+02
0.0
0.2
0.4
0.6
0.8
1.0
1.2
-V
SD (Volts)
Figure 6: Body-Diode Characteristics (Note E)
25°C
125°C
(Note E)
0
20
40
60
80
100
120
2
4
6
8
10
-V
GS (Volts)
Figure 5: On-Resistance vs. Gate-Source Voltage
(Note E)
I
D=-5A
25°C
125°C
Rev 1: Dec 2011
www.aosmd.com
Page 8 of 11


Similar Part No. - AON7611

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AON7140 AOSMD-AON7140 Datasheet
322Kb / 6P
   Low Gate Charge
AON7200 AOSMD-AON7200 Datasheet
227Kb / 6P
   30V N-Channel MOSFET
AON7202 AOSMD-AON7202 Datasheet
239Kb / 6P
   30V N-Channel MOSFET
AON7210 AOSMD-AON7210 Datasheet
245Kb / 6P
   30V N-Channel MOSFET
AON7220 AOSMD-AON7220 Datasheet
394Kb / 6P
   25V N-Channel MOSFET
More results

Similar Description - AON7611

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AO4629 AOSMD-AO4629 Datasheet
855Kb / 9P
   30V Complementary MOSFET
AO4616 AOSMD-AO4616_11 Datasheet
387Kb / 9P
   30V Complementary MOSFET
logo
GOOD-ARK Electronics
SSF4604 GOOD-ARK-SSF4604 Datasheet
568Kb / 4P
   30V Complementary MOSFET
SSF3036C GOOD-ARK-SSF3036C Datasheet
435Kb / 5P
   30V Complementary MOSFET
logo
HUAYI MICROELECTRONICS ...
HYG170C03LA1S HUAYI-HYG170C03LA1S Datasheet
1Mb / 14P
   30V Complementary MOSFET
logo
Alpha & Omega Semicondu...
AON3613 AOSMD-AON3613 Datasheet
423Kb / 9P
   30V Complementary MOSFET
logo
GOOD-ARK Electronics
SSF3639C GOOD-ARK-SSF3639C Datasheet
316Kb / 4P
   30V Complementary MOSFET
SSF4606 GOOD-ARK-SSF4606 Datasheet
580Kb / 4P
   30V Complementary MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com