Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADM1032ARM Datasheet(PDF) 11 Page - Analog Devices

Part # ADM1032ARM
Description  -1C Remote and Local System Temperature Monitor
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM1032ARM Datasheet(HTML) 11 Page - Analog Devices

Back Button ADM1032ARM Datasheet HTML 4Page - Analog Devices ADM1032ARM Datasheet HTML 5Page - Analog Devices ADM1032ARM Datasheet HTML 6Page - Analog Devices ADM1032ARM Datasheet HTML 7Page - Analog Devices ADM1032ARM Datasheet HTML 8Page - Analog Devices ADM1032ARM Datasheet HTML 9Page - Analog Devices ADM1032ARM Datasheet HTML 10Page - Analog Devices ADM1032ARM Datasheet HTML 11Page - Analog Devices ADM1032ARM Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
REV. 0
ADM1032
–11–
A
PPLICATIONS INFORMATION
FACTORS AFFECTING ACCURACY
Remote Sensing Diode
The ADM1032 is designed to work with substrate transistors
built into processors’ CPUs or with discrete transistors. Sub-
strate transistors will generally be PNP types with the collector
connected to the substrate. Discrete types can be either PNP or
NPN transistor connected as a diode (base shorted to collector).
If an NPN transistor is used, the collector and base are connected
to D+ and the emitter to D–. If a PNP transistor is used, the
collector and base are connected to D– and the emitter to D+.
Substrate transistors are found in a number of CPUs. To reduce
the error due to variations in these substrate and discrete
transistors, a number of factors should be taken into consideration:
1. The ideality factor, nf, of the transistor. The ideality factor is
a measure of the deviation of the thermal diode from ideal
behavior. The ADM1032 is trimmed for an nf value of 1.008.
The following equation may be used to calculate the error
introduced at a temperature T
°C when using a transistor
whose nf does not equal 1.008. Consult the processor
datasheet for nf values.
∆T
n
Kelvin
T
natural
= () ×+
()
– .
.
.
1 008
1 008
273 15
This value can be written to the offset register and is automati-
cally added to or subtracted from the temperature measurement.
2. Some CPU manufacturers specify the high and low current
levels of the substrate transistors. The high current level of
the ADM1032, IHIGH, is 230 A and the low level current,
ILOW, is 13 A. If the ADM1032 current levels do not match
the levels of the CPU manufacturers, then it may become
necessary to remove an offset. The CPU’s datasheet will
advise whether this offset needs to be removed and how to
calculate it. This offset may be programmed to the offset
register. It is important to note that if accounting for two or
more offsets is needed, then the algebraic sum of these offsets
must be programmed to the Offset Register.
If a discrete transistor is being used with the ADM1032 the best
accuracy will be obtained by choosing devices according to the
following criteria:
• Base-emitter voltage greater than 0.25 V at 6 mA, at the highest
operating temperature.
• Base-emitter voltage less than 0.95 V at 100 mA, at the lowest
operating temperature.
• Base resistance less than 100 Ω.
• Small variation in hFE (say 50 to 150) that indicates tight
control of VBE characteristics.
Transistors such as 2N3904, 2N3906, or equivalents in SOT-23
packages are suitable devices to use.
THERMAL INERTIA AND SELF-HEATING
Accuracy depends on the temperature of the remote-sensing
diode and/or the internal temperature sensor being at the same
temperature as that being measured, and a number of factors
can affect this. Ideally, the sensor should be in good thermal
contact with the part of the system being measured, for example
the processor. If it is not, the thermal inertia caused by the mass
of the sensor will cause a lag in the response of the sensor to a
temperature change. In the case of the remote sensor this should
not be a problem, as it will either be a substrate transistor in the
processor, or can be a small package device such as SOT-23
placed in close proximity to it.
The on-chip sensor, however, will often be remote from the
processor, and will only be monitoring the general ambient
temperature around the package. The thermal time constant of
the SO-8 package in still air is about 140 seconds, and if the ambient
air temperature quickly changed by 100 degrees, it would take about
12 minutes (5 time constants) for the junction temperature of the
ADM1032 to settle within 1 degree of this. In practice, the ADM1032
package will be in electrical, and hence thermal, contact with a printed
circuit board, and may also be in a forced airflow. How accurately
the temperature of the board and/or the forced airflow reflect the
temperature to be measured will also affect the accuracy.
Self-heating due to the power dissipated in the ADM1032 or the
remote sensor, causes the chip temperature of the device or remote
sensor to rise above ambient. However, the current forced through
the remote sensor is so small that self-heating is negligible. In
the case of the ADM1032, the worst-case condition occurs when
the device is converting at 16 conversions per second while sinking
the maximum current of 1 mA at the
ALERT and THERM
output. In this case, the total power dissipation in the device is
about 11 mW. The thermal resistance,
θ
JA, of the SO-8 package
is about 121
°C/W.
In practice, the package will have electrical and hence thermal
connection to the printed circuit board, so the temperature rise
due to self-heating will be negligible.
LAYOUT CONSIDERATIONS
Digital boards can be electrically noisy environments, and the
ADM1032 is measuring very small voltages from the remote
sensor, so care must be taken to minimize noise induced at the
sensor inputs. The following precautions should be taken:
1. Place the ADM1032 as close as possible to the remote sensing
diode. Provided that the worst noise sources, i.e., clock gen-
erators, data/address buses, and CRTs, are avoided, this distance
can be 4 to 8 inches.
2. Route the D+ and D– tracks close together, in parallel, with
grounded guard tracks on each side. Provide a ground plane
under the tracks if possible.
3. Use wide tracks to minimize inductance and reduce noise
pickup. 10 mil track minimum width and spacing is
recommended.
10MIL
10MIL
10MIL
10MIL
10MIL
10MIL
10MIL
GND
D+
D–
GND
Figure 6. Arrangement of Signal Tracks
4. Try to minimize the number of copper/solder joints, which
can cause thermocouple effects. Where copper/solder joints
are used, make sure that they are in both the D+ and D– path
and at the same temperature.


Similar Part No. - ADM1032ARM

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
ADM1032ARM-REEL ONSEMI-ADM1032ARM-REEL Datasheet
203Kb / 18P
   1C Remote and Local System Temperature Monitor
October, 2013 ??Rev. 13
ADM1032ARMZ ONSEMI-ADM1032ARMZ Datasheet
210Kb / 18P
   짹1??Remote and Local System Temperature Monitor
December, 2009 ??Rev. 11
ADM1032ARMZ ONSEMI-ADM1032ARMZ Datasheet
203Kb / 18P
   1C Remote and Local System Temperature Monitor
October, 2013 ??Rev. 13
ADM1032ARMZ-001 ONSEMI-ADM1032ARMZ-001 Datasheet
210Kb / 18P
   짹1??Remote and Local System Temperature Monitor
December, 2009 ??Rev. 11
ADM1032ARMZ-002 ONSEMI-ADM1032ARMZ-002 Datasheet
210Kb / 18P
   짹1??Remote and Local System Temperature Monitor
December, 2009 ??Rev. 11
More results

Similar Description - ADM1032ARM

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
ADM1032 ONSEMI-ADM1032_12 Datasheet
237Kb / 18P
   1C Remote and Local System Temperature Monitor Supports SMBus Alert
April, 2012 ??Rev. 12
ADM1032 ONSEMI-ADM1032 Datasheet
210Kb / 18P
   짹1??Remote and Local System Temperature Monitor
December, 2009 ??Rev. 11
ADM1032ARMZ-1 ONSEMI-ADM1032ARMZ-1 Datasheet
203Kb / 18P
   1C Remote and Local System Temperature Monitor
October, 2013 ??Rev. 13
ADM1032ARM-REEL ONSEMI-ADM1032ARM-REEL Datasheet
203Kb / 18P
   1C Remote and Local System Temperature Monitor
October, 2013 ??Rev. 13
ADM1032ARZ-1RL7 ONSEMI-ADM1032ARZ-1RL7 Datasheet
214Kb / 18P
   Local System Temperature Monitor
October, 2013 ??Rev. 13
logo
Burr-Brown (TI)
TMP401 BURR-BROWN-TMP401 Datasheet
297Kb / 24P
   1C Programmable, Remote/Local, Digital Out TEMPERATURE SENSOR
logo
Texas Instruments
THMC10 TI1-THMC10_08 Datasheet
374Kb / 22P
[Old version datasheet]   REMOTE/LOCAL TEMPERATURE MONITOR WITH SMBus INTERFACE
THMC10 TI-THMC10 Datasheet
269Kb / 20P
[Old version datasheet]   REMOTE/LOCAL TEMPERATURE MONITOR WITH SMBus INTERFACE
THMC50 TI-THMC50 Datasheet
437Kb / 32P
[Old version datasheet]   REMOTE/LOCAL TEMPERATURE MONITOR AND FAN CONTROLLER WITH SMBus INTERFACE
TMP421-Q1 TI1-TMP421-Q1 Datasheet
1Mb / 38P
[Old version datasheet]   Remote and Local Temperature Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com