Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADM1032AR Datasheet(PDF) 3 Page - Analog Devices

Part # ADM1032AR
Description  -1C Remote and Local System Temperature Monitor
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM1032AR Datasheet(HTML) 3 Page - Analog Devices

  ADM1032AR Datasheet HTML 1Page - Analog Devices ADM1032AR Datasheet HTML 2Page - Analog Devices ADM1032AR Datasheet HTML 3Page - Analog Devices ADM1032AR Datasheet HTML 4Page - Analog Devices ADM1032AR Datasheet HTML 5Page - Analog Devices ADM1032AR Datasheet HTML 6Page - Analog Devices ADM1032AR Datasheet HTML 7Page - Analog Devices ADM1032AR Datasheet HTML 8Page - Analog Devices ADM1032AR Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
REV. 0
–3–
ADM1032
P
S
tSU;DAT
tHIGH
tF
tHD;DAT
tR
tLOW
tSU;STO
PS
SCLK
SDATA
tHD;STA
tHD;STA
tSU;STA
tBUF
Figure 1. Diagram for Serial Bus Timing
ORDERING GUIDE
Temperature
Package
Package
Branding
SMBus
Model
Range
Description
Option
Information
Addr
ADM1032AR
0
°C to 120°C
8-Lead SO Package
SO-8
1032AR
4C
ADM1032ARM
0
°C to 120°C
8-Lead Micro_SO Package
RM-8
T2A
4C
PIN CONFIGURATION
TOP VIEW
(Not to Scale)
8
7
6
5
1
2
3
4
D+
SCLK
D–
THERM
ADM1032
VDD
GND
ALERT
SDATA
PIN FUNCTION DESCRIPTIONS
Pin
No.
Mnemonic
Description
1VDD
Positive Supply, 3 V to 5.5 V.
2
D+
Positive Connection to Remote Temperature Sensor.
3
D–
Negative Connection to Remote Temperature Sensor.
4
THERM
Open-drain output that can be used to turn a fan on/off or throttle a CPU clock in the event of an over-
temperature condition. Requires pull-up to VDD.
5
GND
Supply Ground Connection
6
ALERT
Open-Drain Logic Output Used as Interrupt or SMBus Alert.
7
SDATA
Logic Input/Output, SMBus Serial Data. Open-Drain Output. Requires pull-up resistor.
8
SCLK
Logic Input, SMBus Serial Clock. Requires pull-up resistor.
ABSOLUTE MAXIMUM RATINGS
*
Positive Supply Voltage (VDD) to GND . . . . . . –0.3 V, +5.5 V
D+ . . . . . . . . . . . . . . . . . . . . . . . . . . . . –0.3 V to VDD + 0.3 V
D– to GND . . . . . . . . . . . . . . . . . . . . . . . . . –0.3 V to +0.6 V
SCLK, SDATA,
ALERT . . . . . . . . . . . . . . . . –0.3 V to +5.5 V
THERM . . . . . . . . . . . . . . . . . . . . . . . –0.3 V to V
DD + 0.3 V
Input Current, SDATA,
THERM . . . . . . . . . . . –1, +50 mA
Input Current, D– . . . . . . . . . . . . . . . . . . . . . . . . . . . .
±1 mA
ESD Rating, All Pins (Human Body Model) . . . . . . >1000 V
Maximum Junction Temperature (TJ max) . . . . . . . . . 150
°C
Storage Temperature Range . . . . . . . . . . . . –65
°C to +150°C
IR Reflow Peak Temp . . . . . . . . . . . . . . . . . . . . . . . . . 220
°C
Lead Temp (Soldering 10 sec) . . . . . . . . . . . . . . . . . . . 300
°C
*Stresses above those listed under Absolute Maximum Ratings may cause
permanent damage to the device. This is a stress rating only; functional operation
of the device at these or any other conditions above those indicated in the
operational section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect device reliability.
THERMAL CHARACTERISTICS
8-Lead SO Package
θJA = 121°C/W
8-Lead Micro_SO Package
θJA = 142°C/W


Similar Part No. - ADM1032AR

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
ADM1032ARM-REEL ONSEMI-ADM1032ARM-REEL Datasheet
203Kb / 18P
   1C Remote and Local System Temperature Monitor
October, 2013 ??Rev. 13
ADM1032ARMZ ONSEMI-ADM1032ARMZ Datasheet
210Kb / 18P
   짹1??Remote and Local System Temperature Monitor
December, 2009 ??Rev. 11
ADM1032ARMZ ONSEMI-ADM1032ARMZ Datasheet
203Kb / 18P
   1C Remote and Local System Temperature Monitor
October, 2013 ??Rev. 13
ADM1032ARMZ-001 ONSEMI-ADM1032ARMZ-001 Datasheet
210Kb / 18P
   짹1??Remote and Local System Temperature Monitor
December, 2009 ??Rev. 11
ADM1032ARMZ-002 ONSEMI-ADM1032ARMZ-002 Datasheet
210Kb / 18P
   짹1??Remote and Local System Temperature Monitor
December, 2009 ??Rev. 11
More results

Similar Description - ADM1032AR

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
ADM1032 ONSEMI-ADM1032_12 Datasheet
237Kb / 18P
   1C Remote and Local System Temperature Monitor Supports SMBus Alert
April, 2012 ??Rev. 12
ADM1032 ONSEMI-ADM1032 Datasheet
210Kb / 18P
   짹1??Remote and Local System Temperature Monitor
December, 2009 ??Rev. 11
ADM1032ARMZ-1 ONSEMI-ADM1032ARMZ-1 Datasheet
203Kb / 18P
   1C Remote and Local System Temperature Monitor
October, 2013 ??Rev. 13
ADM1032ARM-REEL ONSEMI-ADM1032ARM-REEL Datasheet
203Kb / 18P
   1C Remote and Local System Temperature Monitor
October, 2013 ??Rev. 13
ADM1032ARZ-1RL7 ONSEMI-ADM1032ARZ-1RL7 Datasheet
214Kb / 18P
   Local System Temperature Monitor
October, 2013 ??Rev. 13
logo
Burr-Brown (TI)
TMP401 BURR-BROWN-TMP401 Datasheet
297Kb / 24P
   1C Programmable, Remote/Local, Digital Out TEMPERATURE SENSOR
logo
Texas Instruments
THMC10 TI1-THMC10_08 Datasheet
374Kb / 22P
[Old version datasheet]   REMOTE/LOCAL TEMPERATURE MONITOR WITH SMBus INTERFACE
THMC10 TI-THMC10 Datasheet
269Kb / 20P
[Old version datasheet]   REMOTE/LOCAL TEMPERATURE MONITOR WITH SMBus INTERFACE
THMC50 TI-THMC50 Datasheet
437Kb / 32P
[Old version datasheet]   REMOTE/LOCAL TEMPERATURE MONITOR AND FAN CONTROLLER WITH SMBus INTERFACE
TMP421-Q1 TI1-TMP421-Q1 Datasheet
1Mb / 38P
[Old version datasheet]   Remote and Local Temperature Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com