Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADM1032 Datasheet(PDF) 7 Page - Analog Devices

Part # ADM1032
Description  -1C Remote and Local System Temperature Monitor
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM1032 Datasheet(HTML) 7 Page - Analog Devices

Back Button ADM1032 Datasheet HTML 3Page - Analog Devices ADM1032 Datasheet HTML 4Page - Analog Devices ADM1032 Datasheet HTML 5Page - Analog Devices ADM1032 Datasheet HTML 6Page - Analog Devices ADM1032 Datasheet HTML 7Page - Analog Devices ADM1032 Datasheet HTML 8Page - Analog Devices ADM1032 Datasheet HTML 9Page - Analog Devices ADM1032 Datasheet HTML 10Page - Analog Devices ADM1032 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
REV. 0
ADM1032
–7–
Consecutive
ALERT Register
This value written to this register determines how many out-of-
limit measurements must occur before an
ALERT is generated.
The default value is that one out-of-limit measurement gener-
ates an
ALERT. The max value that can be chosen is 4. The
purpose of this register is to allow the user to perform some filter-
ing of the output. This is particularly useful at the faster two
conversion rates where no averaging takes place.
Table VII.
Number of “Out-of-Limit”
Register Value
Measurements Required
yxxx 000x
1
yxxx 001x
2
yxxx 011x
3
yxxx 111x
4
NOTES
x = Don’t care bit.
y = SMBus timeout bit. Default = 0. See SMBus section for more
information.
SERIAL BUS INTERFACE
Control of the ADM1032 is carried out via the serial bus. The
ADM1032 is connected to this bus as a slave device, under the
control of a master device.
There is a programmable SMBus timeout. When this is enabled
the SMBus will timeout after typically 25 ms of no activity. How-
ever, this feature is not enabled by default. To enable it, set Bit 7
of the Consecutive Alert Register (Addr = 22h).
The ADM1032 supports Packet Error Checking (PEC) and its
use is optional. It is triggered by supplying the extra clock for the
PEC byte. The PEC byte is calculated using CRC-8. The Frame
Check Sequence (FCS) conforms to CRC-8 by the polynomial:
C(x) = x8 + x2 + x1 + 1
Consult SMBus 1.1 specification for more information
(www.smbus.org).
ADDRESSING THE DEVICE
In general, every SMBus device has a 7-bit device address (except
for some devices that have extended, 10-bit addresses). When
the master device sends a device address over the bus, the slave
device with that address will respond. The ADM1032 is avail-
able with one device address, which is Hex 4C (1001 100).
The serial bus protocol operates as follows:
1. The master initiates data transfer by establishing a START
condition, defined as a high-to-low transition on the serial
data line SDATA, while the serial clock line SCLK remains
high. This indicates that an address/data stream will follow.
All slave peripherals connected to the serial bus respond to
the START condition, and shift in the next eight bits, con-
sisting of a 7-bit address (MSB first) plus an R/
W bit, which
determines the direction of the data transfer, i.e., whether
data will be written to or read from the slave device.
The peripheral whose address corresponds to the transmitted
address responds by pulling the data line low during the low
period before the ninth clock pulse, known as the Acknowl-
edge Bit. All other devices on the bus now remain idle while
the selected device waits for data to be read from or written
Table V. Configuration Register Bit Assignments
Power-On
Bit
Name
Function
Default
7
MASK1
0 =
ALERT Enabled
0
1 =
ALERT Masked
6
RUN/STOP
0 = Run
0
1 = Standby
5–0
Reserved
0
Conversion Rate Register
The lowest four bits of this register are used to program the
conversion rate by dividing the internal oscillator clock by 1, 2,
4, 8, 16, 32, 64, 128, 256, 512, or 1024 to give conversion
times from 15.5 ms (code 0Ah) to 16 seconds (code 00h). This
register can be written to and read back over the SMBus. The
higher four bits of this register are unused and must be set to
zero. Use of slower conversion times greatly reduces the device
power consumption, as shown in Table VI.
Table VI. Conversion Rate Register Codes
Average Supply Current
Data
Conversion/sec
mA Typ at VDD = 5.5 V
00h
0.0625
0.17
01h
0.125
0.20
02h
0.25
0.21
03h
0.5
0.24
04h
1
0.29
05h
2
0.40
06h
4
0.61
07h
8
1.1
08h
16
1.9
09h
32
0.73
0Ah
64
1.23
0B to FFh
Reserved
Limit Registers
The ADM1032 has nine Limit Registers to store local and remote,
high, low, and
THERM temperature limits. These registers can
be written to and read back over the SMBus.
The high limit registers perform a > comparison while the low
limit registers perform a < comparison. For example, if the high
limit register is programmed with 80
°C, then measuring 81oC
will result in an alarm condition. If the Low Limit Register is
programmed with 0
°C, measuring 0°C or lower will result in
Alarm condition. Exceeding either the Local or Remote
THERM
limit asserts
THERM low. A default hysteresis value of 10
°C is
provided, which applies to both channels. This hysteresis may
be reprogrammed to any value after power up (Reg 0x21h).
One-Shot Register
The One-Shot Register is used to initiate a single conversion
and comparison cycle when the ADM1032 is in standby mode,
after which the device returns to standby. This is not a data
register as such, and it is the write operation that causes the
one-shot conversion. The data written to this address is irrel-
evant and is not stored. The conversion time on a single shot is
96 ms when the conversion rate is 16 conversions per second or
less. At 32 conversions per second the conversion time is 15.3 ms.
This is because averaging is disabled at the faster conversion rates
(32 and 64 conversions per second).


Similar Part No. - ADM1032

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
ADM1032 ONSEMI-ADM1032 Datasheet
210Kb / 18P
   짹1??Remote and Local System Temperature Monitor
December, 2009 ??Rev. 11
ADM1032 ONSEMI-ADM1032 Datasheet
237Kb / 18P
   1C Remote and Local System Temperature Monitor Supports SMBus Alert
April, 2012 ??Rev. 12
ADM1032 ONSEMI-ADM1032 Datasheet
203Kb / 18P
   1C Remote and Local System Temperature Monitor
October, 2013 ??Rev. 13
ADM1032 ONSEMI-ADM1032 Datasheet
203Kb / 18P
   1C Remote and Local System Temperature Monitor
October, 2013 ??Rev. 13
ADM1032ARM-REEL ONSEMI-ADM1032ARM-REEL Datasheet
203Kb / 18P
   1C Remote and Local System Temperature Monitor
October, 2013 ??Rev. 13
More results

Similar Description - ADM1032

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
ADM1032 ONSEMI-ADM1032_12 Datasheet
237Kb / 18P
   1C Remote and Local System Temperature Monitor Supports SMBus Alert
April, 2012 ??Rev. 12
ADM1032 ONSEMI-ADM1032 Datasheet
210Kb / 18P
   짹1??Remote and Local System Temperature Monitor
December, 2009 ??Rev. 11
ADM1032ARMZ-1 ONSEMI-ADM1032ARMZ-1 Datasheet
203Kb / 18P
   1C Remote and Local System Temperature Monitor
October, 2013 ??Rev. 13
ADM1032ARM-REEL ONSEMI-ADM1032ARM-REEL Datasheet
203Kb / 18P
   1C Remote and Local System Temperature Monitor
October, 2013 ??Rev. 13
ADM1032ARZ-1RL7 ONSEMI-ADM1032ARZ-1RL7 Datasheet
214Kb / 18P
   Local System Temperature Monitor
October, 2013 ??Rev. 13
logo
Burr-Brown (TI)
TMP401 BURR-BROWN-TMP401 Datasheet
297Kb / 24P
   1C Programmable, Remote/Local, Digital Out TEMPERATURE SENSOR
logo
Texas Instruments
THMC10 TI1-THMC10_08 Datasheet
374Kb / 22P
[Old version datasheet]   REMOTE/LOCAL TEMPERATURE MONITOR WITH SMBus INTERFACE
THMC10 TI-THMC10 Datasheet
269Kb / 20P
[Old version datasheet]   REMOTE/LOCAL TEMPERATURE MONITOR WITH SMBus INTERFACE
THMC50 TI-THMC50 Datasheet
437Kb / 32P
[Old version datasheet]   REMOTE/LOCAL TEMPERATURE MONITOR AND FAN CONTROLLER WITH SMBus INTERFACE
TMP421-Q1 TI1-TMP421-Q1 Datasheet
1Mb / 38P
[Old version datasheet]   Remote and Local Temperature Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com