Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PSMN3R7-30YLC Datasheet(PDF) 2 Page - NXP Semiconductors

Part # PSMN3R7-30YLC
Description  N-channel 30 V 3.95m廓 logic level MOSFET in LFPAK using NextPower technology
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PSMN3R7-30YLC Datasheet(HTML) 2 Page - NXP Semiconductors

  PSMN3R7-30YLC Datasheet HTML 1Page - NXP Semiconductors PSMN3R7-30YLC Datasheet HTML 2Page - NXP Semiconductors PSMN3R7-30YLC Datasheet HTML 3Page - NXP Semiconductors PSMN3R7-30YLC Datasheet HTML 4Page - NXP Semiconductors PSMN3R7-30YLC Datasheet HTML 5Page - NXP Semiconductors PSMN3R7-30YLC Datasheet HTML 6Page - NXP Semiconductors PSMN3R7-30YLC Datasheet HTML 7Page - NXP Semiconductors PSMN3R7-30YLC Datasheet HTML 8Page - NXP Semiconductors PSMN3R7-30YLC Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
PSMN3R7-30YLC
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 01 — 2 May 2011
2 of 15
NXP Semiconductors
PSMN3R7-30YLC
N-channel 30 V 3.95m
Ω logic level MOSFET in LFPAK using NextPower
2.
Pinning information
3.
Ordering information
4.
Marking
[1]
% = placeholder for manufacturing site code
Dynamic characteristics
QGD
gate-drain charge
VGS = 4.5 V; ID =20A;
VDS = 15 V; see Figure 14;
see Figure 15
-4.2
-nC
QG(tot)
total gate charge
VGS = 4.5 V; ID =20A;
VDS = 15 V; see Figure 14;
see Figure 15
-14
-
nC
Table 1.
Quick reference data …continued
Symbol Parameter
Conditions
Min
Typ
Max
Unit
Table 2.
Pinning information
Pin
Symbol
Description
Simplified outline
Graphic symbol
1S
source
SOT669 (LFPAK; Power-SO8)
2S
source
3S
source
4
G
gate
mb
D
mounting base; connected to drain
mb
1234
S
D
G
mbb076
Table 3.
Ordering information
Type number
Package
Name
Description
Version
PSMN3R7-30YLC
LFPAK; Power-SO8
plastic single-ended surface-mounted package; 4 leads
SOT669
Table 4.
Marking codes
Type number
Marking code[1]
PSMN3R7-30YLC
3C730L


Similar Part No. - PSMN3R7-30YLC

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PSMN3R7-30YLC PHILIPS-PSMN3R7-30YLC Datasheet
1Mb / 8P
   NextPower 25 V & 30 V MOSFETs in LFPAK(Power-SO8)
May 2011
PSMN3R7-30YLC PHILIPS-PSMN3R7-30YLC Datasheet
1Mb / 8P
   NextPower MOSFETs
May 2011
logo
Nexperia B.V. All right...
PSMN3R7-30YLC NEXPERIA-PSMN3R7-30YLC Datasheet
467Kb / 16P
   N-channel 30 V 3.95mΩ logic level MOSFET in LFPAK using NextPower technology
Rev. 01 - 2 May 2011
More results

Similar Description - PSMN3R7-30YLC

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PSMN2R6-30YLC PHILIPS-PSMN2R6-30YLC Datasheet
351Kb / 15P
   N-channel 30 V 2.8m廓 logic level MOSFET in LFPAK using NextPower technology
Rev. 01-2 May 2011
PSMN1R2-30YLC NXP-PSMN1R2-30YLC Datasheet
351Kb / 15P
   N-channel 30 V 1.25m廓 logic level MOSFET in LFPAK using NextPower technology
Rev. 1-3 May 2011
PSMN1R5-30YLC PHILIPS-PSMN1R5-30YLC_15 Datasheet
355Kb / 15P
   N-channel 30 V 1.55m廓 logic level MOSFET in LFPAK using NextPower technology
Rev. 2-17 May 2011
PSMN2R2-30YLC NXP-PSMN2R2-30YLC Datasheet
354Kb / 15P
   N-channel 30 V 2.15m廓 logic level MOSFET in LFPAK using NextPower technology
Rev. 02-3 May 2011
PSMN4R1-30YLC PHILIPS-PSMN4R1-30YLC_15 Datasheet
323Kb / 14P
   N-channel 30 V 4.35m廓 logic level MOSFET in LFPAK using NextPower technology
12 February 2013
PSMN1R0-30YLC PHILIPS-PSMN1R0-30YLC_11 Datasheet
307Kb / 15P
   N-channel 30 V 1.15 m廓 logic level MOSFET in LFPAK using NextPower technology
Rev. 4-4 July 2011
PSMN011-30YLC PHILIPS-PSMN011-30YLC Datasheet
307Kb / 15P
   N-channel 30 V 11.6 m廓 logic level MOSFET in LFPAK using NextPower technology
Rev. 3-24 October 2011
logo
Nexperia B.V. All right...
PSMN013-30YLC NEXPERIA-PSMN013-30YLC Datasheet
908Kb / 15P
   N-channel 30 V 13.6 m廓 logic level MOSFET in LFPAK using NextPower technology
logo
NXP Semiconductors
PSMN4R5-30YLC PHILIPS-PSMN4R5-30YLC_15 Datasheet
350Kb / 15P
   N-channel 30 V 4.8 m廓 logic level MOSFET in LFPAK using NextPower technology
Rev. 3-5 July 2011
PSMN013-30YLC PHILIPS-PSMN013-30YLC_15 Datasheet
300Kb / 15P
   N-channel 30 V 13.6 m廓 logic level MOSFET in LFPAK using NextPower technology
Rev. 3-24 October 2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com