Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADM1030 Datasheet(PDF) 2 Page - Analog Devices

Part # ADM1030
Description  Intelligent Temperature Monitor and PWM Fan Controller
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM1030 Datasheet(HTML) 2 Page - Analog Devices

  ADM1030 Datasheet HTML 1Page - Analog Devices ADM1030 Datasheet HTML 2Page - Analog Devices ADM1030 Datasheet HTML 3Page - Analog Devices ADM1030 Datasheet HTML 4Page - Analog Devices ADM1030 Datasheet HTML 5Page - Analog Devices ADM1030 Datasheet HTML 6Page - Analog Devices ADM1030 Datasheet HTML 7Page - Analog Devices ADM1030 Datasheet HTML 8Page - Analog Devices ADM1030 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
REV. 0
–2–
ADM1030–SPECIFICATIONS1 (T
A = TMIN to TMAX, VCC = VMIN to VMAX, unless otherwise noted.)
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
POWER SUPPLY
Supply Voltage, VCC
3.0
3.30
5.5
V
Supply Current, ICC
1.4
3
mA
Interface Inactive, ADC Active
32
50
µA
Standby Mode
TEMPERATURE-TO-DIGITAL CONVERTER
Internal Sensor Accuracy
±1
±3
°C
Resolution
0.25
°C
External Diode Sensor Accuracy
±1
°C60°C ≤ T
D
≤ 100°C
Resolution
0.125
°C
Remote Sensor Source Current
180
µA
High Level
11
µA
Low Level
OPEN-DRAIN DIGITAL OUTPUTS
(
THERM, INT, FAN_FAULT, PWM_OUT)
Output Low Voltage, VOL
0.4
V
IOUT = –6.0 mA; VCC = 3 V
High-Level Output Leakage Current, IOH
0.1
1
µAV
OUT = VCC; VCC = 3 V
DIGITAL INPUT LEAKAGE CURRENT
Input High Current, IIH
–1
µAV
IN = VCC
Input Low Current, IIL
1
µAV
IN = 0
Input Capacitance, CIN
5pF
DIGITAL INPUT LOGIC LEVELS
2
(ADD,
THERM, TACH)
Input High Voltage, VIH
2.1
V
Input Low Voltage, VIL
0.8
V
OPEN-DRAIN SERIAL DATA
BUS OUTPUT (SDA)
Output Low Voltage, VOL
0.4
V
IOUT = –6.0 mA; VCC = 3 V
High-Level Output Leakage Current, IOH
0.1
1
µAV
OUT = VCC
SERIAL BUS DIGITAL INPUTS
(SCL, SDA)
Input High Voltage, VIH
2.1
V
Input Low Voltage, VIL
0.8
V
Hysteresis
500
mV
FAN RPM-TO-DIGITAL CONVERTER
Accuracy
±6%
60
°C ≤ T
A
≤ 100°C
Resolution
8
Bits
TACH Nominal Input RPM
4400
RPM
Divisor N = 1, Fan Count = 153
2200
RPM
Divisor N = 2, Fan Count = 153
1100
RPM
Divisor N = 4, Fan Count = 153
550
RPM
Divisor N = 8, Fan Count = 153
Conversion Cycle Time
637
ms
SERIAL BUS TIMING
3
Clock Frequency, fSCLK
10
100
kHz
See Figure 1
Glitch Immunity, tSW
50
ns
See Figure 1
Bus Free Time, tBUF
4.7
µs
See Figure 1
Start Setup Time, tSU;STA
4.7
µs
See Figure 1
Start Hold Time, tHD;STA
4
µs
See Figure 1
Stop Condition Setup Time tSU;STO
4
µs
See Figure 1
SCL Low Time, tLOW
1.3
µs
See Figure 1
SCL High Time, tHIGH
450
µs
See Figure 1
SCL, SDA Rise Time, tR
1000
ns
See Figure 1
SCL, SDA Fall Time, tF
300
ns
See Figure 1
Data Setup Time, tSU;DAT
250
ns
See Figure 1
Data Hold Time, tHD;DAT
300
ns
See Figure 1
NOTES
1Typicals are at T
A = 25
°C and represent most likely parametric norm. Shutdown current typ is measured with V
CC = 3.3 V.
2ADD is a three-state input that may be pulled high, low or left open-circuit.
3Timing specifications are tested at logic levels of V
IL = 0.8 V for a falling edge and VIH = 2.2 V for a rising edge.
Specifications subject to change without notice.


Similar Part No. - ADM1030

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
ADM1030 ONSEMI-ADM1030 Datasheet
602Kb / 29P
   Intelligent Temperature Monitor and PWM Fan Controller
February 2008 - Rev. 2
ADM1030ARQ ONSEMI-ADM1030ARQ Datasheet
602Kb / 29P
   Intelligent Temperature Monitor and PWM Fan Controller
February 2008 - Rev. 2
ADM1030ARQ-REEL ONSEMI-ADM1030ARQ-REEL Datasheet
602Kb / 29P
   Intelligent Temperature Monitor and PWM Fan Controller
February 2008 - Rev. 2
ADM1030ARQ-REEL7 ONSEMI-ADM1030ARQ-REEL7 Datasheet
602Kb / 29P
   Intelligent Temperature Monitor and PWM Fan Controller
February 2008 - Rev. 2
ADM1030ARQZ ONSEMI-ADM1030ARQZ Datasheet
602Kb / 29P
   Intelligent Temperature Monitor and PWM Fan Controller
February 2008 - Rev. 2
More results

Similar Description - ADM1030

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
ADM1030 ONSEMI-ADM1030 Datasheet
602Kb / 29P
   Intelligent Temperature Monitor and PWM Fan Controller
February 2008 - Rev. 2
logo
Texas Instruments
AMC6821SDBQG4 TI-AMC6821SDBQG4 Datasheet
1Mb / 56P
[Old version datasheet]   Intelligent Temperature Monitor and PWM Fan Controller
AMC6821 TI-AMC6821 Datasheet
1,023Kb / 54P
[Old version datasheet]   Intelligent Temperature Monitor and PWM Fan Controller
AMC6821-Q1 TI1-AMC6821-Q1 Datasheet
1Mb / 54P
[Old version datasheet]   INTELLIGENT TEMPERATURE MONITOR AND PWM FAN CONTROLLER
logo
ON Semiconductor
ADM1031 ONSEMI-ADM1031 Datasheet
305Kb / 30P
   Intelligent Temperature Monitor and Dual PWM Fan Controller
May, 2010 ??Rev. 4
logo
Analog Devices
ADM1031 AD-ADM1031 Datasheet
289Kb / 32P
   Intelligent Temperature Monitor and Dual PWM Fan Controller
REV. 0
EVAL-ADM1030 AD-EVAL-ADM1030 Datasheet
534Kb / 14P
   Evaluation Board for ACPI Temperature Monitor and PWM Fan Controller
REV. PrA 10/2000
ADM1029 AD-ADM1029 Datasheet
332Kb / 48P
   Dual PWM Fan Controller and Temperature Monitor for High Availability Systems
REV. 0
logo
ON Semiconductor
ADM1029 ONSEMI-ADM1029 Datasheet
1Mb / 50P
   Dual PWM Fan Controller and Temperature Monitor for High Availability Systems
January 2009 - Rev. 1
logo
Maxim Integrated Produc...
MAX6641 MAXIM-MAX6641 Datasheet
474Kb / 17P
   SMBus-Compatible Temperature Monitor with Automatic PWM Fan-Speed Controller
Rev 1; 4/06
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com