Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADM1029 Datasheet(PDF) 4 Page - Analog Devices

Part # ADM1029
Description  Dual PWM Fan Controller and Temperature Monitor for High Availability Systems
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM1029 Datasheet(HTML) 4 Page - Analog Devices

  ADM1029 Datasheet HTML 1Page - Analog Devices ADM1029 Datasheet HTML 2Page - Analog Devices ADM1029 Datasheet HTML 3Page - Analog Devices ADM1029 Datasheet HTML 4Page - Analog Devices ADM1029 Datasheet HTML 5Page - Analog Devices ADM1029 Datasheet HTML 6Page - Analog Devices ADM1029 Datasheet HTML 7Page - Analog Devices ADM1029 Datasheet HTML 8Page - Analog Devices ADM1029 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 48 page
background image
REV. 0
ADM1029
–4–
PIN FUNCTION DESCRIPTIONS
Pin No.
Mnemonic
Description
1
DRIVE1
Open Drain Digital Output. Pulsewidth Modulated (PWM) output to control the speed of
Fan 1. Requires 10 k
Ω typical pull-up resistor.
2
FAULT1
Open Drain Digital I/O. When used with a fan having a fault output, a Logic 0 input to this pin
signals a fault on Fan 1. Also used as a fault output.
3
TACH1
Open Drain Digital Input. Digital fan tachometer input for Fan 1. Will accept logic signals up
to 5 V even when VCC is lower than 5 V.
4
PRESENT1
Open Drain Digital Input. A shorting link in the fan connector holds this pin low when
Fan 1 is connected.
5
SCL
Open Drain Digital Input. Serial Bus Clock. Requires 2.2 k
Ω pull-up typical.
6
SDA
Digital I/O. Serial Bus bidirectional data. Open-drain output requires 2.2 k
Ω pull-up.
7
GND
System Ground
8VCC
Power (3.0 V to 5.5 V). Typically powered from 3.3 V power rail. Bypass with the parallel
combination of 10
µF (electrolytic or tantalum) and 0.1 µF (ceramic) bypass capacitors.
9
CFAULT
Open Drain Digital I/O. Cascade fault input/output used for fault signaling between
multiple ADM1029s.
10
INT
Digital Output. Interrupt Request (Open Drain). The output is enabled when Bit 1 of the
Configuration Register is set to 0. The default state is enabled.
11
GPIO2
Open Drain Digital I/O. General-purpose logic I/O pin.
12
RESET
Open Drain Digital Input. Active low reset input.
13
D1–/GPIO3
Analog Input/Open Drain Digital I/O. Connected to cathode of external temperature-sensing
diode, or may be reconfigured as a general-purpose logic input/output.
14
D1+/GPIO4
Analog Input/Open Drain Digital I/O. Connected to anode of external temperature-sensing
diode, or may be reconfigured as a general-purpose logic input/output.
15
ADD
Eight-Level Analog Input. Used to set the three LSBs of the serial bus address.
16
D2–/GPIO5
Analog Input/Open Drain Digital I/O. Connected to cathode of external temperature-sensing
diode, or may be reconfigured as a general-purpose logic input/output.
17
D2+/GPIO6
Analog Input/Open Drain Digital I/O. Connected to anode of external temperature-sensing
diode, or may be reconfigured as a general-purpose logic input/output.
18
TMIN/INSTALL
Eight-Level Analog Input. The voltage on this pin defines whether automatic fan speed control
is enabled, the minimum temperature at which the fan(s) will turn on in automatic speed con-
trol mode, and the number of fans that should be installed.
19
AIN0/GPIO0
Analog Input/Open Drain Digital I/O. May be configured as a 0 V to 2.5 V analog input or as a
general-purpose digital I/O pin.
20
AIN1/GPIO1
Analog Input/Open Drain Digital I/O. May be configured as a 0 V to 2.5 V analog input or as a
general-purpose digital I/O pin.
21
PRESENT2
Open Drain Digital Input. A shorting link in the fan connector holds this pin low when Fan 2
is connected.
22
TACH2
Open Drain Digital Input. Digital fan tachometer input for Fan 2. Will accept logic signals up
to 5 V even when VCC is lower than 5 V.
23
FAULT2
Open Drain Digital I/O. When used with a fan having a fault output, a Logic 0 input to this pin
signals a fault on Fan 2. Also used as a fault output.
24
DRIVE2
Open Drain Digital Output. Pulsewidth Modulated (PWM) output to control the speed of
Fan 2. Requires 10 k
Ω typical pull-up resistor.


Similar Part No. - ADM1029

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
ADM1029 ONSEMI-ADM1029 Datasheet
1Mb / 50P
   Dual PWM Fan Controller and Temperature Monitor for High Availability Systems
January 2009 - Rev. 1
ADM1029ARQZ ONSEMI-ADM1029ARQZ Datasheet
1Mb / 50P
   Dual PWM Fan Controller and Temperature Monitor for High Availability Systems
January 2009 - Rev. 1
ADM1029ARQZ-R7 ONSEMI-ADM1029ARQZ-R7 Datasheet
1Mb / 50P
   Dual PWM Fan Controller and Temperature Monitor for High Availability Systems
January 2009 - Rev. 1
More results

Similar Description - ADM1029

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
ADM1029 ONSEMI-ADM1029 Datasheet
1Mb / 50P
   Dual PWM Fan Controller and Temperature Monitor for High Availability Systems
January 2009 - Rev. 1
ADM1031 ONSEMI-ADM1031 Datasheet
305Kb / 30P
   Intelligent Temperature Monitor and Dual PWM Fan Controller
May, 2010 ??Rev. 4
logo
Analog Devices
ADM1031 AD-ADM1031 Datasheet
289Kb / 32P
   Intelligent Temperature Monitor and Dual PWM Fan Controller
REV. 0
ADM1030 AD-ADM1030 Datasheet
278Kb / 28P
   Intelligent Temperature Monitor and PWM Fan Controller
REV. 0
logo
ON Semiconductor
ADM1030 ONSEMI-ADM1030 Datasheet
602Kb / 29P
   Intelligent Temperature Monitor and PWM Fan Controller
February 2008 - Rev. 2
logo
Texas Instruments
AMC6821SDBQG4 TI-AMC6821SDBQG4 Datasheet
1Mb / 56P
[Old version datasheet]   Intelligent Temperature Monitor and PWM Fan Controller
AMC6821 TI-AMC6821 Datasheet
1,023Kb / 54P
[Old version datasheet]   Intelligent Temperature Monitor and PWM Fan Controller
AMC6821-Q1 TI1-AMC6821-Q1 Datasheet
1Mb / 54P
[Old version datasheet]   INTELLIGENT TEMPERATURE MONITOR AND PWM FAN CONTROLLER
logo
Analog Devices
EVAL-ADM1030 AD-EVAL-ADM1030 Datasheet
534Kb / 14P
   Evaluation Board for ACPI Temperature Monitor and PWM Fan Controller
REV. PrA 10/2000
logo
Maxim Integrated Produc...
MAX6639 MAXIM-MAX6639_07 Datasheet
325Kb / 24P
   2-Channel Temperature Monitor with Dual, Automatic, PWM Fan-Speed Controller
Rev 1; 12/07
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com