Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADM1029 Datasheet(PDF) 45 Page - Analog Devices

Part # ADM1029
Description  Dual PWM Fan Controller and Temperature Monitor for High Availability Systems
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM1029 Datasheet(HTML) 45 Page - Analog Devices

Back Button ADM1029 Datasheet HTML 40Page - Analog Devices ADM1029 Datasheet HTML 41Page - Analog Devices ADM1029 Datasheet HTML 42Page - Analog Devices ADM1029 Datasheet HTML 43Page - Analog Devices ADM1029 Datasheet HTML 44Page - Analog Devices ADM1029 Datasheet HTML 45Page - Analog Devices ADM1029 Datasheet HTML 46Page - Analog Devices ADM1029 Datasheet HTML 47Page - Analog Devices ADM1029 Datasheet HTML 48Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 45 / 48 page
background image
REV. 0
ADM1029
–45–
Register 28h, 29h, 2Ah, 2Bh, 2Ch, 2Dh, 2Eh – GPIOx
* Behavior (Power-On Default 00h)
Bit
Name
R/W
Description
0
Direction = 0
R/W
This bit indicates the direction for GPIOx
* pin. When set to 1 GPIOx* will
function as an input, when 0 GPIOx
* will function as an output.
1
Polarity = 0
R/W
This bit indicates the polarity of the GPIOx
* pin. When set to 1 GPIOx* will
be active high, when 0 GPIOx
* will be active low.
2
Bit 2 = 0
R/W
If GPIOx
* is configured as an input, CFAULT will be asserted if GPIOx*
pin is asserted while this bit is set. If GPIO2 is configured as an output, GPIO2
will be asserted if a temperature High limit is exceeded while this bit is set. If
automatic fan speed control is enabled, this bit will be set by default. This can
be used as a SHUTDOWN signal for a catastrophic overtemperature event.
3
Bit 3 = 0
R/W
If GPIOx
* is configured as an input, INT will be asserted if GPIOx* pin is
asserted while this bit is set. If GPIOx
* is configured as an output, GPIOx*
will be asserted if a temperature Low limit is exceeded while this bit is set.
4
Bit 4 = 0
R/W
If GPIOx
* is configured as an input, Fans will go to Alarm Speed if GPIOx*
pin is asserted while this bit is set. If GPIOx
* is configured as an output,
GPIOx
* will be asserted if a Fan Tach limit is exceeded while this bit is set.
5
Bit 5 = 0
R/W
If GPIOx
* is configured as an input, Fans will go to Hot-Plug Speed if
GPIOx
* pin is asserted while this bit is set. If GPIOx* is configured as an
output, GPIOx
* will be asserted if a Fan Fault (Pins 2/23) is detected
while this bit is set.
6
Bit 6 = 0
R
If GPIOx
* is configured as an input, this bit will reflect state of GPIOx* pin.
R/W
If GPIOx
* is configured as an output, GPIOx will be asserted if an AIN high
limit is exceeded while this bit is set.
7
Bit 7 = 0
R/W
If GPIOx
* is configured as an input, this bit will latch a GPIOx* assertion
event. This bit is cleared by writing a 0 to it. If GPIOx
* is configured as an
output, GPIOx
* will be asserted if an AIN Low limit is exceeded while this
bit is set.
*“x” denotes the number of the GPIO pin. Register 28h controls GPIO0, 29h controls GPIO1, etc.
Register 38h, 39h, 3Ah, 3Bh, 3Ch, 3Dh, 3Eh – GPIOx
* Event Mask (Power-On Default 00h)
Bit
Name
R/W
Description
0
Fan 1 = 0
R/W
If GPIOx
* is asserted such that fans should be driven at Alarm or Hot-Plug
Speed, Fan 1 will be set to this speed when this bit is set.
1
Fan 2 = 0
R/W
If GPIOx
* is asserted such that fans should be driven at Alarm or Hot-Plug
Speed, Fan 2 will be set to this speed when this bit is set.
2
Reserved
R
Unused. Will read back 0.
3
Reserved
R
Unused. Will read back 0.
4
Reserved
R
Unused. Will read back 0.
5
Reserved
R
Unused. Will read back 0.
6
Reserved
R
Unused. Will read back 0.
7
Reserved
R
Unused. Will read back 0.
*“x” denotes the number of the GPIO pin. Register 38h is for GPIO0, 39h is for GPIO1 etc.


Similar Part No. - ADM1029

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
ADM1029 ONSEMI-ADM1029 Datasheet
1Mb / 50P
   Dual PWM Fan Controller and Temperature Monitor for High Availability Systems
January 2009 - Rev. 1
ADM1029ARQZ ONSEMI-ADM1029ARQZ Datasheet
1Mb / 50P
   Dual PWM Fan Controller and Temperature Monitor for High Availability Systems
January 2009 - Rev. 1
ADM1029ARQZ-R7 ONSEMI-ADM1029ARQZ-R7 Datasheet
1Mb / 50P
   Dual PWM Fan Controller and Temperature Monitor for High Availability Systems
January 2009 - Rev. 1
More results

Similar Description - ADM1029

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
ADM1029 ONSEMI-ADM1029 Datasheet
1Mb / 50P
   Dual PWM Fan Controller and Temperature Monitor for High Availability Systems
January 2009 - Rev. 1
ADM1031 ONSEMI-ADM1031 Datasheet
305Kb / 30P
   Intelligent Temperature Monitor and Dual PWM Fan Controller
May, 2010 ??Rev. 4
logo
Analog Devices
ADM1031 AD-ADM1031 Datasheet
289Kb / 32P
   Intelligent Temperature Monitor and Dual PWM Fan Controller
REV. 0
ADM1030 AD-ADM1030 Datasheet
278Kb / 28P
   Intelligent Temperature Monitor and PWM Fan Controller
REV. 0
logo
ON Semiconductor
ADM1030 ONSEMI-ADM1030 Datasheet
602Kb / 29P
   Intelligent Temperature Monitor and PWM Fan Controller
February 2008 - Rev. 2
logo
Texas Instruments
AMC6821SDBQG4 TI-AMC6821SDBQG4 Datasheet
1Mb / 56P
[Old version datasheet]   Intelligent Temperature Monitor and PWM Fan Controller
AMC6821 TI-AMC6821 Datasheet
1,023Kb / 54P
[Old version datasheet]   Intelligent Temperature Monitor and PWM Fan Controller
AMC6821-Q1 TI1-AMC6821-Q1 Datasheet
1Mb / 54P
[Old version datasheet]   INTELLIGENT TEMPERATURE MONITOR AND PWM FAN CONTROLLER
logo
Analog Devices
EVAL-ADM1030 AD-EVAL-ADM1030 Datasheet
534Kb / 14P
   Evaluation Board for ACPI Temperature Monitor and PWM Fan Controller
REV. PrA 10/2000
logo
Maxim Integrated Produc...
MAX6639 MAXIM-MAX6639_07 Datasheet
325Kb / 24P
   2-Channel Temperature Monitor with Dual, Automatic, PWM Fan-Speed Controller
Rev 1; 12/07
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com