Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADM1026JST-REEL Datasheet(PDF) 17 Page - Analog Devices

Part # ADM1026JST-REEL
Description  Complete Thermal and System Management Controller
Download  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM1026JST-REEL Datasheet(HTML) 17 Page - Analog Devices

Back Button ADM1026JST-REEL Datasheet HTML 13Page - Analog Devices ADM1026JST-REEL Datasheet HTML 14Page - Analog Devices ADM1026JST-REEL Datasheet HTML 15Page - Analog Devices ADM1026JST-REEL Datasheet HTML 16Page - Analog Devices ADM1026JST-REEL Datasheet HTML 17Page - Analog Devices ADM1026JST-REEL Datasheet HTML 18Page - Analog Devices ADM1026JST-REEL Datasheet HTML 19Page - Analog Devices ADM1026JST-REEL Datasheet HTML 20Page - Analog Devices ADM1026JST-REEL Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 56 page
background image
ADM1026
Rev. A | Page 17 of 56
Table 6. A-to-D Output Code vs. VIN
Input Voltage
A-to-D Output
+12 VIN
–12 VIN
+5 VIN
3.3 V MAIN
3.3 V STBY
VBAT1
VCCP
AIN (0–5)
AIN (6–9)
Decimal
Binary
< 0.0625
< -15.928
< 0.026
< 0.0172
NA
< 0.012
< 0.012
< 0.010
0
00000000
0.062-0.125
−15.928-15.855
0.026-0.052
0.017-0.034
NA
0.012-0.023
0.012-0.023
0.010-0.019
1
00000001
0.125-0.187
−15.855-15.783
0.052-0.078
0.034-0.052
NA
0.023-0.035
0.023-0.035
0.019-0.029
2
00000010
0.188-0.250
−15.783-15.711
0.078-0.104
0.052-0.069
NA
0.035-0.047
0.035-0.047
0.029-0.039
3
00000011
0.250-0.313
−15.711-15.639
0.104-0.130
0.069-0.086
NA
0.047-0.058
0.047-0.058
0.039-0.049
4
00000100
0.313-0.375
−15.639-15.566
0.130-0.156
0.086-0.103
NA
0.058-0.070
0.058-0.070
0.049-0.058
5
00000101
0.375-0.438
−15.566-15.494
0.156-0.182
0.103-0.120
NA
0.070-0.082
0.070-0.082
0.058-0.068
6
00000110
0.438-0.500
−15.494-15.422
0.182-0.208
0.120-0.138
NA
0.082-0.094
0.082-0.094
0.068-0.078
7
00000111
0.500-0.563
−15.422-15.349
0.208-0.234
0.138-0.155
NA
0.094-0.105
0.094-0.105
0.078-0.087
8
00001000
4.000-4.063
−11.375-11.303
1.667-1.693
1.110-1.127
NA
0.750-0.780
0.750-0.780
0.625-0.635
64
(1⁄4 scale)
01000000
8.000-8.063
−6.750−6.678
3.333-3.359
2.000-2.016
2.000-2.016
1.500-1.512
1.500-1.512
1.250-1.260
128
(1⁄2 scale)
10000000
12.000-12.063
−2.125-2.053
5-5.026
3.330-3.347
3.000-3.016
2.250-2.262
2.250-2.262
1.875-1.885
192
(3⁄4 scale)
11000000
15.313-15.375
1.705-1.777
6.38-6.406
4.249-4.267
3.828-3.844
2.871-2.883
2.871-2.883
2.392-2.402
245
11110101
15.375-15.437
1.777-1.850
6.406-6.432
4.267-4.284
3.844-3.860
2.883-2.895
2.883-2.895
2.402-2.412
246
11110110
15.437-15.500
1.850-1.922
6.432-6.458
4.284-4.301
3.860-3.875
2.895-2.906
2.895-2.906
2.412-2.422
247
11110111
15.500-15.563
1.922-1.994
6.458-6.484
4.301-4.319
3.875-3.890
2.906-2.918
2.906-2.918
2.422-2.431
248
11111000
15.562-15.625
1.994-2.066
6.484-6.51
4.319-4.336
3.890-3.906
2.918-2.930
2.918-2.930
2.431-2.441
249
11111001
15.625-15.688
2.066-2.139
6.51-6.536
4.336-4.353
3.906-3.921
2.930-2.941
2.930-2.941
2.441-2.451
250
11111010
15.688-15.750
2.139-2.211
6.536-6.563
4.353-4.371
3.921-3.937
2.941-2.953
2.941-2.953
2.451-2.460
251
11111011
15.750-15.812
2.211-2.283
6.563-6.589
4.371-4.388
3.937-3.953
2.953-2.965
2.953-2.965
2.460-2.470
252
11111100
15.812-15.875
2.283-2.355
6.589-6.615
4.388-4.405
3.953-3.969
2.965-2.977
2.965-2.977
2.470-2.480
253
11111101
15.875-15.938
2.355-2.428
6.615-6.641
4.405-4.423
3.969-3.984
2.977-2.988
2.977-2.988
2.480-2.490
254
11111110
>15.938
>2.428
>6.634
>4.423
>3.984
>2.988
>2.988
>2.490
255
11111111
1 VBAT is not accurate for voltages under 1.5 V (see Figure 15).


Similar Part No. - ADM1026JST-REEL

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
ADM1026JST-REEL ONSEMI-ADM1026JST-REEL Datasheet
504Kb / 55P
   Complete Thermal System Management Controller
June, 2010 ??Rev. 3
ADM1026JST-REEL7 ONSEMI-ADM1026JST-REEL7 Datasheet
504Kb / 55P
   Complete Thermal System Management Controller
June, 2010 ??Rev. 3
More results

Similar Description - ADM1026JST-REEL

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
ADM1026JSTZ-R7 ONSEMI-ADM1026JSTZ-R7 Datasheet
473Kb / 55P
   Complete Thermal System Management Controller
April, 2012 ??Rev. 4
ADM1026 ONSEMI-ADM1026 Datasheet
504Kb / 55P
   Complete Thermal System Management Controller
June, 2010 ??Rev. 3
logo
Texas Instruments
TPS99000-Q1 TI1-TPS99000-Q1 Datasheet
388Kb / 9P
[Old version datasheet]   System Management and Illumination Controller
TPS99000-Q1 TI1-TPS99000-Q1_18 Datasheet
3Mb / 81P
[Old version datasheet]   System Management and Illumination Controller
TPS99000S-Q1 TI-TPS99000S-Q1 Datasheet
4Mb / 85P
[Old version datasheet]   TPS99000S-Q1 System Management and Illumination Controller
logo
National Semiconductor ...
PC87782 NSC-PC87782 Datasheet
123Kb / 17P
   CompactRISC Intelligent System Management Controller
logo
Agilent(Hewlett-Packard...
HDJD-J822 HP-HDJD-J822 Datasheet
143Kb / 19P
   Color Management System Feedback Controller
logo
Texas Instruments
TPS99001-Q1 TI-TPS99001-Q1 Datasheet
2Mb / 50P
[Old version datasheet]   TPS99001-Q1 System Management Controller
logo
AVAGO TECHNOLOGIES LIMI...
HDJD-J822 AVAGO-HDJD-J822 Datasheet
72Kb / 2P
   Color Management System Feedback Controller
HDJD-J822-SCR00 AVAGO-HDJD-J822-SCR00 Datasheet
230Kb / 16P
   Color Management System Feedback Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com