Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADM1026JST-REEL Datasheet(PDF) 12 Page - Analog Devices

Part # ADM1026JST-REEL
Description  Complete Thermal and System Management Controller
Download  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM1026JST-REEL Datasheet(HTML) 12 Page - Analog Devices

Back Button ADM1026JST-REEL Datasheet HTML 8Page - Analog Devices ADM1026JST-REEL Datasheet HTML 9Page - Analog Devices ADM1026JST-REEL Datasheet HTML 10Page - Analog Devices ADM1026JST-REEL Datasheet HTML 11Page - Analog Devices ADM1026JST-REEL Datasheet HTML 12Page - Analog Devices ADM1026JST-REEL Datasheet HTML 13Page - Analog Devices ADM1026JST-REEL Datasheet HTML 14Page - Analog Devices ADM1026JST-REEL Datasheet HTML 15Page - Analog Devices ADM1026JST-REEL Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 56 page
background image
ADM1026
Rev. A | Page 12 of 56
Serial Bus Interface
Control of the ADM1026 is carried out via the serial system
management bus (SMBus). The ADM1026 is connected to this
bus as a slave device, under the control of a master device.
The ADM1026 has a 7-bit serial bus slave address. When the
device is powered on, it does so with a default serial bus address.
The 5 MSBs of the address are set to 01011, and the 2 LSBs are
determined by the logical states of Pin 15 ADD/NTESTOUT.
This pin is a three-state input that can be grounded, connected
to VCC, or left open-circuit to give three different addresses.
Table 5. Address Pin Truth Table
ADD Pin
A1
A0
GND
0
0
No Connect
1
0
VCC
0
1
If ADD is left open-circuit, the default address is 0101110
(5Ch). ADD is sampled only at power-up on the first valid
SMBus transaction, so any changes made while the power is on
(and the address is locked) have no effect.
The facility to make hardwired changes to device addresses
allows the user to avoid conflicts with other devices sharing the
same serial bus, for example if more than one ADM1026 is used
in a system.
General SMBus Timing
Figure 17 and Figure 18 show timing diagrams for general read
and write operations using the SMBus. The SMBus specification
defines specific conditions for different types of read and write
operations, which are discussed later in this section.
The general SMBus protocol1 operates as follows:
1.
The master initiates data transfer by establishing a start
condition, defined as a high-to-low transition on the serial
data line (SDA) while the serial clock line SCL remains
high. This indicates that a data stream follows. All slave
peripherals connected to the serial bus respond to the start
condition and shift in the next 8 bits, consisting of a 7-bit
slave address (MSB first) and an R/W bit, which determine
the direction of the data transfer, that is, whether data is
written to or read from the slave device
(0 = write, 1 = read).
The peripheral whose address corresponds to the trans-
mitted address responds by pulling the data line low during
the low period before the ninth clock pulse, known as the
acknowledge bit, and holding it low during the high period
of this clock pulse. All other devices on the bus remain idle
while the selected device waits for data to be read from or
written to it. If the R/W bit is 0, the master writes to the
slave device. If the R/W bit is 1, the master reads from the
slave device.
2.
Data is sent over the serial bus in sequences of nine clock
pulses, 8 bits of data followed by an acknowledge bit from
the slave device. Data transitions on the data line must
occur during the low period of the clock signal and re-
main stable during the high period, because a low-to-high
transition when the clock is high may be interpreted as
a stop signal.
If the operation is a write operation, the first data byte after
the slave address is a command byte. This tells the slave
device what to expect next. It may be an instruction telling
the slave device to expect a block write, or it may simply be
a register address that tells the slave where subsequent data
is to be written.
Because data can flow in only one direction as defined by
the R/W bit, it is not possible to send a command to a slave
device during a read operation. Before doing a read oper-
ation, it may first be necessary to do a write operation to
tell the slave what type of read operation to expect and/or
the address from which data is to be read.
3.
When all data bytes have been read or written, stop
conditions are established. In write mode, the master pulls
the data line high during the 10th clock pulse to assert a
stop condition. In read mode, the master
device releases the SDA line during the low period before
the ninth clock pulse, but the slave device does not pull
it low (called No Acknowledge). The master takes the data
line low during the low period before the 10th clock pulse,
then high during the 10th clock pulse to assert a stop
condition.
1 If it is required to perform several read or write operations in succession, the
master can send a repeat start condition instead of a stop condition to begin
a new operation.


Similar Part No. - ADM1026JST-REEL

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
ADM1026JST-REEL ONSEMI-ADM1026JST-REEL Datasheet
504Kb / 55P
   Complete Thermal System Management Controller
June, 2010 ??Rev. 3
ADM1026JST-REEL7 ONSEMI-ADM1026JST-REEL7 Datasheet
504Kb / 55P
   Complete Thermal System Management Controller
June, 2010 ??Rev. 3
More results

Similar Description - ADM1026JST-REEL

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
ADM1026JSTZ-R7 ONSEMI-ADM1026JSTZ-R7 Datasheet
473Kb / 55P
   Complete Thermal System Management Controller
April, 2012 ??Rev. 4
ADM1026 ONSEMI-ADM1026 Datasheet
504Kb / 55P
   Complete Thermal System Management Controller
June, 2010 ??Rev. 3
logo
Texas Instruments
TPS99000-Q1 TI1-TPS99000-Q1 Datasheet
388Kb / 9P
[Old version datasheet]   System Management and Illumination Controller
TPS99000-Q1 TI1-TPS99000-Q1_18 Datasheet
3Mb / 81P
[Old version datasheet]   System Management and Illumination Controller
TPS99000S-Q1 TI-TPS99000S-Q1 Datasheet
4Mb / 85P
[Old version datasheet]   TPS99000S-Q1 System Management and Illumination Controller
logo
National Semiconductor ...
PC87782 NSC-PC87782 Datasheet
123Kb / 17P
   CompactRISC Intelligent System Management Controller
logo
Agilent(Hewlett-Packard...
HDJD-J822 HP-HDJD-J822 Datasheet
143Kb / 19P
   Color Management System Feedback Controller
logo
Texas Instruments
TPS99001-Q1 TI-TPS99001-Q1 Datasheet
2Mb / 50P
[Old version datasheet]   TPS99001-Q1 System Management Controller
logo
AVAGO TECHNOLOGIES LIMI...
HDJD-J822 AVAGO-HDJD-J822 Datasheet
72Kb / 2P
   Color Management System Feedback Controller
HDJD-J822-SCR00 AVAGO-HDJD-J822-SCR00 Datasheet
230Kb / 16P
   Color Management System Feedback Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com