Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MJH11017 Datasheet(PDF) 2 Page - Motorola, Inc

Part # MJH11017
Description  15 AMPERE DARLINGTON COMPLEMENTARY SILICON POWER TRANSISTORS 150, 200, 250 VOLTS 150 WATTS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MJH11017 Datasheet(HTML) 2 Page - Motorola, Inc

  MJH11017 Datasheet HTML 1Page - Motorola, Inc MJH11017 Datasheet HTML 2Page - Motorola, Inc MJH11017 Datasheet HTML 3Page - Motorola, Inc MJH11017 Datasheet HTML 4Page - Motorola, Inc MJH11017 Datasheet HTML 5Page - Motorola, Inc MJH11017 Datasheet HTML 6Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
MJH11017 MJH11019 MJH11021 MJH11018 MJH11020 MJH11022
2
Motorola Bipolar Power Transistor Device Data
ELECTRICAL CHARACTERISTICS (TC = 25_C unless otherwise noted)
Characteristic
Symbol
Min
Max
Unit
OFF CHARACTERISTICS
Collector–Emitter Sustaining Voltage (1)
(IC = 0.1 Adc, IB = 0)
MJH11017, MJH11018
MJH11019, MJH11020
MJH11021, MJH11022
VCEO(sus)
150
200
250
Vdc
Collector Cutoff Current
(VCE = 75 Vdc, IB = 0)
MJH11017, MJH11018
(VCE = 100 Vdc, IB = 0)
MJH11019, MJH11020
(VCE = 125 Vdc, IB = 0)
MJH11021, MJH11022
ICEO
1.0
1.0
1.0
mAdc
Collector Cutoff Current
(VCE = Rated VCB, VBE(off) = 1.5 Vdc)
(VCE = Rated VCB, VBE(off) = 1.5 Vdc, TJ = 150_C)
ICEV
0.5
5.0
mAdc
Emitter Cutoff Current (VBE = 5.0 Vdc IC = 0)
IEBO
2.0
mAdc
ON CHARACTERISTICS (1)
DC Current Gain (IC = 10 Adc, VCE = 5.0 Vdc)
DC Current Gain (IC = 15 Adc, VCE = 5.0 Vdc)
hFE
400
100
15,000
DC Current Gain (IC = 10 Adc, VCE = 5.0 Vdc)
DC Current Gain (IC = 15 Adc, VCE = 5.0 Vdc)
hFE
400
100
15,000
DC Current Gain (IC = 15 Adc, VCE = 5.0 Vdc)
100
Collector–Emitter Saturation Voltage (IC = 10 Adc, IB = 100 mA)
Collector–Emitter Saturation Voltage (IC = 15 Adc, IB = 150 mA)
VCE(sat)
2.5
4.0
Vdc
Base–Emitter On Voltage (IC = 10 A, VCE = 5.0 Vdc)
VBE(on)
2.8
Vdc
Base–Emitter Saturation Voltage (IC = 15 Adc, IB = 150 mA)
VBE(sat)
3.8
Vdc
DYNAMIC CHARACTERISTICS
Current–Gain Bandwidth Product
(IC = 10 Adc, VCE = 3.0 Vdc, f = 1.0 MHz)
fT
3.0
Output Capacitance
MJH11018, MJH11020, MJH11022
(VCB = 10 Vdc, IE = 0, f = 0.1 MHz)
MJH11017, MJH11019, MJH11021
Cob
400
600
pF
Small–Signal Current Gain (IC = 10 Adc, VCE = 3.0 Vdc, f = 1.0 kHz)
hfe
75
SWITCHING CHARACTERISTICS
Typical
Characteristic
Symbol
NPN
PNP
Unit
Delay Time
(VCC = 100 V, IC = 10 A, IB = 100 mA
VBE(off) = 5.0 V) (See Figure 2)
td
150
75
ns
Rise Time
(VCC = 100 V, IC = 10 A, IB = 100 mA
VBE(off) = 5.0 V) (See Figure 2)
tr
1.2
0.5
µs
Storage Time
(VCC = 100 V, IC = 10 A, IB = 100 mA
VBE(off) = 5.0 V) (See Figure 2)
ts
4.4
2.7
µs
Fall Time
tf
2.5
2.5
µs
(1) Pulse Test: Pulse Width = 300
µs, Duty Cycle v 2.0%.
Figure 2. Switching Times Test Circuit
RB & RC varied to obtain desired current levels
D1, must be fast recovery types, e.g.:
1N5825 used above IB ≈ 100 mA
MSD6100 used below IB ≈ 100 mA
tr, tf ≤ 10 ns
Duty Cycle = 1.0%
For td and tr, D1 is disconnected
and V2 = 0
For NPN test circuit, reverse diode and voltage polarities.
V2
APPROX
+12 V
0
V1
APPROX
– 8.0 V
VCC
100 V
TUT
SCOPE
RB
+ 4.0 V
D1
51
RC
25
µs


Similar Part No. - MJH11017

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MJH11017 ONSEMI-MJH11017 Datasheet
193Kb / 6P
   DARLINGTON COMPLEMENTARY SILICON POWER TRANSISTORS
1996 REV 1
MJH11017 ONSEMI-MJH11017 Datasheet
86Kb / 6P
   15 AMPERE DARLINGTON COMPLEMENTARY SILICON POWER TRANSISTORS 150??50 VOLTS, 150 WATTS
July, 2006 ??Rev. 6
logo
New Jersey Semi-Conduct...
MJH11017 NJSEMI-MJH11017 Datasheet
86Kb / 2P
   Silicon PNP Darlington Power Transistor
logo
Inchange Semiconductor ...
MJH11017 ISC-MJH11017 Datasheet
136Kb / 2P
   isc Silicon PNP Darlington Power Transistor
logo
ON Semiconductor
MJH11017 ONSEMI-MJH11017 Datasheet
100Kb / 8P
   Complementary Darlington Silicon Power Transistors
August, 2016 ??Rev. 10
More results

Similar Description - MJH11017

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MJH11017 ONSEMI-MJH11017_06 Datasheet
86Kb / 6P
   15 AMPERE DARLINGTON COMPLEMENTARY SILICON POWER TRANSISTORS 150??50 VOLTS, 150 WATTS
July, 2006 ??Rev. 6
logo
Motorola, Inc
MJ3281A MOTOROLA-MJ3281A Datasheet
221Kb / 6P
   15 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS 200 VOLTS 250 WATTS
MJ2500 MOTOROLA-MJ2500 Datasheet
132Kb / 4P
   10 AMPERE DARLINGTON POWER TRANSISTORS COMPLEMENTARY SILICON 60.80 VOLTS 150 WATTS
MJL3281A MOTOROLA-MJL3281A Datasheet
203Kb / 6P
   15 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS 200 VOLTS 200 WATTS
MJ15018 MOTOROLA-MJ15018 Datasheet
135Kb / 4P
   4.0 AMPERES COMPLEMENTARY SILICON POWER TRANSISTORS 200 AND 250 VOLTS 150 WATTS
logo
ON Semiconductor
MJL21193 ONSEMI-MJL21193_07 Datasheet
152Kb / 6P
   16 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS 250 VOLTS, 200 WATTS
January, 2007 ??Rev. 5
logo
Motorola, Inc
MJL21193 MOTOROLA-MJL21193 Datasheet
159Kb / 6P
   16 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS 250 VOLTS 200 WATTS
MJ15001 MOTOROLA-MJ15001 Datasheet
165Kb / 4P
   15 AMPERE POWER TRANSISTORS COMPLEMENTARY SILICON 140 VOLTS 200 WATTS
MJ15011 MOTOROLA-MJ15011 Datasheet
129Kb / 4P
   10 AMPERE COMPLEMENTARY POWER TRANSISTORS 250 VOLTS 200 WATTS
MJE15028 MOTOROLA-MJE15028 Datasheet
217Kb / 6P
   8 AMPERE POWER TRANSISTORS COMPLEMENTARY SILICON 120-150 VOLTS 50 WATTS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com