Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MJH11017 Datasheet(PDF) 1 Page - Motorola, Inc

Part No. MJH11017
Description  15 AMPERE DARLINGTON COMPLEMENTARY SILICON POWER TRANSISTORS 150, 200, 250 VOLTS 150 WATTS
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MOTOROLA [Motorola, Inc]
Homepage  http://www.freescale.com
Logo 

MJH11017 Datasheet(HTML) 1 Page - Motorola, Inc

   
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1
Motorola Bipolar Power Transistor Device Data
Complementary Darlington
Silicon Power Transistors
. . . designed for use as general purpose amplifiers, low frequency switching and
motor control applications.
• High DC Current Gain @ 10 Adc — hFE = 400 Min (All Types)
• Collector–Emitter Sustaining Voltage
VCEO(sus) = 150 Vdc (Min) — MJH11018, 17
VCEO(sus) = 200 Vdc (Min) — MJH11020, 19
VCEO(sus) = 250 Vdc (Min) — MJH11022, 21
• Low Collector–Emitter Saturation Voltage
VCE(sat) = 1.2 V (Typ) @ IC = 5.0 A
VCE(sat) = 1.8 V (Typ) @ IC = 10 A
• Monolithic Construction
MAXIMUM RATINGS
MJH
Rating
Symbol
11018
11017
11020
11019
11022
11021
Unit
Collector–Emitter Voltage
VCEO
150
200
250
Vdc
Collector–Base Voltage
VCB
150
200
250
Vdc
Emitter–Base Voltage
VEB
5.0
Vdc
Collector Current — Continuous
— Peak (1)
IC
15
30
Adc
Base Current
IB
0.5
Adc
Total Device Dissipation @ TC = 25_C
Derate Above 25
_C
PD
150
1.2
Watts
W/
_C
Operating and Storage Junction
Temperature Range
TJ, Tstg
– 65 to + 150
_C
THERMAL CHARACTERISTICS
Characteristic
Symbol
Max
Unit
Thermal Resistance. Junction to Case
R
θJC
0.83
_C/W
(1) Pulse Test: Pulse Width = 5.0 ms, Duty Cycle
v 10%.
160
0
TC, CASE TEMPERATURE (°C)
40
60
100
120
160
80
140
20
Figure 1. Power Derating
0
20
40
60
80
100
140
120
Preferred devices are Motorola recommended choices for future use and best overall value.
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
Order this document
by MJH11017/D
MJH10012
(See MJ10012)
© Motorola, Inc. 1995
MJH11017
MJH11019
MJH11021
MJH11018
MJH11020
MJH11022
15 AMPERE
DARLINGTON
COMPLEMENTARY SILICON
POWER TRANSISTORS
150, 200, 250 VOLTS
150 WATTS
*Motorola Preferred Device
*
PNP
NPN
CASE 340D–01
*
*
*
*
*


Html Pages

1  2  3  4  5  6 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn