Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AON7400 Datasheet(PDF) 1 Page - Alpha & Omega Semiconductors

Part # AON7400
Description  30V N-Channel MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors

AON7400 Datasheet(HTML) 1 Page - Alpha & Omega Semiconductors

  AON7400_11 Datasheet HTML 1Page - Alpha & Omega Semiconductors AON7400_11 Datasheet HTML 2Page - Alpha & Omega Semiconductors AON7400_11 Datasheet HTML 3Page - Alpha & Omega Semiconductors AON7400_11 Datasheet HTML 4Page - Alpha & Omega Semiconductors AON7400_11 Datasheet HTML 5Page - Alpha & Omega Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
AON7400
30V N-Channel MOSFET
General Description
Product Summary
VDS
ID (at VGS=10V)
26A
RDS(ON) (at VGS=10V)
< 12.5m
RDS(ON) (at VGS = 4.5V)
< 14.5m
Symbol
VDS
VGS
IDM
TJ, TSTG
Symbol
t ≤ 10s
Steady-State
Steady-State
RθJC
W
TA=70°C
2
Power Dissipation
A
TA=25°C
PDSM
3.1
Power Dissipation
B
TC=25°C
PD
35
W
TC=100°C
14
A
TA=70°C
9
Continuous Drain
Current
TA=25°C
IDSM
10
A
TC=100°C
20
Pulsed Drain Current
C
80
Continuous Drain
Current
TC=25°C
ID
26
Maximum Junction-to-Case
°C/W
°C/W
Maximum Junction-to-Ambient
A D
3.1
75
3.7
Maximum Junction-to-Ambient
A
The AON7400 uses advanced trench technology and
design to provide excellent RDS(ON) with low gate charge.
This device is suitable for use in DC - DC converters and
Load Switch applications.
V
Maximum
Units
Parameter
Absolute Maximum Ratings TA=25°C unless otherwise noted
30V
V
±12
Gate-Source Voltage
Drain-Source Voltage
30
°C/W
RθJA
30
60
40
°C
Thermal Characteristics
Units
Parameter
Typ
Max
Junction and Storage Temperature Range
-55 to 150
G
D
S
DFN 3x3 EP
Top View
Bottom View
Pin 1
Top View
1
2
3
4
8
7
6
5
Rev 3: Mar. 2011
www.aosmd.com
Page 1 of 5


Similar Part No. - AON7400_11

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AON7400A AOSMD-AON7400A Datasheet
177Kb / 6P
   30V N-Channel MOSFET
AON7400B AOSMD-AON7400B Datasheet
77Kb / 1P
   DFN3X3 PACKAGE MARKING DESCRIPTION
More results

Similar Description - AON7400_11

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AO4304 AOSMD-AO4304 Datasheet
537Kb / 6P
   30V N-Channel MOSFET
AO4772 AOSMD-AO4772 Datasheet
294Kb / 6P
   30V N-Channel MOSFET
AO4476A AOSMD-AO4476A Datasheet
371Kb / 6P
   30V N-Channel MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com