Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AON7220 Datasheet(PDF) 2 Page - Alpha & Omega Semiconductors

Part # AON7220
Description  25V N-Channel MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors

AON7220 Datasheet(HTML) 2 Page - Alpha & Omega Semiconductors

  AON7220 Datasheet HTML 1Page - Alpha & Omega Semiconductors AON7220 Datasheet HTML 2Page - Alpha & Omega Semiconductors AON7220 Datasheet HTML 3Page - Alpha & Omega Semiconductors AON7220 Datasheet HTML 4Page - Alpha & Omega Semiconductors AON7220 Datasheet HTML 5Page - Alpha & Omega Semiconductors AON7220 Datasheet HTML 6Page - Alpha & Omega Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
AON7220
Symbol
Min
Typ
Max
Units
BVDSS
25
V
VDS=25V, VGS=0V
1
TJ=55°C
5
IGSS
100
nA
VGS(th)
Gate Threshold Voltage
0.7
1.3
1.8
V
ID(ON)
311
A
2.5
3
TJ=125°C
3.5
4.2
3.2
4
gFS
160
S
VSD
0.66
1
V
IS
50
A
Ciss
2368
2961
3554
pF
Coss
686
981
1276
pF
Crss
19
66
113
pF
Rg
0.3
0.67
1.0
Qg(10V)
34
42.8
52
nC
Qg(4.5V)
12
17.4
23
nC
Qgs
6
nC
Qgd
3.6
nC
tD(on)
7.8
ns
t
2.5
ns
Maximum Body-Diode Continuous Current
G
Input Capacitance
Output Capacitance
Turn-On DelayTime
DYNAMIC PARAMETERS
Turn-On Rise Time
Total Gate Charge
VGS=10V, VDS=12.5V, ID=20A
Gate Source Charge
Gate Drain Charge
IS=1A,VGS=0V
VDS=5V, ID=20A
VGS=10V, ID=20A
VGS=4.5V, ID=18A
Forward Transconductance
Diode Forward Voltage
On state drain current
Zero Gate Voltage Drain Current
Gate-Body leakage current
m
RDS(ON)
Static Drain-Source On-Resistance
IDSS
ID=250µA, VGS=0V
VGS=10V, VDS=5V
Electrical Characteristics (TJ=25°C unless otherwise noted)
STATIC PARAMETERS
Parameter
Conditions
µA
VDS=VGS ID=250µA
VDS=0V, VGS= ±12V
Drain-Source Breakdown Voltage
Reverse Transfer Capacitance
VGS=0V, VDS=12.5V, f=1MHz
SWITCHING PARAMETERS
Total Gate Charge
V
=10V, V =12.5V,
Gate resistance
VGS=0V, VDS=0V, f=1MHz
tr
2.5
ns
tD(off)
37.8
ns
tf
3.8
ns
trr
14
18.1
22
ns
Qrr
31
39.2
47
nC
THIS PRODUCT HAS BEEN DESIGNED AND QUALIFIED FOR THE CONSUMER MARKET. APPLICATIONS OR USES AS CRITICAL
COMPONENTS IN LIFE SUPPORT DEVICES OR SYSTEMS ARE NOT AUTHORIZED. AOS DOES NOT ASSUME ANY LIABILITY ARISING
OUT OF SUCH APPLICATIONS OR USES OF ITS PRODUCTS. AOS RESERVES THE RIGHT TO IMPROVE PRODUCT DESIGN,
FUNCTIONS AND RELIABILITY WITHOUT NOTICE.
Turn-On Rise Time
Body Diode Reverse Recovery Charge IF=20A, dI/dt=500A/µs
Turn-Off DelayTime
IF=20A, dI/dt=500A/µs
Body Diode Reverse Recovery Time
VGS=10V, VDS=12.5V,
RL=0.625Ω, RGEN=3Ω
Turn-Off Fall Time
A. The value of RθJA is measured with the device mounted on 1in
2 FR-4 board with 2oz. Copper, in a still air environment with T
A =25°C. The
Power dissipation P
DSM is based on R
θJA t ≤ 10s value and the maximum allowed junction temperature of 150°C. The value in any given
application depends on the user's specific board design, and the maximum temperature of 150°C may be used if the PCB allows it.
B. The power dissipation P
D is based on TJ(MAX)=150°C, using junction-to-case thermal resistance, and is more useful in setting the upper
dissipation limit for cases where additional heatsinking is used.
C. Repetitive rating, pulse width limited by junction temperature T
J(MAX)=150°C. Ratings are based on low frequency and duty cycles to keep
initial T
J =25°C.
D. The RθJA is the sum of the thermal impedence from junction to case RθJC and case to ambient.
E. The static characteristics in Figures 1 to 6 are obtained using <300
µs pulses, duty cycle 0.5% max.
F. These curves are based on the junction-to-case thermal impedence which is measured with the device mounted to a large heatsink, assuming
a maximum junction temperature of T
J(MAX)=150°C. The SOA curve provides a single pulse rating.
G. The maximum current rating is package limited.
H. These tests are performed with the device mounted on 1 in2 FR-4 board with 2oz. Copper, in a still air environment with T
A=25°C.
Rev 0: March 2011
www.aosmd.com
Page 2 of 6


Similar Part No. - AON7220

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AON7200 AOSMD-AON7200 Datasheet
227Kb / 6P
   30V N-Channel MOSFET
AON7202 AOSMD-AON7202 Datasheet
239Kb / 6P
   30V N-Channel MOSFET
AON7210 AOSMD-AON7210 Datasheet
245Kb / 6P
   30V N-Channel MOSFET
AON7230 AOSMD-AON7230 Datasheet
338Kb / 6P
   Logic level driven
AON7232 AOSMD-AON7232 Datasheet
336Kb / 6P
   Logic Level Driven
More results

Similar Description - AON7220

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TSM35N03 TSC-TSM35N03_07 Datasheet
354Kb / 6P
   25V N-Channel MOSFET
TSM4410 TSC-TSM4410_08 Datasheet
126Kb / 6P
   25V N-Channel MOSFET
TSM75N03 TSC-TSM75N03 Datasheet
65Kb / 4P
   25V N-Channel MOSFET
logo
GOOD-ARK Electronics
SSFM2506L GOOD-ARK-SSFM2506L Datasheet
683Kb / 7P
   25V N-Channel MOSFET
logo
Guangdong Youtai Semico...
NTD4860 UMW-NTD4860 Datasheet
482Kb / 7P
   25V N -Channel MOSFET
logo
Taiwan Semiconductor Co...
TSM55N03 TSC-TSM55N03_07 Datasheet
363Kb / 6P
   25V N-Channel MOSFET
TSM35N03 TSC-TSM35N03_09 Datasheet
244Kb / 6P
   25V N-Channel MOSFET
logo
GOOD-ARK Electronics
SSFM2508 GOOD-ARK-SSFM2508 Datasheet
577Kb / 7P
   25V N-Channel MOSFET
SSF3612E GOOD-ARK-SSF3612E_15 Datasheet
459Kb / 4P
   25V N-Channel MOSFET
logo
Taiwan Semiconductor Co...
TSM25N03 TSC-TSM25N03_08 Datasheet
132Kb / 6P
   25V N-Channel MOSFET
logo
Alpha & Omega Semicondu...
AONS32100 AOSMD-AONS32100 Datasheet
330Kb / 6P
   25V N-Channel MOSFET
Rev.3.0: May 2019
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com