Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AON6932A Datasheet(PDF) 1 Page - Alpha & Omega Semiconductors

Part # AON6932A
Description  30V Dual Asymmetric N-Channel AlphaMOS
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors

AON6932A Datasheet(HTML) 1 Page - Alpha & Omega Semiconductors

  AON6932A Datasheet HTML 1Page - Alpha & Omega Semiconductors AON6932A Datasheet HTML 2Page - Alpha & Omega Semiconductors AON6932A Datasheet HTML 3Page - Alpha & Omega Semiconductors AON6932A Datasheet HTML 4Page - Alpha & Omega Semiconductors AON6932A Datasheet HTML 5Page - Alpha & Omega Semiconductors AON6932A Datasheet HTML 6Page - Alpha & Omega Semiconductors AON6932A Datasheet HTML 7Page - Alpha & Omega Semiconductors AON6932A Datasheet HTML 8Page - Alpha & Omega Semiconductors AON6932A Datasheet HTML 9Page - Alpha & Omega Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
AON6932A
30V Dual Asymmetric N-Channel AlphaMOS
General Description
Product Summary
Q1
Q2
30V
30V
ID (at VGS=10V)
28A
42A
RDS(ON) (at VGS=10V)
<5m
<2.5m
RDS(ON) (at VGS = 4.5V)
<8.5m
<3.2m
100% UIS Tested
Application
100% Rg Tested
Symbol
VDS
V
• Latest Trench Power AlphaMOS (αMOS LV) technology
• Very Low RDS(on) at 4.5VGS
• Low Gate Charge
• High Current Capability
• RoHS and Halogen-Free Compliant
• DC/DC Converters in Computing, Servers, and POL
• Isolated DC/DC Converters in Telecom and Industrial
VDS
Max Q1
Parameter
Gate-Source Voltage
Drain-Source Voltage
Absolute Maximum Ratings TA=25°C unless otherwise noted
Max Q2
Units
V
V
±20
±20
30
Top View
Bottom View
PIN1
DFN5X6
Top View
Bottom View
Bottom View
PIN1
VGS
IDM
IAS
EAS
VDS Spike
VSPIKE
TJ, TSTG
Parameter
Symbol
Typ Q1
Typ Q2
Max Q1 Max Q2
t ≤ 10s
29
24
35
29
Steady-State
56
50
67
60
Steady-State
RθJC
3.3
1.2
4
1.6
V
100ns
Avalanche Energy L=0.05mH
C
36
36
TC=25°C
°C/W
°C/W
Maximum Junction-to-Ambient
A D
RθJA
Maximum Junction-to-Ambient
A
°C/W
Maximum Junction-to-Case
TC=100°C
Power Dissipation
A
PDSM
TA=25°C
TA=25°C
Power Dissipation
B
IDSM
TA=70°C
PD
31
TC=100°C
Pulsed Drain Current
C
Continuous Drain
Current
G
ID
32
17
TC=25°C
12
Gate-Source Voltage
mJ
Avalanche Current
C
Continuous Drain
Current
A
Units
70
26
123
A
31
V
33
±20
±20
A
168
36
28
42
22
112
°C
W
22
29
78
Thermal Characteristics
3.6
4.3
2.3
2.7
Junction and Storage Temperature Range
-55 to 150
W
TA=70°C
Rev 0 : Nov. 2012
www.aosmd.com
Page 1 of 10


Similar Part No. - AON6932A

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AON6934 AOSMD-AON6934 Datasheet
526Kb / 10P
   RoHS and Halogen-Free Compliant
AON6934A AOSMD-AON6934A Datasheet
583Kb / 10P
   30V Dual Asymmetric N-Channel AlphaMOS
AON6936 AOSMD-AON6936 Datasheet
711Kb / 10P
   30V Dual Asymmetric N-Channel AlphaMOS
AON6938 AOSMD-AON6938 Datasheet
557Kb / 10P
   30V Dual Asymmetric N-Channel AlphaMOS
More results

Similar Description - AON6932A

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AON7934 AOSMD-AON7934 Datasheet
552Kb / 10P
   30V Dual Asymmetric N-Channel AlphaMOS
AON6928 AOSMD-AON6928 Datasheet
606Kb / 10P
   30V Dual Asymmetric N-Channel AlphaMOS
AON6973A AOSMD-AON6973A Datasheet
488Kb / 10P
   30V Dual Asymmetric N-Channel AlphaMOS
AON6938 AOSMD-AON6938 Datasheet
557Kb / 10P
   30V Dual Asymmetric N-Channel AlphaMOS
AON6970 AOSMD-AON6970 Datasheet
540Kb / 10P
   30V Dual Asymmetric N-Channel AlphaMOS
AON6934A AOSMD-AON6934A Datasheet
583Kb / 10P
   30V Dual Asymmetric N-Channel AlphaMOS
AON6936 AOSMD-AON6936 Datasheet
711Kb / 10P
   30V Dual Asymmetric N-Channel AlphaMOS
AON6974A AOSMD-AON6974A Datasheet
487Kb / 10P
   30V Dual Asymmetric N-Channel AlphaMOS
AON6816 AOSMD-AON6816 Datasheet
287Kb / 6P
   30V Dual N-Channel AlphaMOS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com