Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AON6928 Datasheet(PDF) 3 Page - Alpha & Omega Semiconductors

Part # AON6928
Description  30V Dual Asymmetric N-Channel AlphaMOS
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors

AON6928 Datasheet(HTML) 3 Page - Alpha & Omega Semiconductors

  AON6928 Datasheet HTML 1Page - Alpha & Omega Semiconductors AON6928 Datasheet HTML 2Page - Alpha & Omega Semiconductors AON6928 Datasheet HTML 3Page - Alpha & Omega Semiconductors AON6928 Datasheet HTML 4Page - Alpha & Omega Semiconductors AON6928 Datasheet HTML 5Page - Alpha & Omega Semiconductors AON6928 Datasheet HTML 6Page - Alpha & Omega Semiconductors AON6928 Datasheet HTML 7Page - Alpha & Omega Semiconductors AON6928 Datasheet HTML 8Page - Alpha & Omega Semiconductors AON6928 Datasheet HTML 9Page - Alpha & Omega Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
AON6928
Q1-CHANNEL: TYPICAL ELECTRICAL AND THERMAL CHARACTERISTICS
17
5
2
10
0
18
0
20
40
60
80
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
V
GS(Volts)
Figure 2: Transfer Characteristics (Note E)
4
6
8
10
12
14
0
5
10
15
20
25
30
I
D (A)
Figure 3: On-Resistance vs. Drain Current and Gate
Voltage (Note E)
0.8
1
1.2
1.4
1.6
1.8
0
25
50
75
100
125
150
175
Temperature (°C)
Figure 4: On-Resistance vs. Junction Temperature
(Note E)
V
GS=4.5V
I
D=20A
V
GS=10V
I
D=20A
25
°
C
125
°
C
V
DS=5V
V
GS=4.5V
V
GS=10V
0
20
40
60
80
100
0
1
2
3
4
5
V
DS (Volts)
Fig 1: On-Region Characteristics (Note E)
V
GS=3V
4.5V
10V
4V
3.5V
7V
6V
5V
40
Voltage (Note E)
1.0E-05
1.0E-04
1.0E-03
1.0E-02
1.0E-01
1.0E+00
1.0E+01
1.0E+02
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
V
SD (Volts)
Figure 6: Body-Diode Characteristics (Note E)
25
°
C
125
°
C
(Note E)
5
10
15
20
25
2
4
6
8
10
V
GS (Volts)
Figure 5: On-Resistance vs. Gate-Source Voltage
(Note E)
I
D=20A
25
°
C
125
°
C
Rev 0 : Nov. 2012
www.aosmd.com
Page 3 of 10


Similar Part No. - AON6928

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AON6920 AOSMD-AON6920 Datasheet
400Kb / 10P
   30V Dual Asymmetric N-Channel MOSFET
AON6922 AOSMD-AON6922 Datasheet
393Kb / 10P
   25V Dual Asymmetric N-Channel MOSFET
AON6924 AOSMD-AON6924 Datasheet
440Kb / 11P
   30V Dual Asymmetric N-Channel MOSFET
AON6926 AOSMD-AON6926 Datasheet
375Kb / 10P
   30V Dual Asymmetric N-Channel MOSFET
More results

Similar Description - AON6928

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AON7934 AOSMD-AON7934 Datasheet
552Kb / 10P
   30V Dual Asymmetric N-Channel AlphaMOS
AON6973A AOSMD-AON6973A Datasheet
488Kb / 10P
   30V Dual Asymmetric N-Channel AlphaMOS
AON6938 AOSMD-AON6938 Datasheet
557Kb / 10P
   30V Dual Asymmetric N-Channel AlphaMOS
AON6932A AOSMD-AON6932A Datasheet
566Kb / 10P
   30V Dual Asymmetric N-Channel AlphaMOS
AON6970 AOSMD-AON6970 Datasheet
540Kb / 10P
   30V Dual Asymmetric N-Channel AlphaMOS
AON6934A AOSMD-AON6934A Datasheet
583Kb / 10P
   30V Dual Asymmetric N-Channel AlphaMOS
AON6936 AOSMD-AON6936 Datasheet
711Kb / 10P
   30V Dual Asymmetric N-Channel AlphaMOS
AON6974A AOSMD-AON6974A Datasheet
487Kb / 10P
   30V Dual Asymmetric N-Channel AlphaMOS
AON6816 AOSMD-AON6816 Datasheet
287Kb / 6P
   30V Dual N-Channel AlphaMOS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com