Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AON6912A Datasheet(PDF) 8 Page - Alpha & Omega Semiconductors

Part # AON6912A
Description  30V Dual Asymmetric N-Channel MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors

AON6912A Datasheet(HTML) 8 Page - Alpha & Omega Semiconductors

Back Button AON6912A Datasheet HTML 2Page - Alpha & Omega Semiconductors AON6912A Datasheet HTML 3Page - Alpha & Omega Semiconductors AON6912A Datasheet HTML 4Page - Alpha & Omega Semiconductors AON6912A Datasheet HTML 5Page - Alpha & Omega Semiconductors AON6912A Datasheet HTML 6Page - Alpha & Omega Semiconductors AON6912A Datasheet HTML 7Page - Alpha & Omega Semiconductors AON6912A Datasheet HTML 8Page - Alpha & Omega Semiconductors AON6912A Datasheet HTML 9Page - Alpha & Omega Semiconductors AON6912A Datasheet HTML 10Page - Alpha & Omega Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
AON6912A
Q2-CHANNEL: TYPICAL ELECTRICAL AND THERMAL CHARACTERISTICS
0.0
0.1
1.0
10.0
100.0
1000.0
0.01
0.1
1
10
100
V
DS (Volts)
Figure 9: Maximum Forward Biased Safe
Operating Area (Note F)
10
µs
1ms
DC
R
DS(ON)
limited
T
J(Max)=150°C
100
µs
0
40
80
120
160
200
0.0001
0.001
0.01
0.1
1
10
Pulse Width (s)
Figure 10: Single Pulse Power Rating Junction-to-
Case (Note F)
0
2
4
6
8
10
0
3
6
9
12
15
18
Q
g (nC)
Figure 7: Gate-Charge Characteristics
0
200
400
600
800
1000
1200
1400
1600
1800
0
5
10
15
20
25
30
V
DS (Volts)
Figure 8: Capacitance Characteristics
C
iss
C
oss
C
rss
V
DS=15V
I
D=20A
T
J(Max)=150°C
T
C=25°C
10ms
40
0.0
0.1
1.0
10.0
100.0
1000.0
0.01
0.1
1
10
100
V
DS (Volts)
Figure 9: Maximum Forward Biased Safe
Operating Area (Note F)
10
µs
1ms
DC
R
DS(ON)
limited
T
J(Max)=150°C
100
µs
0
40
80
120
160
200
0.0001
0.001
0.01
0.1
1
10
Pulse Width (s)
Figure 10: Single Pulse Power Rating Junction-to-
Case (Note F)
0
2
4
6
8
10
0
3
6
9
12
15
18
Q
g (nC)
Figure 7: Gate-Charge Characteristics
0
200
400
600
800
1000
1200
1400
1600
1800
0
5
10
15
20
25
30
V
DS (Volts)
Figure 8: Capacitance Characteristics
C
iss
0.001
0.01
0.1
1
10
0.00001
0.0001
0.001
0.01
0.1
1
10
Pulse Width (s)
Figure 11: Normalized Maximum Transient Thermal Impedance (Note F)
C
oss
C
rss
V
DS=15V
I
D=20A
Single Pulse
D=T
on/T
T
J,PK=TC+PDM.Z
θJC.RθJC
T
on
T
P
D
In descending order
D=0.5, 0.3, 0.1, 0.05, 0.02, 0.01, single pulse
T
J(Max)=150°C
T
C=25°C
RθJC=4.2°C/W
10ms
Rev1: Mar. 2011
www.aosmd.com
Page 8 of 10


Similar Part No. - AON6912A

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AON6910A AOSMD-AON6910A Datasheet
429Kb / 11P
   30V Dual Asymmetric N-Channel MOSFET
AON6918 AOSMD-AON6918 Datasheet
400Kb / 10P
   25V Dual Asymmetric N-Channel MOSFET
More results

Similar Description - AON6912A

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AON6920 AOSMD-AON6920 Datasheet
400Kb / 10P
   30V Dual Asymmetric N-Channel MOSFET
AON6906A AOSMD-AON6906A Datasheet
376Kb / 10P
   30V Dual Asymmetric N-Channel MOSFET
AON6910A AOSMD-AON6910A Datasheet
429Kb / 11P
   30V Dual Asymmetric N-Channel MOSFET
AON6908A AOSMD-AON6908A Datasheet
437Kb / 11P
   30V Dual Asymmetric N-Channel MOSFET
AOE6922 AOSMD-AOE6922 Datasheet
483Kb / 10P
   30V Dual Asymmetric N-Channel MOSFET
AON7902 AOSMD-AON7902 Datasheet
420Kb / 11P
   30V Dual Asymmetric N-Channel MOSFET
AON6926 AOSMD-AON6926 Datasheet
375Kb / 10P
   30V Dual Asymmetric N-Channel MOSFET
AONP36336 AOSMD-AONP36336 Datasheet
600Kb / 10P
   30V Dual Asymmetric N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com