Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AON6906A Datasheet(PDF) 2 Page - Alpha & Omega Semiconductors

Part # AON6906A
Description  30V Dual Asymmetric N-Channel MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors

AON6906A Datasheet(HTML) 2 Page - Alpha & Omega Semiconductors

  AON6906A Datasheet HTML 1Page - Alpha & Omega Semiconductors AON6906A Datasheet HTML 2Page - Alpha & Omega Semiconductors AON6906A Datasheet HTML 3Page - Alpha & Omega Semiconductors AON6906A Datasheet HTML 4Page - Alpha & Omega Semiconductors AON6906A Datasheet HTML 5Page - Alpha & Omega Semiconductors AON6906A Datasheet HTML 6Page - Alpha & Omega Semiconductors AON6906A Datasheet HTML 7Page - Alpha & Omega Semiconductors AON6906A Datasheet HTML 8Page - Alpha & Omega Semiconductors AON6906A Datasheet HTML 9Page - Alpha & Omega Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
AON6906A
Symbol
Min
Typ
Max
Units
BVDSS
30
V
VDS=30V, VGS=0V
1
TJ=55°C
5
IGSS
100
nA
VGS(th)
Gate Threshold Voltage
1.3
1.8
2.4
V
ID(ON)
85
A
12
14.4
TJ=125°C
17.5
21
17
21.3
m
gFS
30
S
VSD
0.73
1
V
IS
33
A
Ciss
400
510
670
pF
Coss
150
220
310
pF
Crss
13
22
38
pF
Rg
0.9
1.8
2.7
Qg(10V)
5.9
7.4
9
nC
Qg(4.5V)
2.6
3.3
4.0
nC
Qgs
1.2
1.5
1.8
nC
Qgd
0.8
1.4
2
nC
tD(on)
4.3
ns
tr
8ns
tD(off)
15.8
ns
tf
3.4
ns
trr
7.2
911
ns
Qrr
11.8
14.7
17.7
nC
COMPONENTS IN LIFE SUPPORT DEVICES OR SYSTEMS ARE NOT AUTHORIZED. AOS DOES NOT ASSUME ANY LIABILITY ARISING
OUT OF SUCH APPLICATIONS OR USES OF ITS PRODUCTS. AOS RESERVES THE RIGHT TO IMPROVE PRODUCT DESIGN,
FUNCTIONS AND RELIABILITY WITHOUT NOTICE.
Drain-Source Breakdown Voltage
ID=250µA, VGS=0V
Q1 Electrical Characteristics (TJ=25°C unless otherwise noted)
Parameter
Conditions
STATIC PARAMETERS
m
VGS=4.5V, ID=9.1A
IDSS
Zero Gate Voltage Drain Current
µA
Gate-Body leakage current
VDS=0V, VGS= ±20V
VDS=VGS ID=250µA
On state drain current
VGS=10V, VDS=5V
RDS(ON)
Static Drain-Source On-Resistance
VGS=10V, ID=9.1A
Gate resistance
VGS=0V, VDS=0V, f=1MHz
Forward Transconductance
VDS=5V, ID=9.1A
Diode Forward Voltage
IS=1A,VGS=0V
Maximum Body-Diode Continuous Current
DYNAMIC PARAMETERS
Input Capacitance
VGS=0V, VDS=15V, f=1MHz
Output Capacitance
Reverse Transfer Capacitance
SWITCHING PARAMETERS
Total Gate Charge
VGS=10V, VDS=15V, ID=9.1A
Total Gate Charge
Gate Source Charge
Gate Drain Charge
Body Diode Reverse Recovery Charge IF=9.1A, dI/dt=500A/µs
Turn-On DelayTime
VGS=10V, VDS=15V, RL=0.75Ω,
RGEN=3Ω
Turn-On Rise Time
Turn-Off DelayTime
Turn-Off Fall Time
Body Diode Reverse Recovery Time
IF=9.1A, dI/dt=500A/µs
A. The value of RθJA is measured with the device mounted on 1in
2 FR-4 board with 2oz. Copper, in a still air environment with T
A =25°C. The Power
dissipation PDSM is based on RθJA and the maximum allowed junction temperature of 150°C. The value in any given application depends on the
user's specific board design.
B. The power dissipation PD is based on TJ(MAX)=150°C, using junction-to-case thermal resistance, and is more useful in setting the upper
dissipation limit for cases where additional heatsinking is used.
C. Repetitive rating, pulse width limited by junction temperature T J(MAX)=150°C. Ratings are based on low frequency and duty cycles to keep initial
TJ =25°C.
D. The RθJA is the sum of the thermal impedence from junction to case R θJC and case to ambient.
E. The static characteristics in Figures 1 to 6 are obtained using <300
µs pulses, duty cycle 0.5% max.
F. These curves are based on the junction-to-case thermal impedence which is measured with the device mounted to a large heatsink, assuming a
maximum junction temperature of T J(MAX)=150°C. The SOA curve provides a single pulse rating.
G. The maximum current rating is limited by package.
H. These tests are performed with the device mounted on 1 in
2 FR-4 board with 2oz. Copper, in a still air environment with TA=25°C.
Rev 0: Oct 2010
www.aosmd.com
Page 2 of 10


Similar Part No. - AON6906A

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AON6908A AOSMD-AON6908A Datasheet
437Kb / 11P
   30V Dual Asymmetric N-Channel MOSFET
More results

Similar Description - AON6906A

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AON6920 AOSMD-AON6920 Datasheet
400Kb / 10P
   30V Dual Asymmetric N-Channel MOSFET
AON6910A AOSMD-AON6910A Datasheet
429Kb / 11P
   30V Dual Asymmetric N-Channel MOSFET
AON6908A AOSMD-AON6908A Datasheet
437Kb / 11P
   30V Dual Asymmetric N-Channel MOSFET
AOE6922 AOSMD-AOE6922 Datasheet
483Kb / 10P
   30V Dual Asymmetric N-Channel MOSFET
AON7902 AOSMD-AON7902 Datasheet
420Kb / 11P
   30V Dual Asymmetric N-Channel MOSFET
AON6912A AOSMD-AON6912A Datasheet
551Kb / 10P
   30V Dual Asymmetric N-Channel MOSFET
AON6926 AOSMD-AON6926 Datasheet
375Kb / 10P
   30V Dual Asymmetric N-Channel MOSFET
AONP36336 AOSMD-AONP36336 Datasheet
600Kb / 10P
   30V Dual Asymmetric N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com