Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADM1014 Datasheet(PDF) 12 Page - Analog Devices

Part # ADM1014
Description  Dual PCI Hot-PlugTM Controller
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM1014 Datasheet(HTML) 12 Page - Analog Devices

Back Button ADM1014 Datasheet HTML 4Page - Analog Devices ADM1014 Datasheet HTML 5Page - Analog Devices ADM1014 Datasheet HTML 6Page - Analog Devices ADM1014 Datasheet HTML 7Page - Analog Devices ADM1014 Datasheet HTML 8Page - Analog Devices ADM1014 Datasheet HTML 9Page - Analog Devices ADM1014 Datasheet HTML 10Page - Analog Devices ADM1014 Datasheet HTML 11Page - Analog Devices ADM1014 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 12 / 12 page
background image
ADM1014
–12–
REV.
PrN 1/02
LAYOUT CONSIDERATIONS
Any circuits supplied by the ADM1014 are outside the control
loops of the main system power supplies, which means that any
series resistance between the four supply inputs and the out-
puts will cause a degradation of the supply load regulation. This
includes connector contact resistance, PCB trace resistance, on-
resistance of MOSFETs (both external and on-chip) and
current sense resistors.
Care must therefore be taken to ensure that:
a) PCB traces are as heavy as possible.
b)External MOSFETs have low-on resistance.
c) Current sense resistors are as small as possible.
The current sense resistors have very small values (5m
in the
preceding example) to minimise the voltage drop across them.
Because of this, PCB trace resistance can be a significant per-
centage of the sense resistance. It is therefore essential to en-
sure that the ADM1014 senses the voltage drop directly across
the sense resistors and not across any current-carrying trace
resistance in series with them. Connections from the ADM1014 to
the sense resistors must go directly to the ends of the resistors.
Figure 4 shows examples of good and bad practice
OUTLINE DIMENSIONS
Dimensions shown in inches and (mm).
38-Pin TSSOP (RU-38)
INCORRECT
35
34
37
36
22
21
24
23
CURRENT
SENSE
RESISTORS
VSENSE
ADM1014
VSENSE
CORRECT
ADDITIONAL
VOLTAGE DROP
ADDITIONAL
VOLTAGE DROP
CURRENT
SENSE
RESISTORS
VSENSE
ADM1014
VSENSE
ADDITIONAL
VOLTAGE DROP
ADDITIONAL
VOLTAGE DROP
35
34
37
36
22
21
24
23
34
21
Figure 4. Good and Bad Practice For Sense Resistor
Connection
38
20
19
1
0.386 (9.80)
0.378 (9.60)
0.256 (6.50)
0.246 (6.25)
0.177(4.50)
0.169(4.30)
PIN 1
SEATING
PLANE
0.006(0.15)
0.002(0.05)
0.0200(0.50)
BSC
0.0433 (1.10)
MAX
0.0106 (0.27)
0.0067 (0.17)
0.0079 (0.20)
0.0035 (0.090)
0.028 (0.70)
0.020 (0.50)
88
08


Similar Part No. - ADM1014

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM1014 AD-ADM1014_15 Datasheet
166Kb / 12P
   Dual PCI Hot-Plug Controller
REV. PrN 1/02
More results

Similar Description - ADM1014

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM1014 AD-ADM1014_15 Datasheet
166Kb / 12P
   Dual PCI Hot-Plug Controller
REV. PrN 1/02
logo
Intersil Corporation
HIP1011D INTERSIL-HIP1011D Datasheet
139Kb / 15P
   Dual PCI Hot Plug Controller
logo
Micrel Semiconductor
MIC2590B MICREL-MIC2590B Datasheet
190Kb / 24P
   Dual-Slot PCI Hot Plug Controller
MIC2590B MICREL-MIC2590B_08 Datasheet
235Kb / 23P
   Dual-Slot PCI Hot Plug Controller
logo
STMicroelectronics
MIC2593 STMICROELECTRONICS-MIC2593 Datasheet
175Kb / 26P
   Dual-Slot PCI Hot Plug Controller
logo
Micrel Semiconductor
MIC2593 MICREL-MIC2593_08 Datasheet
225Kb / 26P
   Dual-Slot PCI Hot Plug Controller
logo
Maxim Integrated Produc...
MAX5946 MAXIM-MAX5946 Datasheet
1,019Kb / 23P
   Dual PCI Express, Hot-Plug Controller
Rev 0; 11/04
logo
Micrel Semiconductor
MIC2341 MICREL-MIC2341 Datasheet
1Mb / 32P
   Dual-Slot PCI Express Hot-Plug Controller
MIC2591B MICREL-MIC2591B Datasheet
1Mb / 34P
   Dual-Slot PCI Express Hot-Plug Controller
logo
Texas Instruments
TPS2340A TI-TPS2340A Datasheet
389Kb / 27P
[Old version datasheet]   DUAL-SLOT PCI HOT-PLUG POWER CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com