Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SE2620T Datasheet(PDF) 11 Page - Skyworks Solutions Inc.

Part # SE2620T
Description  2.4 GHz Wireless LAN/BT Front End Preliminary
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

SE2620T Datasheet(HTML) 11 Page - Skyworks Solutions Inc.

Back Button SE2620T Datasheet HTML 5Page - Skyworks Solutions Inc. SE2620T Datasheet HTML 6Page - Skyworks Solutions Inc. SE2620T Datasheet HTML 7Page - Skyworks Solutions Inc. SE2620T Datasheet HTML 8Page - Skyworks Solutions Inc. SE2620T Datasheet HTML 9Page - Skyworks Solutions Inc. SE2620T Datasheet HTML 10Page - Skyworks Solutions Inc. SE2620T Datasheet HTML 11Page - Skyworks Solutions Inc. SE2620T Datasheet HTML 12Page - Skyworks Solutions Inc. SE2620T Datasheet HTML 13Page - Skyworks Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
DATA SHEET
SE2620T: 2.4 GHz Wireless LAN/BT Front End
Preliminary
Skyworks Solutions, Inc. ● Phone [781] 376-3000 ● Fax [781] 376-3100 ● sales@skyworksinc.com www.skyworksinc.com
DST-00482  Rev 1.4 ● Skyworks Proprietary Information ● Products and Product Information are Subject to Change Without Notice ● April 16, 2012
11 of 13
Recommended PCB Footprint and Solder pattern
16
14
7
567
8
16
4
9
15
14
13
310
211
112
567
8
16
4
9
15
14
13
310
211
112
5
678
5
16
49
15
14
13
310
211
112
Figure 5: PCB Footprint and Solder pattern
Tape and Reel Information
Parameter
Value
Devices Per Reel
3000
Reel Diameter
13 inches
Tape Width
12 millimeters
Figure 6: SE2620T-R Tape and Reel Information.


Similar Part No. - SE2620T

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SE2620T SKYWORKS-SE2620T Datasheet
273Kb / 13P
   SE2620T: 2.4 GHz Wireless LAN/BT Front End Preliminary
SE2620T-DS SKYWORKS-SE2620T-DS Datasheet
273Kb / 13P
   SE2620T: 2.4 GHz Wireless LAN/BT Front End Preliminary
SE2620T-EK1 SKYWORKS-SE2620T-EK1 Datasheet
273Kb / 13P
   SE2620T: 2.4 GHz Wireless LAN/BT Front End Preliminary
SE2620T-R SKYWORKS-SE2620T-R Datasheet
273Kb / 13P
   SE2620T: 2.4 GHz Wireless LAN/BT Front End Preliminary
More results

Similar Description - SE2620T

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SE2620T-DS SKYWORKS-SE2620T-DS Datasheet
273Kb / 13P
   SE2620T: 2.4 GHz Wireless LAN/BT Front End Preliminary
logo
SiGe Semiconductor, Inc...
SE2571U SIGE-SE2571U Datasheet
166Kb / 2P
   2.4 GHz High Efficiency Wireless LAN/BT Front End Preliminary
SE2521A80 SIGE-SE2521A80 Datasheet
105Kb / 2P
   2.4 GHz Wireless LAN Front End Preliminary
SE2579U SIGE-SE2579U Datasheet
165Kb / 2P
   2.4 GHz High Efficiency Wireless LAN/BT Front End
SE2559L20 SIGE-SE2559L20 Datasheet
105Kb / 2P
   2.4 GHz High Efficiency Wireless LAN Front End Preliminary
SE2521A60 SIGE-SE2521A60 Datasheet
451Kb / 16P
   RangeCharger??2.4 GHz Wireless LAN Front End
SE2564L SIGE-SE2564L Datasheet
142Kb / 2P
   2.4 GHz High Efficiency Wireless LAN Front End Product Preview
SE2568U SIGE-SE2568U Datasheet
109Kb / 2P
   2.4 GHz High Efficiency Wireless LAN PA Preliminary
SE2545A30 SIGE-SE2545A30 Datasheet
105Kb / 2P
   Dual Band 802.11n Wireless LAN Front End Preliminary Information
SE2545A23 SIGE-SE2545A23 Datasheet
105Kb / 2P
   Dual Band 802.11n Wireless LAN Front End Preliminary Information
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com