Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ML390PZA102MLZ Datasheet(PDF) 1 Page - Coilcraft lnc.

Part # ML390PZA102MLZ
Description  High Reliability Power Inductors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COILCRAFT [Coilcraft lnc.]
Direct Link  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

ML390PZA102MLZ Datasheet(HTML) 1 Page - Coilcraft lnc.

  ML390PZA102MLZ Datasheet HTML 1Page - Coilcraft lnc. ML390PZA102MLZ Datasheet HTML 2Page - Coilcraft lnc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1102 Silver Lake Road
Cary IL 60013
Phone
Fax
800-981-0363
847-639-1508
E-mail
Web
cps@coilcraft.com
www.coilcraft-cps.com
®
© Coilcraft, Inc. 2012
Specifications subject to change without notice.
Please check our website for latest information.
Document ML727-1 Revised 02/09/11
Inductance2
DCR (Ohms)3
SRF (MHz)4
Isat (A)5
Irms (A)6
Part number1
±20% (µH)
typ
max
min
typ
10% drop 20% drop 30% drop
20°C rise 40°C rise
ML390PZA601MLZ
0.60
30
33
144
180
1.8
2.4
2.7
1.8
2.5
ML390PZA102MLZ
1.0
43
49
102
128
1.5
2.1
2.4
1.6
2.3
ML390PZA152MLZ
1.5
71
80
77
97
1.2
1.6
1.9
1.4
1.9
ML390PZA222MLZ
2.2
111
122
62
78
0.94
1.2
1.5
1.0
1.3
ML390PZA332MLZ
3.3
154
166
51
64
0.86
1.1
1.3
0.88
1.2
ML390PZA472MLZ
4.7
217
230
45
57
0.71
0.97
1.1
0.84
1.1
1. When ordering, please specify
testing code:
ML390PZA222MLZ
Testing:
Z = COTS
H = Screening per Coilcraft CP-SA-10001
N = Screening per Coilcraft CP-SA-10004
C = Custom screening (please specify when ordering)
2. Inductance tested at 100 kHz, 0.1 Vrms, 0 Adc.
3. DCR measured on a micro-ohmmeter.
4. SRF measured using Agilent/HP 4395A or equivalent.
5. Typical dc current at which the inductance drops the specified amount from its value without current.
6. Typical current that causes the specified temperature rise from 25°C ambient.
7. Electrical specifications at 25°C.
Refer to Doc 362 “Soldering Surface Mount Components” before soldering.
3010 POWER INDUCTORS
HighReliabilityPowerInductors ML390PZA
Terminations Tin-silver-copper over tin over nickel over silver.
Core material Composite
Weight 44 mg
Ambient temperature –55°C to +105°C with Irms current, +105°C
to +155°C with derated current
Storage temperature Component: –55°C to +155°C.
Tape and reel packaging: –55°C to +80°C
Resistance to soldering heat Max three 40 second reflows at
+260°C, parts cooled to room temperature between cycles
Moisture Sensitivity Level (MSL) 1 (unlimited floor life at <30°C /
85% relative humidity)
Enhanced crush-resistant packaging 2000/7
″reel; 7500/13″ reel
Plastic tape: 8 mm wide, 0.23 mm thick, 4 mm pocket spacing,
1.14 mm pocket depth
High temperature materials allow operation in ambient
temperatures up to 155°C
Low profile, ultra-miniature, shielded power inductor
Soft saturation makes them ideal for VRM/VRD applications.


Similar Part No. - ML390PZA102MLZ

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
ML394RAT13N_LZ COILCRAFT-ML394RAT13N_LZ Datasheet
502Kb / 2P
   High-Reliability Air Core Inductors
ML394RAT5N6_LZ COILCRAFT-ML394RAT5N6_LZ Datasheet
502Kb / 2P
   High-Reliability Air Core Inductors
ML394RAT7N2_LZ COILCRAFT-ML394RAT7N2_LZ Datasheet
502Kb / 2P
   High-Reliability Air Core Inductors
ML394RAT8N8_LZ COILCRAFT-ML394RAT8N8_LZ Datasheet
502Kb / 2P
   High-Reliability Air Core Inductors
ML394RAT9N9_LZ COILCRAFT-ML394RAT9N9_LZ Datasheet
502Kb / 2P
   High-Reliability Air Core Inductors
More results

Similar Description - ML390PZA102MLZ

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
MS433PZA COILCRAFT-MS433PZA Datasheet
271Kb / 2P
   High Reliability Power Inductors
MS483PYA COILCRAFT-MS483PYA Datasheet
245Kb / 3P
   High Reliability Power Inductors
ML486PJB COILCRAFT-ML486PJB Datasheet
291Kb / 2P
   High-Reliability Power Inductors
ML512PYA COILCRAFT-ML512PYA Datasheet
292Kb / 3P
   High Reliability Power Inductors
MS512PJB COILCRAFT-MS512PJB Datasheet
324Kb / 2P
   High-Reliability Power Inductors
MS512PYA COILCRAFT-MS512PYA Datasheet
287Kb / 3P
   High Reliability Power Inductors
MS515PYA COILCRAFT-MS515PYA Datasheet
296Kb / 4P
   High-Reliability Power Inductors
MS558PTA COILCRAFT-MS558PTA Datasheet
270Kb / 2P
   High-Reliability Power Inductors
MS566PNB COILCRAFT-MS566PNB Datasheet
373Kb / 2P
   High-Reliability Power Inductors
ML563PKA COILCRAFT-ML563PKA Datasheet
699Kb / 2P
   High-Reliability Power Inductors
ML598PTA COILCRAFT-ML598PTA Datasheet
341Kb / 2P
   High-Reliability Power Inductors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com