Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AON6458 Datasheet(PDF) 4 Page - Alpha & Omega Semiconductors

Part # AON6458
Description  250V,14A N-Channel MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors

AON6458 Datasheet(HTML) 4 Page - Alpha & Omega Semiconductors

  AON6458 Datasheet HTML 1Page - Alpha & Omega Semiconductors AON6458 Datasheet HTML 2Page - Alpha & Omega Semiconductors AON6458 Datasheet HTML 3Page - Alpha & Omega Semiconductors AON6458 Datasheet HTML 4Page - Alpha & Omega Semiconductors AON6458 Datasheet HTML 5Page - Alpha & Omega Semiconductors AON6458 Datasheet HTML 6Page - Alpha & Omega Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
AON6458
TYPICAL ELECTRICAL AND THERMAL CHARACTERISTICS
0
3
6
9
12
15
0
5
10
15
20
25
30
35
Q
g (nC)
Figure 7: Gate-Charge Characteristics
V
DS=200V
I
D=10A
1
10
100
1000
10000
0.1
1
10
100
V
DS (Volts)
Figure 8: Capacitance Characteristics
C
iss
C
oss
C
rss
0.01
0.1
1
10
100
1
10
100
1000
V
DS (Volts)
Figure 9: Maximum Forward Biased Safe
Operating Area (Note F)
10
µs
10ms
1ms
0.1s
DC
R
DS(ON)
limited
T
J(Max)=150°C
T
C=25°C
100
µs
0
100
200
300
400
0.0001
0.001
0.01
0.1
1
10
Pulse Width (s)
Figure 10: Single Pulse Power Rating Junction-to-
Case (Note F)
T
J(Max)=150°C
T
C=25°C
0
3
6
9
12
15
0
5
10
15
20
25
30
35
Q
g (nC)
Figure 7: Gate-Charge Characteristics
V
DS=200V
I
D=10A
1
10
100
1000
10000
0.1
1
10
100
V
DS (Volts)
Figure 8: Capacitance Characteristics
C
iss
C
oss
C
rss
0.01
0.1
1
10
100
1
10
100
1000
V
DS (Volts)
Figure 9: Maximum Forward Biased Safe
Operating Area (Note F)
10
µs
10ms
1ms
0.1s
DC
R
DS(ON)
limited
T
J(Max)=150°C
T
C=25°C
100
µs
0
100
200
300
400
0.0001
0.001
0.01
0.1
1
10
Pulse Width (s)
Figure 10: Single Pulse Power Rating Junction-to-
Case (Note F)
T
J(Max)=150°C
T
C=25°C
0.001
0.01
0.1
1
10
0.000001
0.00001
0.0001
0.001
0.01
0.1
1
10
100
Pulse Width (s)
Figure 11: Normalized Maximum Transient Thermal Impedance (Note F)
D=T
on/T
T
J,PK=TC+PDM.Z
θJC.RθJC
In descending order
D=0.5, 0.3, 0.1, 0.05, 0.02, 0.01, single pulse
Single Pulse
T
on
T
P
D
Rev0: June 2011
www.aosmd.com
Page 2 of 6


Similar Part No. - AON6458

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AON6450 AOSMD-AON6450 Datasheet
279Kb / 7P
   100V N-Channel MOSFET
AON6450L AOSMD-AON6450L Datasheet
274Kb / 7P
   N-Channel SDMOS TM Power Transistor
AON6450 AOSMD-AON6450_11 Datasheet
279Kb / 7P
   100V N-Channel MOSFET
AON6452 AOSMD-AON6452 Datasheet
405Kb / 7P
   100V N-Channel MOSFET
AON6454A AOSMD-AON6454A Datasheet
257Kb / 6P
   150V N-Channel MOSFET
More results

Similar Description - AON6458

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOD458 AOSMD-AOD458_11 Datasheet
266Kb / 6P
   250V,14A N-Channel MOSFET
logo
MagnaChip Semiconductor...
MDP14N25C MGCHIP-MDP14N25C Datasheet
846Kb / 6P
   N-Channel MOSFET 250V, 14A, 0.28(ohm)
logo
Fairchild Semiconductor
FDMS2734 FAIRCHILD-FDMS2734 Datasheet
508Kb / 7P
   N-Channel UltraFET Trench MOSFET 250V, 14A, 122mohm
logo
Alpha & Omega Semicondu...
AOW14N50 AOSMD-AOW14N50 Datasheet
329Kb / 6P
   500V, 14A N-Channel MOSFET
AOB14N50 AOSMD-AOB14N50 Datasheet
263Kb / 6P
   500V, 14A N-Channel MOSFET
AOT14N50 AOSMD-AOT14N50 Datasheet
180Kb / 6P
   500V, 14A N-Channel MOSFET
AOT14N50FD AOSMD-AOT14N50FD Datasheet
237Kb / 6P
   500V, 14A N-Channel MOSFET
logo
Fairchild Semiconductor
FDB33N25 FAIRCHILD-FDB33N25 Datasheet
688Kb / 2P
   250V N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com