Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AON6435 Datasheet(PDF) 1 Page - Alpha & Omega Semiconductors

Part # AON6435
Description  30V P-Channel MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors

AON6435 Datasheet(HTML) 1 Page - Alpha & Omega Semiconductors

  AON6435 Datasheet HTML 1Page - Alpha & Omega Semiconductors AON6435 Datasheet HTML 2Page - Alpha & Omega Semiconductors AON6435 Datasheet HTML 3Page - Alpha & Omega Semiconductors AON6435 Datasheet HTML 4Page - Alpha & Omega Semiconductors AON6435 Datasheet HTML 5Page - Alpha & Omega Semiconductors AON6435 Datasheet HTML 6Page - Alpha & Omega Semiconductors AON6435 Datasheet HTML 7Page - Alpha & Omega Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
AON6435
30V P-Channel MOSFET
General Description
Product Summary
VDS
ID (at VGS= -10V)
-34A
RDS(ON) (at VGS= -10V)
< 17m
RDS(ON) (at VGS =-5V)
< 34m
100% UIS Tested
100% Rg Tested
Symbol
VDS
The AON6435 combines advanced trench MOSFET
technology with a low resistance package to provide
extremely low RDS(ON). This device is ideal for load switch
and battery protection applications.
V
Maximum
Units
Parameter
Absolute Maximum Ratings TA=25°C unless otherwise noted
-30V
Drain-Source Voltage
-30
G
D
S
Top View
1
2
3
4
8
7
6
5
PIN1
DFN5X6
Top View
Bottom View
VDS
VGS
IDM
IAS
EAS
TJ, TSTG
Symbol
t ≤ 10s
Steady-State
Steady-State
RθJC
Maximum Junction-to-Case
°C/W
°C/W
Maximum Junction-to-Ambient
A D
3.4
64
4
TC=25°C
TC=100°C
W
Power Dissipation
A
PDSM
W
TA=70°C
31
2.6
TA=25°C
Power Dissipation
B
PD
Avalanche energy L=0.1mH
C
mJ
Avalanche Current
C
-10
V
°C
IDSM
A
TA=70°C
Continuous Drain
Current
29
-12
A
24
V
±25
Gate-Source Voltage
Drain-Source Voltage
-30
°C/W
RθJA
24
53
-95
30
Thermal Characteristics
Units
Maximum Junction-to-Ambient
A
A
TA=25°C
Pulsed Drain Current
C
Continuous Drain
Current
ID
-34
-21.5
Parameter
Typ
Max
TC=25°C
4.1
12.5
TC=100°C
Junction and Storage Temperature Range
-55 to 150
Rev 0: Sep 2011
www.aosmd.com
Page 1 of 7


Similar Part No. - AON6435

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
AON6435 VBSEMI-AON6435 Datasheet
1Mb / 8P
   P-Channel 30-V (D-S) MOSFET
More results

Similar Description - AON6435

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AO4447A AOSMD-AO4447A Datasheet
194Kb / 5P
   30V P-Channel MOSFET
AO4801A AOSMD-AO4801A_11 Datasheet
279Kb / 5P
   30V P-Channel MOSFET
AON2705 AOSMD-AON2705 Datasheet
398Kb / 6P
   30V P-Channel MOSFET
AOD403 AOSMD-AOD403_11 Datasheet
414Kb / 6P
   30V P-Channel MOSFET
AO4415 AOSMD-AO4415 Datasheet
172Kb / 4P
   30V P-Channel MOSFET
AO3407A AOSMD-AO3407A_11 Datasheet
489Kb / 5P
   30V P-Channel MOSFET
AO3409 AOSMD-AO3409_11 Datasheet
239Kb / 5P
   30V P-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com