Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ADG419BN Datasheet(PDF) 5 Page - Analog Devices

Part No. ADG419BN
Description  LC2MOS Precision Mini-DIP Analog Switch
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG419BN Datasheet(HTML) 5 Page - Analog Devices

  ADG419BN Datasheet HTML 1Page - Analog Devices ADG419BN Datasheet HTML 2Page - Analog Devices ADG419BN Datasheet HTML 3Page - Analog Devices ADG419BN Datasheet HTML 4Page - Analog Devices ADG419BN Datasheet HTML 5Page - Analog Devices ADG419BN Datasheet HTML 6Page - Analog Devices ADG419BN Datasheet HTML 7Page - Analog Devices ADG419BN Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
ADG419
REV. A
–5–
Typical Performance Characteristics–
TA = +25 C
VDD = +12V
VSS = –12V
VDD = +5V
VSS = –5V
VDD = +15V
VSS = –15V
VDD = +10V
VSS = –10V
VS, VD – Volts
50
40
0
–15
15
–10
–5
0
5
10
30
20
10
Figure 1. RON as a Function of VD (VS): Dual Supply Voltage
VDD = +15V
VSS = –15V
VL = +5V
+25 C
+85 C
+125 C
VS, VD – Volts
50
40
0
–15
15
–10
–5
0
510
30
20
10
Figure 2. RON as a Function of VD (VS) for Different
Temperatures
VDD = +15V
VSS = –15V
TA = +25 C
ID (ON)
IS (OFF)
ID (OFF)
VS, VD – Volts
0.02
0.01
–0.03
–15
15
–10
–5
0
510
0.00
–0.01
– 0.02
Figure 3. Leakage Currents as a Function of VS (VD)
TA = +25 C
VDD = +12V
VSS = 0V
VDD = +5V
VSS = 0V
VDD = +15V
VSS = 0V
VDD = +10V
VSS = 0V
VS, VD – Volts
100
80
0
0
15
5
10
60
40
20
Figure 4. RON as a Function of VD (VS): Single Supply
Voltage
VS, VD – Volts
100
80
0
VDD = +12V
VSS = 0V
VL = +5V
+125 C
+85 C
+25 C
0
12
3
69
60
40
20
Figure 5. RON as a Function of VD (VS) for Different
Temperatures
VDD = +12V
VSS = 0V
TA = +25 C
IS (OFF)
ID (OFF)
ID (ON)
VS, VD – Volts
0.006
0.004
–0.004
12
2
468
10
0.002
0.000
–0.002
0
Figure 6. Leakage Currents as a Function of VS (VD)


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
ADG417 LC2MOS Precision Mini-DIP Analog Switch 1  2  3  4  5  More Analog Devices
DG333A Precision Quad SPDT Analog Switch 1  2  3  4  5  More Vishay Siliconix
MAX333A Precision Quad SPDT CMOS Analog Switch 1  2  3  4  5  More Maxim Integrated Products
PI5A101 Precision Wide-Bandwidth Analog Switch 1  2  3  4  5  More Pericom Semiconductor Corporation
PS394 Precision Quad SPDT 17V Analog Switch 1  2  3  4  5  More Pericom Semiconductor Corporation
PI5A100 Precision Wide-Bandwidth Quad SPDT Analog Switch 1  2  3  4  5  More Pericom Semiconductor Corporation
TK15210 Audio Analog Switch 1  2  3  4  5  More TOKO, Inc
2SK1840 Analog Switch Applications 1  2  3  Sanyo Semicon Device
AD7769 LC2MOS Analog I/O Port 1  2  3  4  5  More Analog Devices
MM74HC4066 Quad Analog Switch 1  2  3  4  5  More Fairchild Semiconductor

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn