Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCV8842 Datasheet(PDF) 4 Page - ON Semiconductor

Part # NCV8842
Description  1.5 A, 170 kHz, Buck Regulator with Synchronization Capability
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCV8842 Datasheet(HTML) 4 Page - ON Semiconductor

  NCV8842_11 Datasheet HTML 1Page - ON Semiconductor NCV8842_11 Datasheet HTML 2Page - ON Semiconductor NCV8842_11 Datasheet HTML 3Page - ON Semiconductor NCV8842_11 Datasheet HTML 4Page - ON Semiconductor NCV8842_11 Datasheet HTML 5Page - ON Semiconductor NCV8842_11 Datasheet HTML 6Page - ON Semiconductor NCV8842_11 Datasheet HTML 7Page - ON Semiconductor NCV8842_11 Datasheet HTML 8Page - ON Semiconductor NCV8842_11 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
NCV8842
http://onsemi.com
4
ELECTRICAL CHARACTERISTICS (−40°C < TJ < 150°C, 4.5 V< VIN < 40 V; unless otherwise specified.)
Characteristic
Test Conditions
Min
Typ
Max
Unit
Oscillator
Operating Frequency
153
170
187
kHz
Frequency Line Regulation
0.05
0.15
%/V
Maximum Duty Cycle
85
90
95
%
VFB Frequency Foldback Threshold
0.29
0.32
0.36
V
PWM Comparator
Slope Compensation Voltage
Fix VFB, DVC/DTON
5.0
9.0
17
mV/ms
Minimum Output Pulse Width
VFB to VSW
100
200
ns
Power Switch
Current Limit
VFB > 0.36 V
1.6
2.3
3.0
A
Foldback Current
VFB < 0.29 V
0.9
1.5
2.1
A
Saturation Voltage
IOUT = 1.5 A, VBOOST = VIN + 2.5 V
0.4
0.7
1.0
V
Current Limit Delay
(Note 5)
120
160
ns
Error Amplifier
Internal Reference Voltage
1.244
1.270
1.296
V
Reference PSRR
(Note 5)
40
dB
FB Input Bias Current
0.02
0.1
mA
Output Source Current
VC = 1.270 V, VFB = 1.0 V
15
25
35
mA
Output Sink Current
VC = 1.270 V, VFB = 2.0 V
15
25
35
mA
Output High Voltage
VFB = 1.0 V
1.39
1.46
1.53
V
Output Low Voltage
VFB = 2.0 V
5.0
20
60
mV
Unity Gain Bandwidth
(Note 5)
500
kHz
Open Loop Amplifier Gain
(Note 5)
70
dB
Amplifier Transconductance
(Note 5)
6.4
mA/V
Sync
Sync Frequency Range
190
355
kHz
Sync Pin Bias Current
VSYNC = 5.0 V
360
485
mA
Sync Threshold Voltage
0.9
1.5
1.9
V
Shutdown
Shutdown Threshold Voltage
1.0
1.3
1.6
V
SHDNB Input Current
Vin = 5.0 V, (Note 5)
4.0
mA
Thermal Shutdown
Overtemperature Trip Point
(Note 5)
175
185
195
°C
Thermal Shutdown Hysteresis
(Note 5)
42
°C
5. Guaranteed by design, not 100% tested in production.


Similar Part No. - NCV8842_11

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV8842MNR2G ONSEMI-NCV8842MNR2G Datasheet
180Kb / 15P
   1.5 A, 170 kHz, Buck Regulator with Synchronization Capability
October, 2006 ??Rev. 1
NCV8842PWG ONSEMI-NCV8842PWG Datasheet
180Kb / 15P
   1.5 A, 170 kHz, Buck Regulator with Synchronization Capability
October, 2006 ??Rev. 1
NCV8842PWR2G ONSEMI-NCV8842PWR2G Datasheet
180Kb / 15P
   1.5 A, 170 kHz, Buck Regulator with Synchronization Capability
October, 2006 ??Rev. 1
More results

Similar Description - NCV8842_11

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1546 ONSEMI-NCP1546 Datasheet
152Kb / 13P
   1.5 A, 170 kHz, Buck Regulator with Synchronization Capability
March, 2007 ??Rev. 0
NCV8842 ONSEMI-NCV8842 Datasheet
180Kb / 15P
   1.5 A, 170 kHz, Buck Regulator with Synchronization Capability
October, 2006 ??Rev. 1
NCV8843 ONSEMI-NCV8843 Datasheet
187Kb / 15P
   1.5 A, 340 kHz, Buck Regulator with Synchronization Capability
October, 2006 ??Rev. 1
NCV8843 ONSEMI-NCV8843_10 Datasheet
385Kb / 16P
   1.5 A, 340 kHz, Buck Regulator with Synchronization Capability
May, 2010 ??Rev. 10
NCP1547 ONSEMI-NCP1547 Datasheet
157Kb / 13P
   1.5 A, 340 kHz, Buck Regulator with Synchronization Capability
March, 2007 ??Rev. 0
NCP1547 ONSEMI-NCP1547_11 Datasheet
242Kb / 15P
   1.5 A, 340 kHz, Buck Regulator with Synchronization Capability
July, 2011 ??Rev. 5
NCV51411 ONSEMI-NCV51411 Datasheet
182Kb / 16P
   1.5 A, 260 kHz, Low Voltage Buck Regulator with Synchronization Capability
May, 2010 ??Rev. 15
NCV51411 ONSEMI-NCV51411 Datasheet
224Kb / 16P
   1.5 A, 260 kHz, Low Voltage Buck Regulator with Synchronization Capability
May, 2010 ??Rev. 15
CS51411 ONSEMI-CS51411_07 Datasheet
252Kb / 20P
   1.5 A, 260 kHz and 520 kHz, Low Voltage Buck Regulators with External Bias or Synchronization Capability
February, 2007 ??Rev. 17
CS51411-D ONSEMI-CS51411-D Datasheet
706Kb / 20P
   1.5 A, 260 kHz and 520 kHz, Low Voltage Buck Regulators with External Bias or Synchronization Capability
September, 2007 - Rev. 18
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com