Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCV8842 Datasheet(PDF) 11 Page - ON Semiconductor

Part # NCV8842
Description  1.5 A, 170 kHz, Buck Regulator with Synchronization Capability
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCV8842 Datasheet(HTML) 11 Page - ON Semiconductor

Back Button NCV8842_11 Datasheet HTML 7Page - ON Semiconductor NCV8842_11 Datasheet HTML 8Page - ON Semiconductor NCV8842_11 Datasheet HTML 9Page - ON Semiconductor NCV8842_11 Datasheet HTML 10Page - ON Semiconductor NCV8842_11 Datasheet HTML 11Page - ON Semiconductor NCV8842_11 Datasheet HTML 12Page - ON Semiconductor NCV8842_11 Datasheet HTML 13Page - ON Semiconductor NCV8842_11 Datasheet HTML 14Page - ON Semiconductor NCV8842_11 Datasheet HTML 15Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
NCV8842
http://onsemi.com
11
Input capacitor type selection is determined by design
constraints and emphasis (such as cost, performance, or
size). Aluminum electrolytic capacitors are widely available
in a broad selection of values, and are generally economical.
Their ESR and ESL (effective series inductance), however,
are relatively high. Multiple capacitors are often connected
in parallel to reduce ESR, and ceramic capacitors added in
parallel to reduce high frequency noise. OS−CON types
exhibit lower ESR. Solid tantalum capacitors combine low
ESR with small physical size.
Output Capacitor
In a buck converter, the requirements on the output
capacitor are not as critical as those on the input capacitor.
The current to the output capacitor comes from the inductor
and thus is triangular. In most applications, this makes the
RMS ripple current not an issue in selecting output
capacitors.
The output ripple voltage is the sum of a triangular wave
caused by ripple current flowing through ESR, and a square
wave due to ESL. Capacitive reactance is assumed to be
small compared to ESR and ESL. The peak to peak ripple
current of the inductor is:
IP * P +
VO(VIN * VO)
(VIN)(L)(fS)
VRIPPLE(ESR), the output ripple due to the ESR, is equal
to the product of IP−P and ESR. The voltage developed
across the ESL is proportional to the di/dt of the output
capacitor. It is realized that the di/dt of the output capacitor
is the same as the di/dt of the inductor current. Therefore,
when the switch turns on, the di/dt is equal to (VIN − VO)/L,
and it becomes VO/L when the switch turns off. The total
ripple voltage induced by ESL can then be derived from
VRIPPLE(ESL) + ESL(
VIN
L
) ) ESL(
VIN * VO
L
) + ESL(
VIN
L
)
The total output ripple is the sum of the VRIPPLE(ESR) and
VRIPPLE(ESR).
Figure 15. Output Voltage Ripple Using Two 10 mF
Ceramic Capacitors in Parallel
Figure 16. Output Voltage Ripple Using One 100 mF
POSCAP Capacitor
Figure 17. Output Voltage Ripple Using One 100
mF OS−CON
Figure 18. Output Voltage Ripple Using One 100 mF
Tantalum Capacitor


Similar Part No. - NCV8842_11

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV8842MNR2G ONSEMI-NCV8842MNR2G Datasheet
180Kb / 15P
   1.5 A, 170 kHz, Buck Regulator with Synchronization Capability
October, 2006 ??Rev. 1
NCV8842PWG ONSEMI-NCV8842PWG Datasheet
180Kb / 15P
   1.5 A, 170 kHz, Buck Regulator with Synchronization Capability
October, 2006 ??Rev. 1
NCV8842PWR2G ONSEMI-NCV8842PWR2G Datasheet
180Kb / 15P
   1.5 A, 170 kHz, Buck Regulator with Synchronization Capability
October, 2006 ??Rev. 1
More results

Similar Description - NCV8842_11

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1546 ONSEMI-NCP1546 Datasheet
152Kb / 13P
   1.5 A, 170 kHz, Buck Regulator with Synchronization Capability
March, 2007 ??Rev. 0
NCV8842 ONSEMI-NCV8842 Datasheet
180Kb / 15P
   1.5 A, 170 kHz, Buck Regulator with Synchronization Capability
October, 2006 ??Rev. 1
NCV8843 ONSEMI-NCV8843 Datasheet
187Kb / 15P
   1.5 A, 340 kHz, Buck Regulator with Synchronization Capability
October, 2006 ??Rev. 1
NCV8843 ONSEMI-NCV8843_10 Datasheet
385Kb / 16P
   1.5 A, 340 kHz, Buck Regulator with Synchronization Capability
May, 2010 ??Rev. 10
NCP1547 ONSEMI-NCP1547 Datasheet
157Kb / 13P
   1.5 A, 340 kHz, Buck Regulator with Synchronization Capability
March, 2007 ??Rev. 0
NCP1547 ONSEMI-NCP1547_11 Datasheet
242Kb / 15P
   1.5 A, 340 kHz, Buck Regulator with Synchronization Capability
July, 2011 ??Rev. 5
NCV51411 ONSEMI-NCV51411 Datasheet
182Kb / 16P
   1.5 A, 260 kHz, Low Voltage Buck Regulator with Synchronization Capability
May, 2010 ??Rev. 15
NCV51411 ONSEMI-NCV51411 Datasheet
224Kb / 16P
   1.5 A, 260 kHz, Low Voltage Buck Regulator with Synchronization Capability
May, 2010 ??Rev. 15
CS51411 ONSEMI-CS51411_07 Datasheet
252Kb / 20P
   1.5 A, 260 kHz and 520 kHz, Low Voltage Buck Regulators with External Bias or Synchronization Capability
February, 2007 ??Rev. 17
CS51411-D ONSEMI-CS51411-D Datasheet
706Kb / 20P
   1.5 A, 260 kHz and 520 kHz, Low Voltage Buck Regulators with External Bias or Synchronization Capability
September, 2007 - Rev. 18
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com