Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP6354 Datasheet(PDF) 10 Page - ON Semiconductor

Part # NCP6354
Description  3MHz, 2A Fixed-Frequency Synchronous Buck Converter
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP6354 Datasheet(HTML) 10 Page - ON Semiconductor

Back Button NCP6354_12 Datasheet HTML 6Page - ON Semiconductor NCP6354_12 Datasheet HTML 7Page - ON Semiconductor NCP6354_12 Datasheet HTML 8Page - ON Semiconductor NCP6354_12 Datasheet HTML 9Page - ON Semiconductor NCP6354_12 Datasheet HTML 10Page - ON Semiconductor NCP6354_12 Datasheet HTML 11Page - ON Semiconductor NCP6354_12 Datasheet HTML 12Page - ON Semiconductor NCP6354_12 Datasheet HTML 13Page - ON Semiconductor NCP6354_12 Datasheet HTML 14Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
NCP6354
http://onsemi.com
10
IMAX + ILMT *
VOUT @ VIN * VOUT
2 @ VIN @ fSW @ L
(eq. 1)
where VIN is input supply voltage, VOUT is output voltage,
L is inductance of the filter inductor, and fSW is 3 MHz
normal switching frequency.
Thermal Shutdown
The NCP6354 has a thermal shutdown protection to
protect the device from overheating when the die
temperature exceeds 150
°C. Once the thermal protection is
triggered, the fault state can be ended by re−applying VIN
and/or EN when the temperature drops down below 125
°C.
APPLICATION INFORMATION
Output Filter Design Considerations
The output filter introduces a double pole in the system at
a frequency of
fLC +
1
2 @ p @ L @ C
(eq. 2)
The internal compensation network design of the
NCP6354 is optimized for the typical output filter
comprised of a 1.0
mH inductor and a 10 mF ceramic output
capacitor, which has a double pole frequency at about
50 kHz. Other possible output filter combinations may have
a double pole around 50 kHz to have optimum operation
with the typical feedback network. Normal selection range
of the inductor is from 0.47
mH to 4.7 mH, and normal
selection range of the output capacitor is from 4.7
mF to
22
mF.
Inductor Selection
The inductance of the inductor is determined by given
peak−to−peakripple current IL_PP of approximately 20% to
50% of the maximum output current IOUT_MAX for a
trade−off between transient response and output ripple. The
inductance corresponding to the given current ripple is
L +
VIN * VOUT @ VOUT
VIN @ fSW @ IL_PP
(eq. 3)
The selected inductor must have high enough saturation
current rating to be higher than the maximum peak current
that is
IL_MAX + IOUT_MAX )
IL_PP
2
(eq. 4)
The inductor also needs to have high enough current
rating based on temperature rise concern. Low DCR is good
for efficiency improvement and temperature rise reduction.
Table 1 shows some recommended inductors for high power
applications and Table 2 shows some recommended
inductors for low power applications.
Table 1. LIST OF RECOMMENDED INDUCTORS FOR HIGH POWER APPLICATIONS
Manufacturer
Part Number
Case Size (mm)
L (mH)
Rated Current (mA)
(Inductance Drop)
Structure
MURATA
LQH44PN2R2MP0
4.0 x 4.0 x 1.8
2.2
2500 (−30%)
Wire Wound
MURATA
LQH44PN1R0NP0
4.0 x 4.0 x 1.8
1.0
2950 (−30%)
Wire Wound
MURATA
LQH32PNR47NNP0
3.0 x 2.5 x 1.7
0.47
3400 (−30%)
Wire Wound
Table 2. LIST OF RECOMMENDED INDUCTORS FOR LOW POWER APPLICATIONS
Manufacturer
Part Number
Case Size (mm)
L (mH)
Rated Current (mA)
(Inductance Drop)
Structure
MURATA
LQH44PN2R2MJ0
4.0 x 4.0 x 1.1
2.2
1320 (−30%)
Wire Wound
MURATA
LQH44PN1R0NJ0
4.0 x 4.0 x 1.1
1.0
2000 (−30%)
Wire Wound
TDK
VLS201612ET−2R2
2.0 x 1.6 x 1.2
2.2
1150 (−30%)
Wire Wound
TDK
VLS201612ET−1R0
2.0 x 1.6 x 1.2
1.0
1650 (−30%)
Wire Wound
Output Capacitor Selection
The output capacitor selection is determined by output
voltage ripple and load transient response requirement. For
a given peak−to−peak ripple current IL_PP in the inductor of
the output filter, the output voltage ripple across the output
capacitor is the sum of three components as below.
VOUT_PP + VOUT_PP(C) ) VOUT_PP(ESR) ) VOUT_PP(ESL)
(eq. 5)
where VOUT_PP(C) is a ripple component by an equivalent
total capacitance of the output capacitors, VOUT_PP(ESR) is
a ripple component by an equivalent ESR of the output
capacitors, and VOUT_PP(ESL) is a ripple component by an
equivalent ESL of the output capacitors. In PWM operation
mode, the three ripple components can be obtained by


Similar Part No. - NCP6354_12

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP6354BMTAATBG ONSEMI-NCP6354BMTAATBG Datasheet
243Kb / 15P
   3MHz, 2A Fixed-Frequency Synchronous Buck Converter
November, 2012 ??Rev. 2
More results

Similar Description - NCP6354_12

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV6354BMTAATBG ONSEMI-NCV6354BMTAATBG Datasheet
244Kb / 15P
   3MHz, 2A Fixed-Frequency Synchronous Buck Converter
November, 2012 ??Rev. 4
NCP6354 ONSEMI-NCP6354 Datasheet
243Kb / 15P
   3MHz, 2A Fixed-Frequency Synchronous Buck Converter
November, 2012 ??Rev. 2
NCV6354 ONSEMI-NCV6354 Datasheet
244Kb / 15P
   3MHz, 2A Fixed-Frequency,Synchronous Buck Converter
November, 2012 ??Rev. 4
NCV6334B ONSEMI-NCV6334B Datasheet
251Kb / 14P
   3MHz, 2A Synchronous Buck Converter
November, 2012 ??Rev. 3
NCP6334B ONSEMI-NCP6334B Datasheet
253Kb / 14P
   3MHz, 2A Synchronous Buck Converter
May, 2012 ??Rev. 2
NCP6334B-V3 ONSEMI-NCP6334B-V3 Datasheet
256Kb / 14P
   3MHz, 2A Synchronous Buck Converter
November, 2012 ??Rev. 3
NCP6324 ONSEMI-NCP6324 Datasheet
269Kb / 14P
   3MHz, 2A Synchronous Buck Converter
October, 2015 ??Rev. 3
NCV6334B ONSEMI-NCV6334B_12 Datasheet
251Kb / 14P
   3MHz, 2A Synchronous Buck Converter
November, 2012 ??Rev. 3
logo
SHANGHAI BELLING CO., L...
BL8076 BELLING-BL8076 Datasheet
686Kb / 7P
   2A 3MHz 6V Synchronous Buck Converter
BL8076 BELLING-BL8076_16 Datasheet
948Kb / 7P
   2A 3MHz 6V Synchronous Buck Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com