Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP1654 Datasheet(PDF) 2 Page - ON Semiconductor

Part # NCP1654
Description  Power Factor Controller for Compact and Robust Continuous Conduction Mode Pre-Converters
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP1654 Datasheet(HTML) 2 Page - ON Semiconductor

  NCP1654_11 Datasheet HTML 1Page - ON Semiconductor NCP1654_11 Datasheet HTML 2Page - ON Semiconductor NCP1654_11 Datasheet HTML 3Page - ON Semiconductor NCP1654_11 Datasheet HTML 4Page - ON Semiconductor NCP1654_11 Datasheet HTML 5Page - ON Semiconductor NCP1654_11 Datasheet HTML 6Page - ON Semiconductor NCP1654_11 Datasheet HTML 7Page - ON Semiconductor NCP1654_11 Datasheet HTML 8Page - ON Semiconductor NCP1654_11 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
NCP1654
http://onsemi.com
2
MAXIMUM RATINGS TABLE
Symbol
Pin
Rating
Value
Unit
DRV
8
Output Drive Capability − Source
Output Drive Capability − Sink
−1.5
+1.5
A
VCC
7
Power Supply Voltage, VCC pin, continuous voltage
−0.3, +20
V
7
Transient Power Supply Voltage, duration < 10 ms, IVCC < 10 mA
+25
V
Vin
2, 3, 4, 5, 6
Input Voltage
−0.3, +10
V
PD(SO)
RqJA(SO)
Power Dissipation and Thermal Characteristics
D suffix, Plastic Package, Case 751
Maximum Power Dissipation @ TA = 70°C
Thermal Resistance Junction−to−Air
450
178
mW
°C/W
TJ
Operating Junction Temperature Range
−40 to +125
°C
TJmax
Maximum Junction Temperature
150
°C
TSmax
Storage Temperature Range
−65 to +150
°C
TLmax
Lead Temperature (Soldering, 10 s)
300
°C
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the
Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect
device reliability.
1. This device series contains ESD protection and exceeds the following tests:
Human Body Model (HBM) 2000 V per JEDEC standard JESD22, Method A114E
Machine Model (MM) 200 V (except pin#7 which complies 150 V) per JEDEC standard JESD22, Method A115A.
2. This device contains Latch−up Protection and exceeds ±100 mA per JEDEC Standard JESD78.


Similar Part No. - NCP1654_11

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1654 ONSEMI-NCP1654_16 Datasheet
170Kb / 23P
   Continuous Conduction Mode Pre-Converters
January, 2016 ??Rev. 5
More results

Similar Description - NCP1654_11

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1654 ONSEMI-NCP1654_09 Datasheet
268Kb / 23P
   Power Factor Controller for Compact and Robust, Continuous Conduction Mode Pre-Converters
June, 2009 ??Rev. 3
NCP1654 ONSEMI-NCP1654 Datasheet
302Kb / 9P
   Power Factor Controller for Compact and Robust, Continuous Conduction Mode Pre?묬onverters
March, 2007 ??Rev. P0
NCP1655 ONSEMI-NCP1655 Datasheet
732Kb / 23P
   Power Factor Controller for Compact and Robust Multimode Pre-Converters
November, 2020 ??Rev. 0
NCP1654 ONSEMI-NCP1654_16 Datasheet
170Kb / 23P
   Continuous Conduction Mode Pre-Converters
January, 2016 ??Rev. 5
logo
Sanken electric
SSC2001S SANKEN-SSC2001S Datasheet
213Kb / 8P
   Power Factor Correction Continuous Conduction Mode Controller
logo
Infineon Technologies A...
ICE2PCS05 INFINEON-ICE2PCS05_10 Datasheet
500Kb / 20P
   Standalone Power Factor Correction (PFC) Controller in Continuous Conduction Mode
Version 1.2, 22 Mar 2010
logo
ON Semiconductor
NCP1653 ONSEMI-NCP1653 Datasheet
183Kb / 20P
   Compact, Fixed-Frequency, Continuous Conduction Mode PFC Controller
December, 2005 ??Rev. 4
NCP1653 ONSEMI-NCP1653_09 Datasheet
240Kb / 19P
   Compact, Fixed-Frequency Continuous Conduction Mode PFC Controller
August, 2009 ??Rev. 7
NCP1653 ONSEMI-NCP1653_07 Datasheet
183Kb / 19P
   Compact, Fixed?묯requency, Continuous Conduction Mode PFC Controller
March, 2007 ??Rev. 6
logo
Infineon Technologies A...
ICE2PCS01 INFINEON-ICE2PCS01_11 Datasheet
464Kb / 20P
   Standalone Power Factor Correction (PFC) Controller in Continuous Conduction Mode(CCM)
Version 2.3, 22 March 2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com