Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP1652 Datasheet(PDF) 3 Page - ON Semiconductor

Part # NCP1652
Description  High-Efficiency Single Stage Power Factor Correction and Step-Down Controller
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP1652 Datasheet(HTML) 3 Page - ON Semiconductor

  NCP1652_10 Datasheet HTML 1Page - ON Semiconductor NCP1652_10 Datasheet HTML 2Page - ON Semiconductor NCP1652_10 Datasheet HTML 3Page - ON Semiconductor NCP1652_10 Datasheet HTML 4Page - ON Semiconductor NCP1652_10 Datasheet HTML 5Page - ON Semiconductor NCP1652_10 Datasheet HTML 6Page - ON Semiconductor NCP1652_10 Datasheet HTML 7Page - ON Semiconductor NCP1652_10 Datasheet HTML 8Page - ON Semiconductor NCP1652_10 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 34 page
background image
NCP1652, NCP1652A
http://onsemi.com
3
AC COMP
AC IN
Startup
Ispos
Dual HV
start−up
current source
VCC
Management
HV current
VCC(off)
VDD
Reset
Start
VCCOK
Reset
VDD
GND
VCC
Latch−Off
S
R
Q
tLatch(delay)
blanking
Reset
Latch
+
Vlatch(high)
+
Vlatch(low)
VDD
Vlatch(clamp)
OVP Comparator
OTP Comparator
Ilatch(shdn)
OUTB
OUTA
Iavg
Rdelay
CM
VFF
FB
CT
Ramp
Comp
Oscillator
DC Max
Sawtooth
Jitter
Adj.
S
R
Q
Delay
Adj.
gm
Reference
Generator
+
V−to−I
+ inverter
+
+
21.33kW
21.33kW
tLEB
Blanking
tLEB
Blanking
V−to−I
V−to−I
4V
+
+
VSSKIP
tSSKIP
Start
Soft−skip Ramp
Delay
+
+
VSSKIP(TLD)
Terminate
+
+
VSSKIP(sync)
Ramp Comp
Inst. current B
Inst.
current B
Inst. current A
Jitter
Ramp. Comp.
Adj.
Ramp Comp
Clock
DC Max
Clock
DC Max
Delay
Delay
FB
+
+
VOVLD
tOVLD
Enable
Overload
Timer
RFB
VDD
FB
S
R
Q
OVLD
x 2
counter
Enable
Reset
+
+
VBO
VFF
BO
Out
VCCOK
BO
OVLD
Latch
AC error
Amplifier
Current sense
amplifier
PWM
comparator
PWM Skip
Comparator
AC In skip
comparator
FB skip
Comparator
Transient Load Detect
Comparator
FB overload
comparator
VFFBrown−Out
Comparator
Ilatch(clamp)
Output
Driver
Output
Driver
gm
+
+
+
Figure 2. Detailed Block Diagram
VFF


Similar Part No. - NCP1652_10

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1652A ONSEMI-NCP1652A Datasheet
346Kb / 34P
   High-Efficiency Single Stage Power Factor Correction and Step-Down Controller
April, 2010 ??Rev. 3
NCP1652A ONSEMI-NCP1652A Datasheet
346Kb / 34P
   High-Efficiency Single Stage Power Factor Correction and Step-Down Controller
April, 2010 ??Rev. 3
NCP1652ADR2G ONSEMI-NCP1652ADR2G Datasheet
346Kb / 34P
   High-Efficiency Single Stage Power Factor Correction and Step-Down Controller
April, 2010 ??Rev. 3
NCP1652DR2G ONSEMI-NCP1652DR2G Datasheet
346Kb / 34P
   High-Efficiency Single Stage Power Factor Correction and Step-Down Controller
April, 2010 ??Rev. 3
More results

Similar Description - NCP1652_10

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1652DR2G ONSEMI-NCP1652DR2G Datasheet
346Kb / 34P
   High-Efficiency Single Stage Power Factor Correction and Step-Down Controller
April, 2010 ??Rev. 3
NCP1652ADR2G ONSEMI-NCP1652ADR2G Datasheet
346Kb / 34P
   High-Efficiency Single Stage Power Factor Correction and Step-Down Controller
April, 2010 ??Rev. 3
NCL30001 ONSEMI-NCL30001 Datasheet
280Kb / 31P
   High-Efficiency Single Stage Power Factor Correction and Step-Down Offline LED Driver
March, 2010 ??Rev. 0
NCL30001 ONSEMI-NCL30001_15 Datasheet
287Kb / 31P
   High-Efficiency Single Stage Power Factor Correction
February, 2015 ??Rev. 1
NCP1615 ONSEMI-NCP1615 Datasheet
1Mb / 44P
   High Voltage High Efficiency Power Factor Correction Controller
November, 2013 ??Rev. 1
NCP1616 ONSEMI-NCP1616 Datasheet
1Mb / 35P
   High Voltage High Efficiency Power Factor Correction Controller
November, 2017 ??Rev. 0
NCP1615 ONSEMI-NCP1615_16 Datasheet
1Mb / 46P
   High Voltage High Efficiency Power Factor Correction Controller
June, 2016 ??Rev. 8
NCP1651D ONSEMI-NCP1651D Datasheet
785Kb / 32P
   Single Stage Power Factor Controller
December, 2010 -- Rev. 9
NCP1651 ONSEMI-NCP1651 Datasheet
57Kb / 8P
   Single Stage Power Factor Controller
December, 2004 ??Rev. 5
logo
Bellnix Co.,Ltd.
BPF BELLNIX-BPF Datasheet
666Kb / 10P
   Compact and high efficiency power factor correction unit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com