Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP1631 Datasheet(PDF) 6 Page - ON Semiconductor

Part # NCP1631
Description  Interleaved, 2-Phase Power Factor Controller
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP1631 Datasheet(HTML) 6 Page - ON Semiconductor

Back Button NCP1631_10 Datasheet HTML 2Page - ON Semiconductor NCP1631_10 Datasheet HTML 3Page - ON Semiconductor NCP1631_10 Datasheet HTML 4Page - ON Semiconductor NCP1631_10 Datasheet HTML 5Page - ON Semiconductor NCP1631_10 Datasheet HTML 6Page - ON Semiconductor NCP1631_10 Datasheet HTML 7Page - ON Semiconductor NCP1631_10 Datasheet HTML 8Page - ON Semiconductor NCP1631_10 Datasheet HTML 9Page - ON Semiconductor NCP1631_10 Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
NCP1631
http://onsemi.com
6
Table 3. DETAILED PIN DESCRIPTION
Pin Number
Name
Function
1
ZCD2
This is the zero current detection pin for phase 2 of the interleaved PFC stage. Apply the voltage
from an auxiliary winding to detect the core reset of the inductor and the valley of the MOSFET
drain source voltage
2
FB
This pin receives a portion of the pre−converter output voltage. This information is used for the reg-
ulation and the “output low” detection (VOUTL) that drastically speed−up the loop response when the
output voltage drops below 95.5% of the wished level.
3
RT
The resistor placed between pin 3 and ground adjusts the maximum on−time of our system for both
phases, and hence the maximum power that can be delivered by the PFC stage.
4
OSC
Connect a capacitor to set the clamp frequency of the PFC stage. If wished, this frequency can be
reduced in light load as a function of the resistor placed between pin 6 and ground (frequency
fold−back). If the coil current cycle is longer than the selected switching period, the circuit delays
the next cycle until the core is reset. Hence, the PFC stage can operate in Critical Conduction Mode
in the most stressful conditions.
5
VControl
The error amplifier output is available on this pin. The capacitor connected between this pin and
ground adjusts the regulation loop bandwidth that is typically set below 20 Hz to achieve high Power
Factor ratios.
Pin5 is grounded when the circuit is off so that when it starts operation, the power increases slowly
(soft−start).
6
Freq. Foldback
Apply a resistor between pin 6 and ground to adjust the oscillator charge current. Clamped not to
exceed 100 mA, this charge current is made proportional to the power level for a reduced switching
frequency at light load and an optimum efficiency over the load range.
7
BO
(Brown−out
Protection)
Apply an averaged portion of the input voltage to detect brown−out conditions when Vpin2 drops
below 1 V. A 50−ms internal delay blanks short mains interruptions to help meet hold−up time re-
quirements. When it detects a brown−out condition, the circuit stops pulsing and grounds the
“pfcOK” pin to disable the downstream converter. Also an internal 7−mA current source is activated
to offer a programmable hysteresis.
The pin2 voltage is internally re−used for feed−forward.
Grounding pin 7 disables the part (after the 50−ms blanking time has elapsed).
8
OVP / UVP
The circuit turns off when Vpin9 goes below 480 mV (UVP) and disables the drive as long as the pin
voltage exceeds 2.5 V (OVP).
9
CS
This pin monitors a negative voltage proportional to the coil current. This signal is sensed to limit the
maximum coil current and protect the PFC stage in presence of in−rush currents.
10
Latch
Apply a voltage higher than 2.5 V to latch−off the circuit. The device is reset by unplugging the PFC
stage (practically when the circuit detects a brown−out detection) or by forcing the circuit VCC below
VCCRST (4 V typically). Operation can then resume when the line is applied back.
11
DRV2
This is the gate drive pin for phase 2 of the interleaved PFC stage. The high current capability of the
totem pole gate drive (+0.5/−0.8 A) makes it suitable to effectively drive high gate charge power
MOSFETs.
12
VCC
This pin is the positive supply of the IC. The circuit starts to operate when VCC exceeds 12 V and
turns off when VCC goes below 10 V (typical values). After start−up, the operating range is 9.5 V up
to 20 V.
13
GND
Connect this pin to the pre−converter ground.
14
DRV1
This is the gate drive pin for phase 1 of the interleaved PFC stage. The high current capability of the
totem pole gate drive (+0.5/−0.8 A) makes it suitable to effectively drive high gate charge power
MOSFETs.
15
REF5V /
pfcOK
The pin15 voltage is high (5 V) when the PFC stage is in a normal, steady state situation and low
otherwise. This signal serves to “inform” the downstream converter that the PFC stage is ready and
that hence, it can start operation.
16
ZCD1
This is the zero current detection pin for phase 1 of the interleaved PFC stage. Apply the voltage
from an auxiliary winding to detect the core reset of the inductor and the valley of the MOSFET
drain source voltage.


Similar Part No. - NCP1631_10

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1631 ONSEMI-NCP1631_16 Datasheet
456Kb / 24P
   Interleaved, 2-Phase Power Factor Controller
March, 2016 ??Rev. 7
More results

Similar Description - NCP1631_10

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1632 ONSEMI-NCP1632 Datasheet
392Kb / 25P
   Interleaved, 2-Phase Power Factor Controller
July, 2017 ??Rev. 0
NCP1631 ONSEMI-NCP1631 Datasheet
604Kb / 23P
   Interleaved, 2-Phase Power Factor Controller
August, 2009 ??Rev. 0
NCP1632 ONSEMI-NCP1632_18 Datasheet
301Kb / 25P
   Interleaved, 2-Phase Power Factor Controller
January, 2018 ??Rev. 3
NCP1631 ONSEMI-NCP1631_16 Datasheet
456Kb / 24P
   Interleaved, 2-Phase Power Factor Controller
March, 2016 ??Rev. 7
logo
STMicroelectronics
L6712 STMICROELECTRONICS-L6712_05 Datasheet
626Kb / 29P
   TWO-PHASE INTERLEAVED DC/DC CONTROLLER
L6712 STMICROELECTRONICS-L6712 Datasheet
1Mb / 27P
   TWO-PHASE INTERLEAVED DC/DC CONTROLLER
logo
Texas Instruments
UCC28070 TI-UCC28070 Datasheet
403Kb / 27P
[Old version datasheet]   Two-Phase Interleaved CCM PFC Controller
logo
Fairchild Semiconductor
FPAM50LH60 FAIRCHILD-FPAM50LH60 Datasheet
1Mb / 11P
   Smart Power Module for 2-phase Interleaved PFC
logo
ON Semiconductor
FPAM30LH60 ONSEMI-FPAM30LH60 Datasheet
538Kb / 13P
   PFC SPM 2 Series for 2-Phase Interleaved PFC
July 2016 Rev. 1.5
FPAM50LH60 ONSEMI-FPAM50LH60 Datasheet
614Kb / 13P
   PFC SPM 2 Series for 2-Phase Interleaved PFC
June 2015 Rev. 1.4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com